Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB715 Datasheet(PDF) 1 Page - Stanson Technology

Part # RB715
Description  Schottky Barrier Diode
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

RB715 Datasheet(HTML) 1 Page - Stanson Technology

  RB715 Datasheet HTML 1Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Schottky Barrier Diode
RB715
60 mA
SOT-23
1. Anode 1
2. Anode 2
3. Cathode
GENERAL PURPOSE DETEDTION
HIGH SPEED SWITCHING
LOW REVERSE CURRENT AND
FORWARD VLOTAGE
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS(Ta=25℃)
BETWEEN PIN 1 AND PIN 3 OR PIN2 AND PIN3
PARAMETERS
SYMBOL MIN TYP MAX
UNIT
CONDITION
Reverse Voltage
VR
40
V
IR=1mA
Rectifying Current
IO
30
mA
Peak Surge Current
IFSM
200
mA
60Hz
Forward Voltage
VF
0.37
V
IF=1mA
Reverse Current
IR
1
uA
VR=10V
Capacitance Between Terminal
CT
2.0
pF
VR=1V,f=1MHz
Power Dissipation
Pc
0.2
W
Junction Temperature
Tj
125
Storage Temperature
Tstg
-40
125
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
TEL: (650) 9389294 FAX: (650) 9389295


Similar Part No. - RB715

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
RB715 SSE-RB715 Datasheet
668Kb / 1P
   Schottky Barrier Diode
logo
Galaxy Semi-Conductor H...
RB715F BILIN-RB715F Datasheet
402Kb / 3P
   Schottky Barrier Diode
logo
Rohm
RB715F ROHM-RB715F Datasheet
199Kb / 4P
   Schottky barrier diode
RB715F ROHM-RB715F Datasheet
1Mb / 8P
   Schottky Barrier Diode
logo
TRANSYS Electronics Lim...
RB715F TEL-RB715F Datasheet
64Kb / 1P
   SCHOTTKY BARRIER DIODE
More results

Similar Description - RB715

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com