Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D882 Datasheet(PDF) 1 Page - Stanson Technology

Part # D882
Description  PNP TRANSISTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

D882 Datasheet(HTML) 1 Page - Stanson Technology

  D882 Datasheet HTML 1Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PNP TRANSISTOR
D882
3.0A
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS(Ta=25℃)
PARAMETERS
SYMBOL MIN TYP MAX
UNIT
CONDITION
Collector-Emitter Breakdown Voltage
BVceo
30
V
Ic=1mA
Collector-Base Breakdown Voltage
BVcbo
4 0
V
Ic=5uA
Emitter-Base Breakdown Voltage
BVebo
5
V
Ie=50μA
Collector-Base Leakage
Icbo
0.1
uA
Vcb=10V
Emitter-Base Leakage
Iebo
0.1
uA
Veb=5V
Collector-Emitter Saturation Voltage Vce(sat)
0.5
V
Ic=2A, Ib=0.1A
DC Current Gain
Hfe1
80
390
Vce=2V,Ic=0.5A
Collector Current
Ic
3
A
Peak Collector Current
Icp
5
A(Pulse)
Current Gain Bandwidth
fT
50
MHz
Vcb=5V, Ic=0.1A
Output Capacitance
Cob
50
pF
Vcb=10V,Ie=0,f=1MHz
Power Dissipation
Pc
1.25
W
Junction Temperature
Tj
150
Storage Temperature
Tstg
-55
150
Classification of Hfe
Rank
R
O
Y
Range
80-160
100-200
170-390
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
TEL: (650) 9389294 FAX: (650) 9389295
AF OUTPUT AMPLIFIER
FOR DC-DC CONVERTER
FOR CAMERA MOTOR DRIVER


Similar Part No. - D882

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D882 ETC-D882 Datasheet
1Mb / 1P
   TO-126 Plastic-Encapsulate Transistors
logo
SHENZHEN YONGERJIA INDU...
D882 WINNERJOIN-D882 Datasheet
126Kb / 1P
   NPN TRANSISTOR
logo
Nanjing International G...
D882 DGNJDZ-D882 Datasheet
541Kb / 2P
   SOT-89-3L Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
D882 JIANGSU-D882 Datasheet
131Kb / 2P
   TRANSISTOR竊?NPN 竊
logo
Nanjing International G...
D882 DGNJDZ-D882 Datasheet
397Kb / 2P
   TO-126 Plastic-Encapsulate Transistors
More results

Similar Description - D882

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
   DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
EMZ8 JIANGSU-EMZ8 Datasheet
4Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
   DUAL TRANSISTOR (PNPPNP)
MMDT3906 JIANGSU-MMDT3906 Datasheet
3Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com