Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF-511P8-TR2 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # ATF-511P8-TR2
Description  High Linearity Enhancement Mode
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ATF-511P8-TR2 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button ATF-511P8-TR2 Datasheet HTML 4Page - Agilent(Hewlett-Packard) ATF-511P8-TR2 Datasheet HTML 5Page - Agilent(Hewlett-Packard) ATF-511P8-TR2 Datasheet HTML 6Page - Agilent(Hewlett-Packard) ATF-511P8-TR2 Datasheet HTML 7Page - Agilent(Hewlett-Packard) ATF-511P8-TR2 Datasheet HTML 8Page - Agilent(Hewlett-Packard) ATF-511P8-TR2 Datasheet HTML 9Page - Agilent(Hewlett-Packard) ATF-511P8-TR2 Datasheet HTML 10Page - Agilent(Hewlett-Packard) ATF-511P8-TR2 Datasheet HTML 11Page - Agilent(Hewlett-Packard) ATF-511P8-TR2 Datasheet HTML 12Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
Notes:
1. S parameter is measured on a microstrip line
made on 0.025 inch thick alumina carrier. The
input reference plane is at the end of the gate
lead. The output reference plane is at the end
of the drain lead.
Figure 32. MSG/MAG & |S21|
2 (dB)
@ 4.5V, 300 mA.
FREQUENCY (GHz)
40
30
20
10
0
-10
-20
0
5
10
15
20
S21
MAG
MSG
ATF-511P8 Typical Scattering Parameters, VDS = 4.5V, IDS = 300 mA
Freq.
S11
S21
S12
S22
MSG/MAG
GHz
Mag.
Ang.
dB
Mag.
Ang.
dB
Mag.
Ang.
Mag.
Ang.
dB
0.1
0.94
-134.9
31.16
36.15
111.2
-38.53
0.01
29.7
0.73
-164.5
34.79
0.2
0.93
-157.7
25.64
19.14
99.2
-37.87
0.01
21.8
0.76
-173.7
31.68
0.3
0.93
-166.6
22.26
12.97
94.2
-37.61
0.01
21.1
0.78
-176.8
29.99
0.4
0.93
-171.8
19.78
9.74
90.9
-37.09
0.01
23.4
0.78
-179.9
28.43
0.5
0.92
-173.9
18.70
8.60
88.9
-36.15
0.01
25.4
0.75
178.9
27.31
0.6
0.93
-176.9
17.12
7.18
86.1
-35.80
0.01
27.0
0.75
176.9
26.52
0.7
0.92
-178.8
15.78
6.15
84.3
-35.41
0.01
29.5
0.75
175.5
25.59
0.8
0.93
178.7
14.61
5.37
82.3
-35.11
0.01
32.5
0.76
174.0
24.75
0.9
0.92
177.1
13.58
4.77
80.6
-35.00
0.01
33.1
0.75
172.8
24.24
1
0.93
175.7
12.64
4.28
79.1
-34.46
0.01
35.0
0.76
171.6
23.53
1.5
0.93
168.7
8.99
2.81
71.4
-32.70
0.02
40.0
0.76
166.0
20.88
2
0.93
163.0
6.36
2.08
64.2
-31.27
0.02
42.3
0.76
160.6
17.20
2.5
0.92
157.8
4.40
1.66
57.2
-29.90
0.03
42.5
0.76
155.5
14.71
3
0.92
152.5
2.73
1.36
50.4
-28.59
0.03
41.6
0.75
149.7
12.65
4
0.92
142.8
0.03
1.00
37.6
-26.69
0.04
35.7
0.74
138.6
9.96
5
0.91
133.2
-2.17
0.77
24.2
-25.30
0.05
29.8
0.71
127.2
7.23
6
0.91
124.6
-4.21
0.61
14.1
-24.32
0.06
23.7
0.65
117.2
4.97
7
0.91
115.7
-5.80
0.51
5.6
-23.48
0.06
19.5
0.59
111.3
3.02
8
0.91
106.0
-6.82
0.45
-2.6
-22.49
0.07
14.1
0.56
108.2
1.86
9
0.91
95.5
-7.36
0.42
-10.2
-21.39
0.08
8.5
0.58
103.7
1.19
10
0.90
85.2
-7.98
0.40
-22.2
-20.50
0.09
0.4
0.60
96.0
0.53
11
0.89
74.3
-8.69
0.38
-29.1
-19.72
0.10
-8.4
0.63
87.2
-0.04
12
0.89
63.0
-9.25
0.35
-40.1
-19.42
0.10
-17.1
0.65
77.6
-0.61
13
0.89
54.1
-9.80
0.32
-51.7
-19.12
0.11
-23.9
0.67
68.2
-1.04
14
0.90
46.3
-10.25
0.31
-55.2
-18.65
0.11
-29.7
0.69
58.7
-1.13
15
0.90
40.6
-10.86
0.30
-57.3
-18.57
0.11
-35.8
0.69
50.1
-1.88
16
0.89
33.3
-11.16
0.32
-71.1
-18.02
0.12
-42.3
0.71
41.8
-2.26
17
0.83
25.4
-11.81
0.24
-75.3
-17.65
0.13
-47.1
0.73
35.1
-3.17
18
0.86
20.0
-12.07
0.24
-90.5
-17.43
0.13
-53.1
0.76
27.7
-3.76


Similar Part No. - ATF-511P8-TR2

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ATF-511P8 AVAGO-ATF-511P8 Datasheet
472Kb / 15P
   High Linearity Enhancement Mode
logo
Broadcom Corporation.
ATF-511P8 BOARDCOM-ATF-511P8 Datasheet
472Kb / 15P
   High Linearity Enhancement Mode[1] Pseudomorphic HEMT
More results

Similar Description - ATF-511P8-TR2

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ATF-531P8 AVAGO-ATF-531P8 Datasheet
267Kb / 15P
   High Linearity Enhancement Mode
ATF-511P8 AVAGO-ATF-511P8 Datasheet
472Kb / 15P
   High Linearity Enhancement Mode
ATF-521P8 AVAGO-ATF-521P8_15 Datasheet
336Kb / 23P
   High Linearity Enhancement Mode
ATF-501P8 AVAGO-ATF-501P8 Datasheet
804Kb / 22P
   High Linearity Enhancement Mode
ATF-52189 AVAGO-ATF-52189 Datasheet
425Kb / 19P
   High Linearity Mode Enhancement
logo
Broadcom Corporation.
ATF-52189 BOARDCOM-ATF-52189 Datasheet
425Kb / 19P
   High Linearity Mode[1] Enhancement
ATF-511P8 BOARDCOM-ATF-511P8 Datasheet
472Kb / 15P
   High Linearity Enhancement Mode[1] Pseudomorphic HEMT
ATF-531P8ATF-531P8 BOARDCOM-ATF-531P8ATF-531P8 Datasheet
267Kb / 15P
   High Linearity Enhancement Mode[1] Pseudomorphic HEMT
ATF-521P8 BOARDCOM-ATF-521P8 Datasheet
336Kb / 23P
   High Linearity Enhancement Mode[1] Pseudomorphic HEMT
ATF-501P8 BOARDCOM-ATF-501P8 Datasheet
804Kb / 22P
   High Linearity Enhancement Mode[1] Pseudomorphic HEMT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com