Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1550PPTR Datasheet(PDF) 4 Page - Analog Intergrations Corporation

Part # AIC1550PPTR
Description  Low-Noise Synchronous PWM Step-Down DC/DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1550PPTR Datasheet(HTML) 4 Page - Analog Intergrations Corporation

  AIC1550PPTR Datasheet HTML 1Page - Analog Intergrations Corporation AIC1550PPTR Datasheet HTML 2Page - Analog Intergrations Corporation AIC1550PPTR Datasheet HTML 3Page - Analog Intergrations Corporation AIC1550PPTR Datasheet HTML 4Page - Analog Intergrations Corporation AIC1550PPTR Datasheet HTML 5Page - Analog Intergrations Corporation AIC1550PPTR Datasheet HTML 6Page - Analog Intergrations Corporation AIC1550PPTR Datasheet HTML 7Page - Analog Intergrations Corporation AIC1550PPTR Datasheet HTML 8Page - Analog Intergrations Corporation AIC1550PPTR Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
AIC1550
ELECTRICAL CHARACTERISTICS
(VIN=+3.6V, TA=+25°C, SYNC/MODE =GND, SHDN =IN, unless otherwise specified.) (Note1)
PARAMETER
SYMBOL CONDITIONS
MIN
TYP
MAX UNITS
Input Voltage Range
VIN
2.5
6.5
V
Output Adjustment Range
VOUT
VREF
VIN
V
Feedback Voltage
VFB
0.735
0.75
0.765
V
Line Regulation
Duty Cycle = 100% to 23%
+1
%
Load Regulation
IOUT = 0 to 800mA
-1.3
%
FB Input Current
IFB
VFB = 1.4V,
-50
0.01
50
nA
VIN = 3.6V
0.32
0.65
P-Channel On-Resistance PRDS(ON) ILX = 100mA
VIN = 2.5V
0.38
VIN = 3.6V
0.32
0.65
N-Channel On-Resistance NRDS(ON) ILX = 100mA
VIN = 2.5V
0.38
P-Channel Current-Limit
Threshold
(Note 2)
1
1.5
2.1
A
Quiescent Current
SYNC/MODE = GND,
VFB = 1.4V, LX unconnected
35
70
µA
Shutdown Supply Current
SHDN
= LX = GND, includes LX
leakage current
0.1
1
µA
LX Leakage Current
VIN = 5.5V, VLX = 0 or 5.5V
-20
0.1
20
µA
Oscillator Frequency
fOSC
400
500
600
KHz
SYNC Capture Range
500
1000
KHz
Maximum Duty Cycle
dutyMAX
100
%
Undervoltage Lockout
Threshold
UVLO
VIN rising, typical hysteresis is
85mV
1.9
2.0
2.1
V
Logic Input High
VIH
SHDN
, SYNC/MODE, LIM
2
V
Logic Input Low
VIL
SHDN
, SYNC/MODE, LIM
0.4
V
Logic Input Current
SHDN
, SYNC/MODE, LIM
-1
0.1
1
µA
SYNC/MODE Minimum
Pulse Width
High or low
500
nS
Note 1: Specifications are production tested at TA=25
°C. Specifications over the -40°C to 85°C operating
temperature range are assured by design, characterization and correlation with Statistical
Quality Controls (SQC).
Note 2: Maximum specification is guaranteed by design, not production tested.
4


Similar Part No. - AIC1550PPTR

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1553 AIC-AIC1553 Datasheet
391Kb / 9P
   Compact 500KHz PWM/PFM, Step-Down DC/DC Converters
AIC1553CV AIC-AIC1553CV Datasheet
391Kb / 9P
   Compact 500KHz PWM/PFM, Step-Down DC/DC Converters
AIC1553CVBG AIC-AIC1553CVBG Datasheet
391Kb / 9P
   Compact 500KHz PWM/PFM, Step-Down DC/DC Converters
AIC1553CVTR AIC-AIC1553CVTR Datasheet
391Kb / 9P
   Compact 500KHz PWM/PFM, Step-Down DC/DC Converters
AIC1554 AIC-AIC1554 Datasheet
789Kb / 15P
   Low-Noise Synchronous PWM Step-Down DC/DC Converter
More results

Similar Description - AIC1550PPTR

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6550 SSC-SS6550 Datasheet
403Kb / 13P
   Low-Noise Synchronous PWM Step-Down DC/DC Converter
logo
Analog Intergrations Co...
AIC1555 AIC-AIC1555 Datasheet
717Kb / 15P
   Low-Noise Synchronous PWM Step-Down DC/DC Converter
AIC1554 AIC-AIC1554 Datasheet
789Kb / 15P
   Low-Noise Synchronous PWM Step-Down DC/DC Converter
logo
Linear Technology
LT1612 LINER-LT1612_1 Datasheet
252Kb / 12P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
LT1612 LINER-LT1612_15 Datasheet
257Kb / 12P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
LT1612 LINER-LT1612 Datasheet
176Kb / 8P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
logo
List of Unclassifed Man...
RT9226B ETC-RT9226B Datasheet
139Kb / 6P
   SYNCHRONOUS PWM STEP-DOWN DC/DC CONVERTER CONTROLLER
logo
ELM Technology Corporat...
ELM611DA ELM-TECH-ELM611DA Datasheet
983Kb / 11P
   high efficiency synchronous PWM step down DC/DC converter
ELM600XB ELM-TECH-ELM600XB_17 Datasheet
1Mb / 7P
   high efficiency synchronous PWM step down DC/DC converter
logo
RICOH electronics devic...
R1232D RICOH-R1232D Datasheet
845Kb / 24P
   PWM STEP-DOWN DC/DC CONVERTER WITH SYNCHRONOUS RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com