Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UN2154 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # UN2154
Description  Silicon PNP epitaxial planer transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

UN2154 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  UN2154 Datasheet HTML 1Page - Panasonic Semiconductor UN2154 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Transistors with built-in Resistor
UN2154
Silicon PNP epitaxial planer transistor
For digital circuits
s Features
q
High forward current transfer ratio hFE.
q
Costs can be reduced through downsizing of the equipment and
reduction of the number of parts.
q
Mini type package, allowing downsizing of the equipment and
automatic insertion through tape packing and magazine packing.
s Absolute Maximum Ratings (Ta=25˚C)
1:Base
2:Emitter
EIAJ:SC-59
3:Collector
Mini Type Package
Unit: mm
Marking Symbol:
EV
Internal Connection
Parameter
Symbol
Ratings
Unit
Collector to base voltage
VCBO
–30
V
Collector to emitter voltage
VCEO
–30
V
Collector current
IC
–100
mA
Total power dissipation
PT
200
mW
Junction temperature
Tj
150
˚C
Storage temperature
Tstg
–55 to +150
˚C
2.8
+0.2
–0.3
1.5
+0.25
–0.05
0.65
±0.15
0.65
±0.15
3
1
2
0.4
±0.2
0.1 to 0.3
B
C
E
R1(10k
Ω)
R2
(47k
Ω)
s Electrical Characteristics (Ta=25˚C)
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector to base voltage
VCBO
IC = –10µA, IE = 0
–30
V
Collector to emitter voltage
VCEO
IC = –2mA, IB = 0
–30
V
Collector cutoff current
ICBO
VCB = –30V, IE = 0
– 0.1
µA
ICEO
VCE = –30V, IB = 0
– 0.5
µA
Emitter cutoff current
IEBO
VEB = –3V, IC = 0
– 0.1
mA
Forward current transfer ratio
hFE
VCE = –10V, IC = –5mA
80
Collector to emitter saturation voltage
VCE(sat)
IC = –50mA, IB = – 0.33mA
– 0.5
–1.2
V
Output voltage high level
VOH
VCC = –5V, VB = – 0.5V, RL = 1kΩ
–4.9
V
Output voltage low level
VOL
VCC = –5V, VB = –2.5V, RL = 1kΩ
– 0.2
V
Input resistance
R1
–30%
10
+30%
k
Resistance ratio
R1/R2
0.213
Transition frequency
fT
VCB = –10V, IE = 1mA, f = 200MHz
80
MHz


Similar Part No. - UN2154

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UN2154 PANASONIC-UN2154 Datasheet
48Kb / 3P
   Silicon PNP epitaxial planer transistor
More results

Similar Description - UN2154

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
XP1601 PANASONIC-XP1601 Datasheet
56Kb / 5P
   Silicon PNP(PNP) epitaxial planer transistor
XN1111 PANASONIC-XN1111 Datasheet
34Kb / 2P
   Silicon PNP epitaxial planer transistor
XN1116 PANASONIC-XN1116 Datasheet
33Kb / 2P
   Silicon PNP epitaxial planer transistor
XN1118 PANASONIC-XN1118 Datasheet
34Kb / 2P
   Silicon PNP epitaxial planer transistor
XN4114 PANASONIC-XN4114 Datasheet
33Kb / 2P
   Silicon PNP epitaxial planer transistor
XN4130 PANASONIC-XN4130 Datasheet
34Kb / 2P
   Silicon PNP epitaxial planer transistor
XN6112 PANASONIC-XN6112 Datasheet
33Kb / 2P
   Silicon PNP epitaxial planer transistor
XN611FH PANASONIC-XN611FH Datasheet
51Kb / 4P
   Silicon PNP epitaxial planer transistor
XP4112 PANASONIC-XP4112 Datasheet
33Kb / 2P
   Silicon PNP epitaxial planer transistor
XP4115 PANASONIC-XP4115 Datasheet
32Kb / 2P
   Silicon PNP epitaxial planer transistor
XP4116 PANASONIC-XP4116 Datasheet
32Kb / 2P
   Silicon PNP epitaxial planer transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com