Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL710-2 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # IL710-2
Description  High Speed Digital Isolator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IL710-2 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  IL710-2 Datasheet HTML 1Page - List of Unclassifed Manufacturers IL710-2 Datasheet HTML 2Page - List of Unclassifed Manufacturers IL710-2 Datasheet HTML 3Page - List of Unclassifed Manufacturers IL710-2 Datasheet HTML 4Page - List of Unclassifed Manufacturers IL710-2 Datasheet HTML 5Page - List of Unclassifed Manufacturers IL710-2 Datasheet HTML 6Page - List of Unclassifed Manufacturers IL710-2 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
IL710
ISOLOOP®
3
RHOPOINT COMPONENTS Hurst Green, Oxted, Surrey RH8 9AX UK
Telephone: +44 (0) 870 608 1188
Fax: +44 (0) 870 241 2255
Internet: www.rhopointcomponents.com
Electrical Specifications
Electrical Specifications are Tmin to Tmax unless otherwise stated.
Parameter
Symbol
3.3 Volt Specifiations
5Volt Specifications
Units
Test Conditions
DC Specifications
Min.
Typ.
Max.
Min.
Typ.
Max.
Input Quiescent Supply Current
IDD1
4.5
7
6
10
µA
Output Quiescent Supply Current
IDD2
2.2
3.3
4
5
mA
Logic Input Current
I
I
-10
10
-10
10
µA
Logic High Output Voltage
V
OH
VDD2-0.1
VDD2
VDD2-0.1
VDD2
V
I
O =-20 µA, VI =VIH
0.8*V
DD
2 VDD2-0.5
0.8*V
DD
2 VDD2-0.5
I
O
=-4mA, V
I =VIH
Logic Low Output Voltage
V
OL
0
0.1
0
0.1
V
I
O =20 µA, VI =VIL
0.5
0.8
0.5
0.8
I
O
= 4 mA, V
I =VIL
Switching Specifications
MaximumData Rate
100
110
100
110
MBd
C
L =15pF
Pulse Width
PW
10
10
ns
Propagation Delay
Input to Output (High to Low)
t
PHL
12
18
10
15
ns
C
L
=15pF
Propagation Delay
Input to Output ( Low to High)
t
PLH
12
18
10
15
ns
C
L
=15pF
Propagation Delay Enable to Output
(High to High Impedance)
t
PHZ
35
3
5
ns
C
L
=15pF
Propagation Delay Enable to Output
(Low to High Impedance)
t
PLZ
35
3
5
ns
C
L
=15pF
Propagation Delay Enable to Output
(High Impedance to High)
t
PZH
35
3
5
ns
C
L
=15pF
Propagation Delay Enable to Output
(High Impedance to Low)
t
PZL
35
3
5
ns
C
L
=15pF
Pulse Width Distortion
(2)
23
2
3
Propagation Delay Skew
(3)
t
PSK
46
4
6
ns
C
L =15pF
Output Rise Time (10-90%)
t
R
24
1
3
ns
C
L =15pF
Output Fall Time (10-90%)
t
F
24
1
3
ns
C
L =15pF
Common Mode Transient
|CMH|
Immunity (Output Logic High or
20
30
20
30
kV/
µs
Vcm = 300V
Logic Low)
(4)
|CML|
Pin Connections
1VDD1
Input Power Supply
2V
I
Logic Input Signal
3
NC
No Internal Connection
4
GND1
Input Power Supply Ground
5
GND2
Output Power Supply Ground
6V
O
Output Logic Signal
7V
OE
Logic Output Enable*
8V
DD
2
Output Power Supply
*Held low Internally
1
H
2
3
4
5
6
7
8
V
DD1
V
DD2
VI
V
O
GND
1
GND2
NC
V
OE
Isolation
Barrier


Similar Part No. - IL710-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL710-2 ETC-IL710-2 Datasheet
477Kb / 8P
   T-Series Wide Temperature Range High Speed Digital Coupler
More results

Similar Description - IL710-2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM67221FV-C ROHM-BM67221FV-C Datasheet
2Mb / 28P
   High Speed Digital Isolator
logo
List of Unclassifed Man...
IL711-2B ETC2-IL711-2B Datasheet
416Kb / 8P
   High Speed Dual Digital Isolator
logo
ON Semiconductor
NCID9301 ONSEMI-NCID9301 Datasheet
286Kb / 16P
   High Speed 3-Channel Digital Isolator
January, 2022 - Rev. 0
NCID9401 ONSEMI-NCID9401 Datasheet
296Kb / 15P
   High Speed Quad-Channel Digital Isolator
August, 2020 ??Rev. P1
NCID9401 ONSEMI-NCID9401_V01 Datasheet
441Kb / 15P
   High Speed Quad-Channel Digital Isolator
August, 2022 - Rev. 1
logo
Rohm
BM67220FV-C ROHM-BM67220FV-C Datasheet
2Mb / 28P
   High Speed Digital Isolator 2500 Vrms 2ch
logo
ON Semiconductor
NCID9200 ONSEMI-NCID9200 Datasheet
242Kb / 12P
   High Speed Dual-Channel, Ceramic Digital Isolator
December, 2021 - Rev. P0
logo
Texas Instruments
ISO7731B TI1-ISO7731B Datasheet
1Mb / 38P
[Old version datasheet]   High-Speed, Basic Insulation Triple-Channel Digital Isolator
logo
Renesas Technology Corp
ISL71710M RENESAS-ISL71710M Datasheet
2Mb / 26P
   Radiation Tolerant Active-Input High Speed Digital Isolator
Mar 11, 2021
ISL71710SLHM RENESAS-ISL71710SLHM Datasheet
657Kb / 17P
   Radiation Hardened Active-Input High Speed Digital Isolator
Jul 26, 2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com