Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P0531961H Datasheet(PDF) 1 Page - Eudyna Devices Inc

Part # P0531961H
Description  1.9 GHz band Power Amplifier Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

P0531961H Datasheet(HTML) 1 Page - Eudyna Devices Inc

  P0531961H Datasheet HTML 1Page - Eudyna Devices Inc P0531961H Datasheet HTML 2Page - Eudyna Devices Inc P0531961H Datasheet HTML 3Page - Eudyna Devices Inc P0531961H Datasheet HTML 4Page - Eudyna Devices Inc P0531961H Datasheet HTML 5Page - Eudyna Devices Inc P0531961H Datasheet HTML 6Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
• 1.9 GHz frequency band
• Typical 33.5 dBm output power
• Low power consumption 11 W typ.
• Excellent adjacent leakage power
• Typical 33 dB power gain
• Cost-effective metal package
• Low thermal resistance structure
Applications
• Final stage power amplifier of base station for PHS
Description
The P0531961H is a high performance 1.9 GHz band power amplifier module capable of
33.5 dBm output power with a typical 33 dB gain at 1.9 GHz band, housed in a cost effective
metal package. This device features a low power consumption owing to the excellent linear-
ity and high gain of the pulse-doped GaAs MESFET developed by SEI, dissipating 1100 mA
typical. It operates from +10 V and -5 V power supplies.
P0531961H
1.9 GHz band
Power Amplifier Module
03.06.04


Similar Part No. - P0531961H

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
P0531981H EUDYNA-P0531981H Datasheet
99Kb / 6P
   1.9 GHz band Power Amplifier Module
More results

Similar Description - P0531961H

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
P0511946H EUDYNA-P0511946H Datasheet
413Kb / 5P
   1.9 GHz band Power Amplifier Module
P0531981H EUDYNA-P0531981H Datasheet
99Kb / 6P
   1.9 GHz band Power Amplifier Module
logo
Toshiba Semiconductor
TA4401CT TOSHIBA-TA4401CT Datasheet
230Kb / 11P
   1.9 ~ 2.5 GHz Band Power Amplifier
logo
National Semiconductor ...
LMX2119 NSC-LMX2119 Datasheet
122Kb / 6P
   1.9 GHz Power Amplifier
logo
Mitsubishi Electric Sem...
MA1046-1 MITSUBISHI-MA1046-1 Datasheet
26Kb / 1P
   For 1.9 GHz - Power Amplifier
logo
Johanson Technology Inc...
1906BP18A027 JOHANSON-1906BP18A027 Datasheet
107Kb / 2P
   1.9 GHz Band Pass Filter
logo
Mitsubishi Electric Sem...
MGFL45V1920A MITSUBISHI-MGFL45V1920A_11 Datasheet
124Kb / 3P
   1.9-2.0 GHz BAND / 32W
MGFL48V1920 MITSUBISHI-MGFL48V1920_11 Datasheet
321Kb / 5P
   1.9-2.0 GHz BAND / 60W
logo
Johanson Technology Inc...
1906BP18C027 JOHANSON-1906BP18C027 Datasheet
83Kb / 2P
   1.9 GHz Band Pass Filter
logo
NEC
UPC8119T NEC-UPC8119T_02 Datasheet
40Kb / 3P
   1.9 GHz AGC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com