Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KP029J Datasheet(PDF) 3 Page - Eudyna Devices Inc

Part # KP029J
Description  2W GaAs Power FET (Pb-Free Type)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

KP029J Datasheet(HTML) 3 Page - Eudyna Devices Inc

  KP029J Datasheet HTML 1Page - Eudyna Devices Inc KP029J Datasheet HTML 2Page - Eudyna Devices Inc KP029J Datasheet HTML 3Page - Eudyna Devices Inc KP029J Datasheet HTML 4Page - Eudyna Devices Inc KP029J Datasheet HTML 5Page - Eudyna Devices Inc KP029J Datasheet HTML 6Page - Eudyna Devices Inc KP029J Datasheet HTML 7Page - Eudyna Devices Inc KP029J Datasheet HTML 8Page - Eudyna Devices Inc KP029J Datasheet HTML 9Page - Eudyna Devices Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Technical Note
P0120009P
2W GaAs Power FET (Pb-Free Type)
SUMITOMO ELECTRIC
Tc=25°C, Vds=8V, Ids=350mA, Common Source, Zo=50(Calibrated to device leads)
10.0
5.0
3.0
4.0
-0.2
-0
.4
S11
S22
1.2GHz
1.2GHz
2.4GHz
2.4GHz
10.0
5.0
3.0
4.0
-0.2
-0
.4
S11
S22
1.2GHz
1.2GHz
2.4GHz
2.4GHz
0
-180
S21
S12
1.2GHz
1.2GHz
2.4GHz
2.4GHz
2.0
4.0
6.0
0
0
0.02
0.04
0.06
Scale for |S12|
0
-180
S21
S12
1.2GHz
1.2GHz
2.4GHz
2.4GHz
2.0
4.0
6.0
0
0
0.02
0.04
0.06
Scale for |S12|
Ids
Ids
=400mA Freq(GHz) S11 Mag
S11Ang
S21 Mag
S21 Ang
S12 Mag
S12 Ang
S22 Mag
S22 Ang
1.2
0.807
176.1
4.225
66.1
0.042
31.9
0.380
176.7
1.4
0.812
167.5
3.630
58.4
0.045
30.5
0.387
173.2
1.6
0.815
159.8
3.179
51.2
0.048
29.2
0.394
170.0
1.8
0.819
152.8
2.826
44.3
0.050
27.5
0.399
166.9
2.0
0.822
146.1
2.545
37.4
0.053
25.1
0.403
163.4
2.2
0.823
139.6
2.316
30.7
0.056
22.6
0.406
159.8
2.4
0.827
133.4
2.124
24.0
0.060
19.5
0.408
155.7
=350mA Freq(GHz) S11 Mag
S11Ang
S21 Mag
S21 Ang
S12 Mag
S12 Ang
S22 Mag
S22 Ang
1.2
0.808
176.0
4.203
66.2
0.044
31.0
0.400
175.6
1.4
0.812
167.2
3.612
58.5
0.047
29.6
0.407
171.8
1.6
0.818
159.5
3.162
51.4
0.049
28.3
0.414
168.6
1.8
0.821
152.5
2.811
44.4
0.052
26.5
0.417
165.3
2.0
0.823
145.8
2.533
37.6
0.055
24.0
0.422
161.6
2.2
0.824
139.2
2.303
30.9
0.058
21.4
0.423
157.9
2.4
0.828
133.0
2.113
24.2
0.061
18.2
0.427
153.3
[Note]You can download the S-parameter list from our web site: www.sei.co.jp/GaAsIC/
Specifications and information are subject to change without notice.
2003-11
Sumitomo Electric Industries, Ltd. 1,Taya-cho, Sakae-ku, Yokohama, 244-8588 Japan
Phone: +81-45-853-7263 Fax: +81-45-853-1291
e-mail : GaAsIC-ml@ml.sei.co.jp
-3-
Web Site: www.sei.co.jp/GaAsIC/


Similar Part No. - KP029J

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
KP0215ACAKG03 NKK-KP0215ACAKG03 Datasheet
1Mb / 8P
   General Specifications
KP0215ACAKG03 NKK-KP0215ACAKG03 Datasheet
363Kb / 12P
   General Specifications
KP0215ACAKG036CF-1FJB NKK-KP0215ACAKG036CF-1FJB Datasheet
302Kb / 10P
   Miniature Audio/Video Pushbuttons
KP0215ACAKG036CF-1SJB NKK-KP0215ACAKG036CF-1SJB Datasheet
302Kb / 10P
   Miniature Audio/Video Pushbuttons
KP0215ACAKG036CF-1TJB NKK-KP0215ACAKG036CF-1TJB Datasheet
302Kb / 10P
   Miniature Audio/Video Pushbuttons
More results

Similar Description - KP029J

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
P0120008P EUDYNA-P0120008P Datasheet
833Kb / 13P
   1W GaAs Power FET (Pb-Free Type)
P0120002P EUDYNA-P0120002P Datasheet
840Kb / 13P
   250mW GaAs Power FET (Pb-Free Type)
P0120004P EUDYNA-P0120004P Datasheet
821Kb / 13P
   1.5W GaAs Power FET (Pb-Free Type)
P0120003P EUDYNA-P0120003P Datasheet
845Kb / 13P
   800mW GaAs Power FET (Pb-Free Type)
P0120007P EUDYNA-P0120007P Datasheet
778Kb / 13P
   250mW GaAs Power FET (Pb-Free Type)
logo
Mitsubishi Electric Sem...
MGFK33V4045 MITSUBISHI-MGFK33V4045_97 Datasheet
285Kb / 4P
   14.0-14.5GHz BAND 2W INTERNALLY MATCHED GaAs FET?
MGFK33V4045 MITSUBISHI-MGFK33V4045 Datasheet
113Kb / 3P
   14.0-14.5GHz BAND 2W INTERNALLY MATCHED GaAs FET?
logo
OSRAM GmbH
SFH4511 OSRAM-SFH4511 Datasheet
228Kb / 8P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
LD242 OSRAM-LD242 Datasheet
209Kb / 7P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
SFH400 OSRAM-SFH400 Datasheet
231Kb / 8P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com