Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P0120007P Datasheet(PDF) 3 Page - Eudyna Devices Inc

Part # P0120007P
Description  250mW GaAs Power FET (Pb-Free Type)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

P0120007P Datasheet(HTML) 3 Page - Eudyna Devices Inc

  P0120007P Datasheet HTML 1Page - Eudyna Devices Inc P0120007P Datasheet HTML 2Page - Eudyna Devices Inc P0120007P Datasheet HTML 3Page - Eudyna Devices Inc P0120007P Datasheet HTML 4Page - Eudyna Devices Inc P0120007P Datasheet HTML 5Page - Eudyna Devices Inc P0120007P Datasheet HTML 6Page - Eudyna Devices Inc P0120007P Datasheet HTML 7Page - Eudyna Devices Inc P0120007P Datasheet HTML 8Page - Eudyna Devices Inc P0120007P Datasheet HTML 9Page - Eudyna Devices Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Technical Note
P0120007P
250mW GaAs Power FET (Pb-Free Type)
SUMITOMO ELECTRIC
Tc=25°C, Vds=8V, Ids=80mA, Common Source, Zo=50(Calibrated to device leads)
0
-180
2.0
4.0
6.0
0.02
0.04
0.06
Scale for |S12|
1.2GHz
1.2GHz
2.4GHz
2.4GHz
S21
S12
0
-180
2.0
4.0
6.0
0.02
0.04
0.06
Scale for |S12|
1.2GHz
1.2GHz
2.4GHz
2.4GHz
S21
S12
10.0
5.0
3.0
4.0
-0.2
-0.
4
S11
S22
1.2GHz
1.2GHz
2.4GHz
2.4GHz
10.0
5.0
3.0
4.0
-0.2
-0.
4
S11
S22
1.2GHz
1.2GHz
2.4GHz
2.4GHz
Ids
Ids
=100mA Freq(GHz) S11 Mag
S11Ang
S21 Mag
S21 Ang
S12 Mag
S12 Ang
S22 Mag
S22 Ang
1.2
0.847
-97.5
6.148
107.5
0.038
36.0
0.555
-41.6
1.4
0.823
-112.3
5.764
97.0
0.041
28.8
0.534
-47.6
1.6
0.800
-126.2
5.392
87.0
0.043
21.9
0.513
-53.8
1.8
0.787
-139.5
5.038
77.6
0.045
15.6
0.495
-59.4
2.0
0.776
-151.5
4.702
68.6
0.046
9.7
0.474
-65.1
2.2
0.769
-162.7
4.407
60.2
0.046
4.1
0.458
-70.5
2.4
0.761
-173.4
4.133
52.3
0.047
-1.6
0.433
-76.0
=80mA
Freq(GHz) S11 Mag
S11Ang
S21 Mag
S21 Ang
S12 Mag
S12 Ang
S22 Mag
S22 Ang
1.2
0.846
-97.3
6.188
107.5
0.040
35.7
0.547
-42.5
1.4
0.821
-112.1
5.802
97.0
0.043
28.5
0.525
-48.6
1.6
0.798
-126.1
5.428
87.1
0.045
21.4
0.503
-54.9
1.8
0.785
-139.3
5.071
77.6
0.047
15.1
0.484
-60.6
2.0
0.774
-151.4
4.734
68.7
0.048
9.1
0.463
-66.4
2.2
0.766
-162.5
4.437
60.3
0.049
3.5
0.446
-71.8
2.4
0.759
-173.3
4.159
52.3
0.050
-2.3
0.421
-77.3
[Note]You can download the S-parameter list from our web site: www.sei.co.jp/GaAsIC/
Specifications and information are subject to change without notice.
2003-11
Sumitomo Electric Industries, Ltd. 1,Taya-cho, Sakae-ku, Yokohama, 244-8588 Japan
Phone: +81-45-853-7263 Fax: +81-45-853-1291
e-mail : GaAsIC-ml@ml.sei.co.jp
-3-
Web Site: www.sei.co.jp/GaAsIC/


Similar Part No. - P0120007P

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
P0120002P EUDYNA-P0120002P Datasheet
840Kb / 13P
   250mW GaAs Power FET (Pb-Free Type)
P0120003P EUDYNA-P0120003P Datasheet
845Kb / 13P
   800mW GaAs Power FET (Pb-Free Type)
P0120004P EUDYNA-P0120004P Datasheet
821Kb / 13P
   1.5W GaAs Power FET (Pb-Free Type)
P0120008P EUDYNA-P0120008P Datasheet
833Kb / 13P
   1W GaAs Power FET (Pb-Free Type)
P0120009P EUDYNA-P0120009P Datasheet
818Kb / 13P
   2W GaAs Power FET (Pb-Free Type)
More results

Similar Description - P0120007P

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
P0120002P EUDYNA-P0120002P Datasheet
840Kb / 13P
   250mW GaAs Power FET (Pb-Free Type)
P0120009P EUDYNA-P0120009P Datasheet
818Kb / 13P
   2W GaAs Power FET (Pb-Free Type)
P0120008P EUDYNA-P0120008P Datasheet
833Kb / 13P
   1W GaAs Power FET (Pb-Free Type)
P0120004P EUDYNA-P0120004P Datasheet
821Kb / 13P
   1.5W GaAs Power FET (Pb-Free Type)
P0120003P EUDYNA-P0120003P Datasheet
845Kb / 13P
   800mW GaAs Power FET (Pb-Free Type)
logo
OSRAM GmbH
SFH4511 OSRAM-SFH4511 Datasheet
228Kb / 8P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
LD242 OSRAM-LD242 Datasheet
209Kb / 7P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
SFH400 OSRAM-SFH400 Datasheet
231Kb / 8P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
logo
LUXPIA
LIB1000 LUXPIA-LIB1000 Datasheet
616Kb / 15P
   Pb-Free Reflow
logo
Taiwan Semiconductor Co...
TSM2NB60CP TSC-TSM2NB60CP Datasheet
840Kb / 9P
   Pb-free plating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com