Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KP024J Datasheet(PDF) 7 Page - Eudyna Devices Inc

Part # KP024J
Description  1.5W GaAs Power FET (Pb-Free Type)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

KP024J Datasheet(HTML) 7 Page - Eudyna Devices Inc

Back Button KP024J Datasheet HTML 3Page - Eudyna Devices Inc KP024J Datasheet HTML 4Page - Eudyna Devices Inc KP024J Datasheet HTML 5Page - Eudyna Devices Inc KP024J Datasheet HTML 6Page - Eudyna Devices Inc KP024J Datasheet HTML 7Page - Eudyna Devices Inc KP024J Datasheet HTML 8Page - Eudyna Devices Inc KP024J Datasheet HTML 9Page - Eudyna Devices Inc KP024J Datasheet HTML 10Page - Eudyna Devices Inc KP024J Datasheet HTML 11Page - Eudyna Devices Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Specifications and information are subject to change without notice.
2003-11
Sumitomo Electric Industries, Ltd. 1,Taya-cho, Sakae-ku, Yokohama, 244-8588 Japan
Phone: +81-45-853-7263 Fax: +81-45-853-1291
e-mail : GaAsIC-ml@ml.sei.co.jp Web Site: www.sei.co.jp/GaAsIC/
-7-
Technical Note
P0120004P
1.5W GaAs Power FET (Pb-Free Type)
SUMITOMO ELECTRIC
♦Application Circuit : 2110-2170MHz
Ref. Des.
Value
Part Number
R1
82Ω
SUSUMU
RR0816 series
C1
0.5pF
C2
1pF
C3
0.5pF
C4
0.1µF
C5
3pF
C6
0.1µF
C7
1pF
L1
18nH
L2
18nH
MURATA
GRM18 series
TOKO LL1608
series
C7
C2
C6
R1
C3
L1
C4
L2
C5
C1
C7
C2
C6
R1
C3
L1
C4
L2
C5
C1
RF in (Rs=50Ω)
Vg
Vd
RF out (RL=50Ω)
D.U.T
Z1
Z3
Z5
Z4
Z2
Z6
RF in
KP024J
RF out
Vg
(-0.7~-2V)
Vd
(+6V)
C2
L1
C3
R1
C4
C6
L2
C5
C1
C7
RF in
KP024J
RF out
Vg
(-0.7~-2V)
Vd
(+6V)
C2
L1
C3
R1
C4
C6
L2
C5
C1
C7
Ref.
Designator
Electrical length
@ 2.1GHz (deg)
Z1
4.54
Z2
4.08
Z3
13.61
Z4
8.62
Z5
6.38
Z6
18.15
All microstrip lines have a line impedance of 50
Ω.
1.9
2
2.1
2.2
2.3
Frequency (GHz)
-40
-30
-20
-10
0
10
20
S11
S21
S22
S12
1.9
2
2.1
2.2
2.3
Frequency (GHz)
-40
-30
-20
-10
0
10
20
S11
S21
S22
S12
1.9
2
2.1
2.2
2.3
Frequency (GHz)
-40
-30
-20
-10
0
10
20
S11
S21
S22
S12


Similar Part No. - KP024J

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
KP0215ACAKG03 NKK-KP0215ACAKG03 Datasheet
1Mb / 8P
   General Specifications
KP0215ACAKG03 NKK-KP0215ACAKG03 Datasheet
363Kb / 12P
   General Specifications
KP0215ACAKG036CF-1FJB NKK-KP0215ACAKG036CF-1FJB Datasheet
302Kb / 10P
   Miniature Audio/Video Pushbuttons
KP0215ACAKG036CF-1SJB NKK-KP0215ACAKG036CF-1SJB Datasheet
302Kb / 10P
   Miniature Audio/Video Pushbuttons
KP0215ACAKG036CF-1TJB NKK-KP0215ACAKG036CF-1TJB Datasheet
302Kb / 10P
   Miniature Audio/Video Pushbuttons
More results

Similar Description - KP024J

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
P0120009P EUDYNA-P0120009P Datasheet
818Kb / 13P
   2W GaAs Power FET (Pb-Free Type)
P0120008P EUDYNA-P0120008P Datasheet
833Kb / 13P
   1W GaAs Power FET (Pb-Free Type)
P0120002P EUDYNA-P0120002P Datasheet
840Kb / 13P
   250mW GaAs Power FET (Pb-Free Type)
P0120003P EUDYNA-P0120003P Datasheet
845Kb / 13P
   800mW GaAs Power FET (Pb-Free Type)
P0120007P EUDYNA-P0120007P Datasheet
778Kb / 13P
   250mW GaAs Power FET (Pb-Free Type)
logo
List of Unclassifed Man...
UPG2118K ETC-UPG2118K Datasheet
367Kb / 4P
   NECs 1.5W GaAs MMIC POWER AMPLIFIER
logo
OSRAM GmbH
SFH4511 OSRAM-SFH4511 Datasheet
228Kb / 8P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
LD242 OSRAM-LD242 Datasheet
209Kb / 7P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
SFH400 OSRAM-SFH400 Datasheet
231Kb / 8P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
logo
LUXPIA
LIB1000 LUXPIA-LIB1000 Datasheet
616Kb / 15P
   Pb-Free Reflow
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com