Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P0120004P Datasheet(PDF) 10 Page - Eudyna Devices Inc

Part # P0120004P
Description  1.5W GaAs Power FET (Pb-Free Type)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

P0120004P Datasheet(HTML) 10 Page - Eudyna Devices Inc

Back Button P0120004P Datasheet HTML 5Page - Eudyna Devices Inc P0120004P Datasheet HTML 6Page - Eudyna Devices Inc P0120004P Datasheet HTML 7Page - Eudyna Devices Inc P0120004P Datasheet HTML 8Page - Eudyna Devices Inc P0120004P Datasheet HTML 9Page - Eudyna Devices Inc P0120004P Datasheet HTML 10Page - Eudyna Devices Inc P0120004P Datasheet HTML 11Page - Eudyna Devices Inc P0120004P Datasheet HTML 12Page - Eudyna Devices Inc P0120004P Datasheet HTML 13Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Specifications and information are subject to change without notice.
2003-11
Sumitomo Electric Industries, Ltd. 1,Taya-cho, Sakae-ku, Yokohama, 244-8588 Japan
Phone: +81-45-853-7263 Fax: +81-45-853-1291
e-mail : GaAsIC-ml@ml.sei.co.jp Web Site: www.sei.co.jp/GaAsIC/
-10-
Technical Note
P0120004P
1.5W GaAs Power FET (Pb-Free Type)
SUMITOMO ELECTRIC
[Using Heat Sink]
The junction temperature can be calculated by the following
formula.
If you cannot get the junction temperature lower than the
absolute maximum rating only with the plated thru holes,
then you need to employ the heat sink. Attaching the heat
sink directly under pin 4 of the device improves the thermal
resistance between junction and ambient.
Tjmax=(Vds*Ids-Pout)(Rth+Rboard+Rhs)+Ta
Pout: Output power
Rth: Thermal resistance between channel and case
Rboard: Thermal resistance of PCB
Rhs: Thermal resistance of heat sink
Ta:Ambient temperature
Tjmax: Maximum junction temperature
Generally, there are two ways of heat radiation. One is the
plated thru hole and the other is the heat sink. Key points will
be illustrated in each case below. Note that no measure
against oscillation is adopted in the figures. In the design of
circuit and layout, you should take stabilizing into account if
necessary.
[Using Thru Hole]
G
Multiple plated thru holes are required directly below the
device.
φ0.4 Plated Thru Holes
φ3 Plated Thru Hole
for 2.5 M achine Screws
Package Outline
4-R0.3
Heatsink
2
1.9
×2.85
(4-R0.3)
φ5 Soldermask Keepout
φ3 Plated Thru Hole
for 2.5 M achine Screws
φ5 Soldermask Keepout
Grand Plane
rand Plane
Place more than 2 machine screws as close to the ground
pin (pin 4) as possible. The PCB is screwed on the
mounting plate or the heat sink to lower the thermal
resistance of the PCB.
[Note]
Ground/thermal vias are critical for the proper device
performance. Drills of the recommended diameters should
be used in the fabrication of vias.
Lay out a large ground pad area with multiple plated thru
holes around pin 4 of the device.
Add as much copper a s possible to inner and outer layers
near the part to ensure optimal thermal performance.
The required matching and feedback circuit described in
the application circuit examples should be connected to
the device, although it is not shown in the figure below.
Mounting screws can be added near the part to fasten the
board to heat sink. Ensure that the ground/thermal via region
contacts the heat sink.
Do not put solder mask on the backside of the PCB in the
region where the board contacts the heat sink.
φ0.4 Plated Thru Holes
φ0.3 Plated Thru Holes
φ3 Plated Thru Hole
for 2.5 Machine Screws
φ5 Soldermask Keepout
Package Outline
Keepout
φ3 Plated Thru Hole
for 2.5 Machine Screws
Grand Plane
φ5 Soldermask
φ0.4 Plated Thru Holes
φ0.3 Plated Thru Holes
φ3 Plated Thru Hole
for 2.5 Machine Screws
φ5 Soldermask Keepout
Package Outline
Keepout
φ3 Plated Thru Hole
for 2.5 Machine Screws
Grand Plane
φ5 Soldermask
RF trace width depends upon the PCB material and
construction.
Use 1 oz. Copper minimum.


Similar Part No. - P0120004P

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
P0120002P EUDYNA-P0120002P Datasheet
840Kb / 13P
   250mW GaAs Power FET (Pb-Free Type)
P0120003P EUDYNA-P0120003P Datasheet
845Kb / 13P
   800mW GaAs Power FET (Pb-Free Type)
P0120007P EUDYNA-P0120007P Datasheet
778Kb / 13P
   250mW GaAs Power FET (Pb-Free Type)
P0120008P EUDYNA-P0120008P Datasheet
833Kb / 13P
   1W GaAs Power FET (Pb-Free Type)
P0120009P EUDYNA-P0120009P Datasheet
818Kb / 13P
   2W GaAs Power FET (Pb-Free Type)
More results

Similar Description - P0120004P

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
P0120009P EUDYNA-P0120009P Datasheet
818Kb / 13P
   2W GaAs Power FET (Pb-Free Type)
P0120008P EUDYNA-P0120008P Datasheet
833Kb / 13P
   1W GaAs Power FET (Pb-Free Type)
P0120002P EUDYNA-P0120002P Datasheet
840Kb / 13P
   250mW GaAs Power FET (Pb-Free Type)
P0120003P EUDYNA-P0120003P Datasheet
845Kb / 13P
   800mW GaAs Power FET (Pb-Free Type)
P0120007P EUDYNA-P0120007P Datasheet
778Kb / 13P
   250mW GaAs Power FET (Pb-Free Type)
logo
List of Unclassifed Man...
UPG2118K ETC-UPG2118K Datasheet
367Kb / 4P
   NECs 1.5W GaAs MMIC POWER AMPLIFIER
logo
OSRAM GmbH
SFH4511 OSRAM-SFH4511 Datasheet
228Kb / 8P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
LD242 OSRAM-LD242 Datasheet
209Kb / 7P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
SFH400 OSRAM-SFH400 Datasheet
231Kb / 8P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
logo
LUXPIA
LIB1000 LUXPIA-LIB1000 Datasheet
616Kb / 15P
   Pb-Free Reflow
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com