Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KP023J Datasheet(PDF) 2 Page - Eudyna Devices Inc

Part # KP023J
Description  800mW GaAs Power FET (Pb-Free Type)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

KP023J Datasheet(HTML) 2 Page - Eudyna Devices Inc

  KP023J Datasheet HTML 1Page - Eudyna Devices Inc KP023J Datasheet HTML 2Page - Eudyna Devices Inc KP023J Datasheet HTML 3Page - Eudyna Devices Inc KP023J Datasheet HTML 4Page - Eudyna Devices Inc KP023J Datasheet HTML 5Page - Eudyna Devices Inc KP023J Datasheet HTML 6Page - Eudyna Devices Inc KP023J Datasheet HTML 7Page - Eudyna Devices Inc KP023J Datasheet HTML 8Page - Eudyna Devices Inc KP023J Datasheet HTML 9Page - Eudyna Devices Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Technical Note
P0120003P
800mW GaAs Power FET (Pb-Free Type)
SUMITOMO ELECTRIC
♦Typical Characteristics
Tc (°C)
3
4
2
1
0
0
50
100
150
200
Vgs=0V
-2.0V
-1.5V
-1.0V
-0.5V
Vds (V)
1000
50
100
150
200
Vgs=0V
-2.0V
-1.5V
-1.0V
-0.5V
Vds (V)
1000
750
500
250
0
750
500
250
0
0
24
68
Transfer Curve
Power Derating Curve
♦Load-pull Characteristics (Typical Data)
Tc=25°C, Vds=6V, Ids=220mA, Common Source, Zo=50(Calibrated to device leads)
0
-180
0
-180
S12
S21
1.2GHz
1.2GHz
2.4GHz
2.4GHz
2.0
6.0
4.0
0
0.02
0.04
0.06
0
Scale for |S12|
10.0
5.0
3.0
4.0
-0.2
-0.
4
10.0
5.0
3.0
4.0
-0.2
-0.
4
S11
S22
1.2GHz
1.2GHz
2.4GHz
2.4GHz
Specifications and information are subject to change without notice.
2003-11
Sumitomo Electric Industries, Ltd. 1,Taya-cho, Sakae-ku, Yokohama, 244-8588 Japan
Phone: +81-45-853-7263 Fax: +81-45-853-1291
e-mail : GaAsIC-ml@ml.sei.co.jp
-2-
Web Site: www.sei.co.jp/GaAsIC/


Similar Part No. - KP023J

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
KP0215ACAKG03 NKK-KP0215ACAKG03 Datasheet
1Mb / 8P
   General Specifications
KP0215ACAKG03 NKK-KP0215ACAKG03 Datasheet
363Kb / 12P
   General Specifications
KP0215ACAKG036CF-1FJB NKK-KP0215ACAKG036CF-1FJB Datasheet
302Kb / 10P
   Miniature Audio/Video Pushbuttons
KP0215ACAKG036CF-1SJB NKK-KP0215ACAKG036CF-1SJB Datasheet
302Kb / 10P
   Miniature Audio/Video Pushbuttons
KP0215ACAKG036CF-1TJB NKK-KP0215ACAKG036CF-1TJB Datasheet
302Kb / 10P
   Miniature Audio/Video Pushbuttons
More results

Similar Description - KP023J

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
P0120009P EUDYNA-P0120009P Datasheet
818Kb / 13P
   2W GaAs Power FET (Pb-Free Type)
P0120008P EUDYNA-P0120008P Datasheet
833Kb / 13P
   1W GaAs Power FET (Pb-Free Type)
P0120002P EUDYNA-P0120002P Datasheet
840Kb / 13P
   250mW GaAs Power FET (Pb-Free Type)
P0120004P EUDYNA-P0120004P Datasheet
821Kb / 13P
   1.5W GaAs Power FET (Pb-Free Type)
P0120007P EUDYNA-P0120007P Datasheet
778Kb / 13P
   250mW GaAs Power FET (Pb-Free Type)
logo
OSRAM GmbH
SFH4511 OSRAM-SFH4511 Datasheet
228Kb / 8P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
LD242 OSRAM-LD242 Datasheet
209Kb / 7P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
SFH400 OSRAM-SFH400 Datasheet
231Kb / 8P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
logo
LUXPIA
LIB1000 LUXPIA-LIB1000 Datasheet
616Kb / 15P
   Pb-Free Reflow
logo
Taiwan Semiconductor Co...
TSM2NB60CP TSC-TSM2NB60CP Datasheet
840Kb / 9P
   Pb-free plating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com