Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KP023J Datasheet(PDF) 9 Page - Eudyna Devices Inc

Part # KP023J
Description  800mW GaAs Power FET (Pb-Free Type)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

KP023J Datasheet(HTML) 9 Page - Eudyna Devices Inc

Back Button KP023J Datasheet HTML 5Page - Eudyna Devices Inc KP023J Datasheet HTML 6Page - Eudyna Devices Inc KP023J Datasheet HTML 7Page - Eudyna Devices Inc KP023J Datasheet HTML 8Page - Eudyna Devices Inc KP023J Datasheet HTML 9Page - Eudyna Devices Inc KP023J Datasheet HTML 10Page - Eudyna Devices Inc KP023J Datasheet HTML 11Page - Eudyna Devices Inc KP023J Datasheet HTML 12Page - Eudyna Devices Inc KP023J Datasheet HTML 13Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Specifications and information are subject to change without notice.
2003-11
Sumitomo Electric Industries, Ltd. 1,Taya-cho, Sakae-ku, Yokohama, 244-8588 Japan
Phone: +81-45-853-7263 Fax: +81-45-853-1291
e-mail : GaAsIC-ml@ml.sei.co.jp Web Site: www.sei.co.jp/GaAsIC/
-9-
Technical Note
P0120003P
800mW GaAs Power FET (Pb-Free Type)
SUMITOMO ELECTRIC
♦Caution: Power Supply Sequence
P0110003P
P0120003P
Application
Circuit
R4
Q1a
GND
R2
Vgs
+6V
Vds
R1
-5V
R3
R5
Q1b
GND
For safe operation, electric power should be supplied in
following sequence. First, the negative voltage should be
applied on the gate, and the voltage should be more negative
than the pinch-off voltage when you turn on the power
supply. Then, drain bias can be applied. Finally, you can turn
on the RF signal.
When turning off the power supply, the sequence should be
(1)RF signal (2)Drain (3)Gate.
Gate
Voltage
0V
Bias Voltage
Drain
Voltage
On
On
0V
More Than 1mS
Off
Bias Voltage
More Than 1mS
Off
Gate
Voltage
0V
Bias Voltage
Drain
Voltage
On
On
0V
More Than 1mS
Off
Bias Voltage
More Than 1mS
Off
Gate
Voltage
0V
Bias Voltage
Drain
Voltage
On
On
0V
More Than 1mS
Off
Bias Voltage
More Than 1mS
Off
Vds
+5.9V
Ids
220mA
Q1
UMT1N (Rohm)
R1
16Ω 1/10W
R2
1.8kΩ 1/10W
R3
0.22Ω RL series (SUSUMU)
R4
1kΩ 1/10W
R5
1.3kΩ 1/10W
♦Bias Circuit
[Passive Biasing]
If you use a fixed bias circuit, you sometimes need to control
the gate bias to get the same Ids, since the devices have some
margin of pinch-off voltage (Vp) variation depending on the
wafer lots. If you employ a fixed Vgs biasing for your
system, you should closely monitor the drain current,
particularly when new wafer lots are introduced.
If you used Ids other than 220mA, you can calculate the
resistance values as follows:
R4 set to be 1k
[Active Biasing]
I1: Ic of Q1a
I2:Ic of Q1b
We recommend using an active bias circuit, which can
eliminate the influence of Vp variation. An example of an
active bias circuit called “current mirror ” is shown below.
Here, two PNP transistors having the minimum variation of
Ibe characteristics are used. These transistors adjust Vgs by
changing Vds automatically. It will realize the constant
current characteristics, regardless of the temperature.
Vbe1: Vbe of Q1aVbe2: Vbe of Q1b
R1=(+6V-Vds+Vbe2-Vbe1)/I1=(+6V-Vds)/I1
R2=(Vds-Vbe2)/I1
R3=(+6V-Vds)/(Ids+I2)
R5=|-5V-Vgs|/I2
The circuit should be connected directly in line with where
the voltage supplies would be normally connected with the
application circuit. Of course a matching circuit is required,
but it is not shown in this figure.
♦Attention to Heat Radiation
In the layout design of the printed circuit board (PCB) on
which the power FETs are attached, the heat radiation to
minimize the device junction temperature should be taken
into account, since it significantly affects the MTTF and RF
performance. In any environment, the junction temperature
should be lower than the absolute maximum rating during
the device operation and it is recommended that the thermal
design has enough margin.
[Note]
In the measurements of RF performance (Pout vs Pin, etc)
using the application circuit described before, the active bias
circuit herein was not utilized. The application circuits were
biased directly from two power supplies.


Similar Part No. - KP023J

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
KP0215ACAKG03 NKK-KP0215ACAKG03 Datasheet
1Mb / 8P
   General Specifications
KP0215ACAKG03 NKK-KP0215ACAKG03 Datasheet
363Kb / 12P
   General Specifications
KP0215ACAKG036CF-1FJB NKK-KP0215ACAKG036CF-1FJB Datasheet
302Kb / 10P
   Miniature Audio/Video Pushbuttons
KP0215ACAKG036CF-1SJB NKK-KP0215ACAKG036CF-1SJB Datasheet
302Kb / 10P
   Miniature Audio/Video Pushbuttons
KP0215ACAKG036CF-1TJB NKK-KP0215ACAKG036CF-1TJB Datasheet
302Kb / 10P
   Miniature Audio/Video Pushbuttons
More results

Similar Description - KP023J

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
P0120009P EUDYNA-P0120009P Datasheet
818Kb / 13P
   2W GaAs Power FET (Pb-Free Type)
P0120008P EUDYNA-P0120008P Datasheet
833Kb / 13P
   1W GaAs Power FET (Pb-Free Type)
P0120002P EUDYNA-P0120002P Datasheet
840Kb / 13P
   250mW GaAs Power FET (Pb-Free Type)
P0120004P EUDYNA-P0120004P Datasheet
821Kb / 13P
   1.5W GaAs Power FET (Pb-Free Type)
P0120007P EUDYNA-P0120007P Datasheet
778Kb / 13P
   250mW GaAs Power FET (Pb-Free Type)
logo
OSRAM GmbH
SFH4511 OSRAM-SFH4511 Datasheet
228Kb / 8P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
LD242 OSRAM-LD242 Datasheet
209Kb / 7P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
SFH400 OSRAM-SFH400 Datasheet
231Kb / 8P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
logo
LUXPIA
LIB1000 LUXPIA-LIB1000 Datasheet
616Kb / 15P
   Pb-Free Reflow
logo
Taiwan Semiconductor Co...
TSM2NB60CP TSC-TSM2NB60CP Datasheet
840Kb / 9P
   Pb-free plating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com