Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UN112Y Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # UN112Y
Description  Silicon PNP epitaxial planer transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

UN112Y Datasheet(HTML) 2 Page - Panasonic Semiconductor

  UN112Y Datasheet HTML 1Page - Panasonic Semiconductor UN112Y Datasheet HTML 2Page - Panasonic Semiconductor UN112Y Datasheet HTML 3Page - Panasonic Semiconductor UN112Y Datasheet HTML 4Page - Panasonic Semiconductor UN112Y Datasheet HTML 5Page - Panasonic Semiconductor UN112Y Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Transistors with built-in Resistor
UN1121/1122/1123/1124/112X/112Y
s Electrical Characteristics (Ta=25˚C)
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector cutoff current
ICBO
VCB = –50V, IE = 0
–1
µA
UN112X
ICBO
VCB = –50V, IE = 0
– 0.1
Collector cutoff current
ICEO
VCE = –50V, IB = 0
–1
µA
UN112X
ICEO
VCE = –50V, IB = 0
– 0.5
UN1121
–5
UN1122/112X/112Y
IEBO
VEB = –6V, IC = 0
–2
mA
UN1123/1124
–1
Collector to base voltage
VCBO
IC = –10µA, IE = 0
–50
V
UN1121
40
UN1122/112Y
hFE
VCE = –10V, IC = –100mA
50
UN1123/1124
60
UN112X
20
Collector to emitter saturation voltage
VCE(sat)
IC = –100mA, IB = –5mA
– 0.25
UN112X
VCE(sat)
IC = –10mA, IB = – 0.3mA
– 0.25
V
UN112Y
VCE(sat)
IC = –50mA, IB = –5mA
– 0.15
Output voltage high level
VOH
VCC = –5V, VB = – 0.5V, RL = 500Ω
–4.9
V
Output voltage low level
VOL
VCC = –5V, VB = –3.5V, RL = 500Ω
– 0.2
V
Transition frequency
fT
VCB = –10V, IE = 50mA, f = 200MHz
200
MHz
UN1121
2.2
UN1122
4.7
UN1123
R1
(–30%)
10
(+30%)
k
UN112X
0.27
UN112Y
3.1
Resistance ratio
0.8
1.0
1.2
UN1124
R1/R2
0.22
UN112X
0.054
UN112Y
0.67
Emitter
cutoff
current
Forward
current
transfer
ratio
Input
resis-
tance
Common characteristics chart
PT — Ta
0
0
160
40
120
80
200
600
400
800
Ambient temperature Ta (˚C)


Similar Part No. - UN112Y

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UN1122 PANASONIC-UN1122 Datasheet
115Kb / 5P
   Composite Transistors Silicon NPN epitaxial planer transistor (Tr1) Silicon PNP epitaxial planer transistor (Tr2)
More results

Similar Description - UN112Y

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
XP1601 PANASONIC-XP1601 Datasheet
56Kb / 5P
   Silicon PNP(PNP) epitaxial planer transistor
XN1111 PANASONIC-XN1111 Datasheet
34Kb / 2P
   Silicon PNP epitaxial planer transistor
XN1116 PANASONIC-XN1116 Datasheet
33Kb / 2P
   Silicon PNP epitaxial planer transistor
XN1118 PANASONIC-XN1118 Datasheet
34Kb / 2P
   Silicon PNP epitaxial planer transistor
XN4114 PANASONIC-XN4114 Datasheet
33Kb / 2P
   Silicon PNP epitaxial planer transistor
XN4130 PANASONIC-XN4130 Datasheet
34Kb / 2P
   Silicon PNP epitaxial planer transistor
XN6112 PANASONIC-XN6112 Datasheet
33Kb / 2P
   Silicon PNP epitaxial planer transistor
XN611FH PANASONIC-XN611FH Datasheet
51Kb / 4P
   Silicon PNP epitaxial planer transistor
XP4112 PANASONIC-XP4112 Datasheet
33Kb / 2P
   Silicon PNP epitaxial planer transistor
XP4115 PANASONIC-XP4115 Datasheet
32Kb / 2P
   Silicon PNP epitaxial planer transistor
XP4116 PANASONIC-XP4116 Datasheet
32Kb / 2P
   Silicon PNP epitaxial planer transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com