Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FRM5W621LT Datasheet(PDF) 2 Page - Eudyna Devices Inc

Part # FRM5W621LT
Description  InGaAs-APD/Preamp Receiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FRM5W621LT Datasheet(HTML) 2 Page - Eudyna Devices Inc

  FRM5W621LT Datasheet HTML 1Page - Eudyna Devices Inc FRM5W621LT Datasheet HTML 2Page - Eudyna Devices Inc FRM5W621LT Datasheet HTML 3Page - Eudyna Devices Inc FRM5W621LT Datasheet HTML 4Page - Eudyna Devices Inc FRM5W621LT Datasheet HTML 5Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Edition 1.0
March 1999
2
InGaAs-APD/Preamp
Receiver
FRM5W621KT/LT
Parameter
Storage Temperature
Operating Temperature
Supply Voltage
APD Supply Voltage
Symbol
Tstg
-40 to +85
-40 to +85
-7 to 0
0 to VB
V
V
°C
°C
Top
Vss
VR (Note 1)
APD Reverse Current
1.0
mA
IR (Note 2)
Ratings
Unit
ABSOLUTE MAXIMUM RATINGS (Tc=25°C)
Parameter
APD Responsivity
APD Breakdown Voltage
Maximum Overload
Symbol
R15
R13
OPTICAL & ELECTRICAL CHARACTERISTICS (Tc=25°C, λ=1,310/1,550nm, Vss=-5.2V, unless
otherwise specified)
VB
Bandwidth
Sensitivity
BW
Power Supply Current
Iss
Pr
Po
A/W
A/W
dBm
V
mA
Unit
MHz
V
dBm
Limits
-
-
-39
Max.
0.80
0.75
-
467
40
70
-
-41
dBm
-
-5
-
dBm
-
-7
-
-42
550
Equivalent Input
Noise Current Density
in
pA/
Hz
3.2
-
2.64
50
Temperature Coefficient of VB
γ
V/
°C
0.08
0.15
0.12
AC Transimpedance
Zt
k
3.0
-
3.8
0.85
0.85
-
-5.2
40
-
-
-
Min.
Typ.
-40
-
Test Conditions
1,550nm, M=1
1,310nm, M=1
Power Supply Voltage
Vss
-4.94
-5.46
Tc=-40 to +85
°C
622Mb/s NRZ,
PRBS=223-1,
B.E.R.=10-10,
VR is set at
optimum value
Tc=-40 to +85
°C, M=3
622Mb/s NRZ, M=3,
PRBS=223-1,
B.E.R.=10-10,
VR is set at
optimum value
AC-Coupled, RL=50
Ω,
Average within BW
AC-Coupled, RL=50
Ω,
M=3 to 15,
-3dBm from 1MHz
AC-Coupled, f=10MHz,
RL=50
Ω,
Pin <=-20dBm,
(Note 3)
ID=10
µA
Note: (1) VB differs from device to device. VB data is attached to each devices.
(2) CW condition
(3)
γ=dVB/dTC


Similar Part No. - FRM5W621LT

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FRM5W231KT EUDYNA-FRM5W231KT Datasheet
321Kb / 5P
   InGaAs-APD/Preamp Receiver
FRM5W231LT EUDYNA-FRM5W231LT Datasheet
321Kb / 5P
   InGaAs-APD/Preamp Receiver
logo
Fujitsu Component Limit...
FRM5W232BS FUJITSU-FRM5W232BS Datasheet
113Kb / 4P
   Incorporates a 30 micron InGaAs Avalanche Photodiode
logo
Eudyna Devices Inc
FRM5W232FY EUDYNA-FRM5W232FY Datasheet
127Kb / 4P
   InGaAs-APD/Preamp Receiver
FRM5W232HY EUDYNA-FRM5W232HY Datasheet
262Kb / 4P
   InGaAs-APD/Preamp Receiver
More results

Similar Description - FRM5W621LT

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FRM5N142GW EUDYNA-FRM5N142GW Datasheet
339Kb / 4P
   InGaAs-APD/Preamp Receiver
FRM5W231KT EUDYNA-FRM5W231KT Datasheet
321Kb / 5P
   InGaAs-APD/Preamp Receiver
FRM5J141GT EUDYNA-FRM5J141GT Datasheet
304Kb / 4P
   InGaAs-APD/Preamp Receiver
logo
List of Unclassifed Man...
FRM5N143DS ETC1-FRM5N143DS Datasheet
1Mb / 7P
   InGaAs-APD/Preamp Receiver
logo
Eudyna Devices Inc
FRM5W232HY EUDYNA-FRM5W232HY Datasheet
262Kb / 4P
   InGaAs-APD/Preamp Receiver
FRM5N141GW EUDYNA-FRM5N141GW Datasheet
306Kb / 4P
   InGaAs-APD/Preamp Receiver
FRM5W232LY EUDYNA-FRM5W232LY Datasheet
128Kb / 4P
   InGaAs-APD/Preamp Receiver
FRM5N141GT EUDYNA-FRM5N141GT Datasheet
309Kb / 4P
   InGaAs-APD/Preamp Receiver
FRM5W232FY EUDYNA-FRM5W232FY Datasheet
127Kb / 4P
   InGaAs-APD/Preamp Receiver
logo
Hamamatsu Corporation
G10519-14 HAMAMATSU-G10519-14 Datasheet
62Kb / 2P
   InGaAs APD with preamp
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com