Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FRM5N142GW Datasheet(PDF) 1 Page - Eudyna Devices Inc

Part # FRM5N142GW
Description  InGaAs-APD/Preamp Receiver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FRM5N142GW Datasheet(HTML) 1 Page - Eudyna Devices Inc

  FRM5N142GW Datasheet HTML 1Page - Eudyna Devices Inc FRM5N142GW Datasheet HTML 2Page - Eudyna Devices Inc FRM5N142GW Datasheet HTML 3Page - Eudyna Devices Inc FRM5N142GW Datasheet HTML 4Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
• Small Form Factor Package(GW): 9 pins coplanar
• Integrated Design Optimizes Performance at
Bit Rates up to 10.7Gb/s
• High Gain: 4k
Ω(Single-ended), 8kΩ(Differential)
• High Sensitivity: -27dBm (typ.)
• Electrical Differential Output
• Wide Bandwidth: 8.5GHz (typ.)
• Operates in both C and L wavelength bands
• Wide Operating Temperature Range: -5°C to +75°C
APPLICATIONS
This APD with HBT preamplifier is intended to function as an optical receiver
at 1,310nm or 1,530-1,610nm in SONET, SDH, DWDM or other optical fiber
systems operating up to 10.7Gb/s. The typical transimpedance (Zt) value
of 4,000
Ω optimizes the total bandwidth for 10Gb/s application. The detector
preamplifier is DC coupled and has an electrical differential output.
DESCRIPTION
The FRM5N142GW incorporates a high bandwidth InGaAs APD photo diode, a GaAs
HBT IC amplifier in a hermetically sealed Small Form Factor package (SFF). The APD is
processed with modern MOVPE techniques resulting in a reliable performance over a wide
range of operating conditions. The lens coupling system and the single mode fiber are
assembled using Nd YAG welding.
1
Edition 1.1
October 2003
InGaAs-APD/Preamp
Receiver
FRM5N142GW
Parameter
Symbol
Storage Temperature
Tstg
-40 to +85
°C
Operating Temperature
-5 to +75
°C
Top
Supply Voltage
-6 to 0
V
Vss
PIN Reverse Voltage
0 to VB(Note)
V
VR
PIN Reverse Current
5mA
IR(peak)
Ratings
Unit
ABSOLUTE MAXIMUM RATINGS (Tc=25°C)
Note: Since VB may vary from device-to-device, VB data is attached to each device for reference.


Similar Part No. - FRM5N142GW

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FRM5N141GT EUDYNA-FRM5N141GT Datasheet
309Kb / 4P
   InGaAs-APD/Preamp Receiver
FRM5N141GW EUDYNA-FRM5N141GW Datasheet
306Kb / 4P
   InGaAs-APD/Preamp Receiver
logo
List of Unclassifed Man...
FRM5N143DS ETC1-FRM5N143DS Datasheet
1Mb / 7P
   InGaAs-APD/Preamp Receiver
More results

Similar Description - FRM5N142GW

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FRM5W231KT EUDYNA-FRM5W231KT Datasheet
321Kb / 5P
   InGaAs-APD/Preamp Receiver
FRM5J141GT EUDYNA-FRM5J141GT Datasheet
304Kb / 4P
   InGaAs-APD/Preamp Receiver
logo
List of Unclassifed Man...
FRM5N143DS ETC1-FRM5N143DS Datasheet
1Mb / 7P
   InGaAs-APD/Preamp Receiver
logo
Eudyna Devices Inc
FRM5W232HY EUDYNA-FRM5W232HY Datasheet
262Kb / 4P
   InGaAs-APD/Preamp Receiver
FRM5N141GW EUDYNA-FRM5N141GW Datasheet
306Kb / 4P
   InGaAs-APD/Preamp Receiver
FRM5W232LY EUDYNA-FRM5W232LY Datasheet
128Kb / 4P
   InGaAs-APD/Preamp Receiver
FRM5N141GT EUDYNA-FRM5N141GT Datasheet
309Kb / 4P
   InGaAs-APD/Preamp Receiver
FRM5W232FY EUDYNA-FRM5W232FY Datasheet
127Kb / 4P
   InGaAs-APD/Preamp Receiver
FRM5W621KT EUDYNA-FRM5W621KT Datasheet
181Kb / 5P
   InGaAs-APD/Preamp Receiver
logo
Hamamatsu Corporation
G10519-14 HAMAMATSU-G10519-14 Datasheet
62Kb / 2P
   InGaAs APD with preamp
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com