Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMM5805X Datasheet(PDF) 1 Page - Eudyna Devices Inc

Part # FMM5805X
Description  17.5-20GHz Power Amplifier MMIC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FMM5805X Datasheet(HTML) 1 Page - Eudyna Devices Inc

  FMM5805X Datasheet HTML 1Page - Eudyna Devices Inc FMM5805X Datasheet HTML 2Page - Eudyna Devices Inc FMM5805X Datasheet HTML 3Page - Eudyna Devices Inc FMM5805X Datasheet HTML 4Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FMM5805X
17.5-20GHz Power Amplifier MMIC
Item
Symbol
Drain Voltage
VDD
10
V
Gate Voltage
VGG
-3.0
V
Input Power
Pin
22
dBm
°C
Storage Temperature
-65 to +175
Tstg
Condition
Unit
Rating
ABSOLUTE MAXIMUM RATING (Ambient Temperature Ta=25°C)
Fujitsu recommends the following conditions for the long term reliable operation of GaAs FETs:
1. The drain-source operating voltage (VDD) should not exceed 6 volts.
2. The forward and reverse gate currents should not exceed 4.0 and -0.33 mA respectively.
3. This product should be hermetically packaged
Operating Backside Temperature
-40 to +85
°C
Top
1
Edition 1.0
May 2000
Item
Symbol
Output Return Loss
RLo
Conditions
Unit
Limits
Typ.
Max.
Min.
ELECTRICAL CHARACTERISTICS (Ambient Temperature Tc=25°C)
Power Gain at 1 dB G.C.P.
16
21
26
-
-8
-
dB
Input Return Loss
RLi
--
-12
dB
dB
Frequency Range
f
17.5 - 20.0
GHz
Output Power at 1 dB G.C.P.
29
31
-
dBm
P1dB
G1dB
Drain Current
-
700
950
mA
Iddrf
G.C.P.: Gain Compression Point
Power-Added Efficiency
-30
-
%
ηadd
VDD = 6V
IDD = 650mA (Typ.)
ZS = ZL = 50Ω
Note: RF parameter sample size 10pcs./wafer. Criteria (accept/reject)=(0/1)
DESCRIPTION
The FMM5805X is a high-gain, high power, 3-stage MMIC
amplifier designed for operation in the17.5-20.0 GHz
frequency range. This amplifier has an input and output
designed for use in 50Ω systems.This device is well suited
for point-to-point communication applications.
FEATURES
• High Output Power: P1dB = 31.0dBm (Typ.)
• High Gain: G1dB = 21.0dB (Typ.)
• High PAE: ηadd = 30% (Typ.)
• Impedance Matched Zin/Zout = 50Ω
• 0.25µm PHEMT Technology


Similar Part No. - FMM5805X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FMM5805GJ-1 ETC1-FMM5805GJ-1 Datasheet
235Kb / 4P
   17.7-19.7GHz Power Amplifier MMIC
More results

Similar Description - FMM5805X

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FMM5815X EUDYNA-FMM5815X Datasheet
235Kb / 4P
   17.5-20GHz Power Amplifier MMIC
FMM5804X EUDYNA-FMM5804X Datasheet
278Kb / 4P
   17.5-31.5GHz Power Amplifier MMIC
logo
Excelics Semiconductor,...
RFMA1720-0.5W EXCELICS-RFMA1720-0.5W Datasheet
94Kb / 2P
   17.5 - 20.0 GHz Power Amplifier MMIC
EMP208-P1 EXCELICS-EMP208-P1 Datasheet
94Kb / 2P
   17.5 - 20.0 GHz Power Amplifier MMIC
EMP208 EXCELICS-EMP208 Datasheet
138Kb / 3P
   17.5 - 20.0 GHz Power Amplifier MMIC
RFMA1720-1W EXCELICS-RFMA1720-1W Datasheet
91Kb / 2P
   17.5 - 20.0 GHz Power Amplifier MMIC
logo
Filtronic Compound Semi...
FMA3009 FILTRONIC-FMA3009_1 Datasheet
475Kb / 10P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3007 FILTRONIC-FMA3007 Datasheet
204Kb / 6P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3008 FILTRONIC-FMA3008_1 Datasheet
712Kb / 8P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3008 FILTRONIC-FMA3008 Datasheet
134Kb / 5P
   2-20GHZ BROADBAND MMIC AMPLIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com