Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMM5804VY Datasheet(PDF) 6 Page - Eudyna Devices Inc

Part # FMM5804VY
Description  K / Ka Band Power Amplifier MMIC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FMM5804VY Datasheet(HTML) 6 Page - Eudyna Devices Inc

Back Button FMM5804VY Datasheet HTML 2Page - Eudyna Devices Inc FMM5804VY Datasheet HTML 3Page - Eudyna Devices Inc FMM5804VY Datasheet HTML 4Page - Eudyna Devices Inc FMM5804VY Datasheet HTML 5Page - Eudyna Devices Inc FMM5804VY Datasheet HTML 6Page - Eudyna Devices Inc FMM5804VY Datasheet HTML 7Page - Eudyna Devices Inc FMM5804VY Datasheet HTML 8Page - Eudyna Devices Inc FMM5804VY Datasheet HTML 9Page - Eudyna Devices Inc FMM5804VY Datasheet HTML 10Page - Eudyna Devices Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
K / Ka Band Power Amplifier MMIC
FMM5804VY
OUTPUT POWER vs. TEMPERATURE
LINEAR GAIN vs. TEMPERATURE
P1dB, G1dB vs. DRAIN VOLTAGE
P1dB, G1dB vs. DRAIN CURRENT
Pin=+13dBm, VDD=6V,IDD(DC)=250mA@Tc=25oC
Pin=-6dBm, VDD=6V,IDD(DC)=250mA@Tc=25oC
IDD(DC)=250mA
VDD=6V
18
19
20
21
22
23
24
25
26
27
28
-50
-25025
50
75
100
Temperature [℃
℃]
17.5GHz
24.0GHz
30.0GHz
31.5GHz
6
8
10
12
14
16
18
20
22
24
26
-50
-25025
50
75
100
Temperature [℃
℃]
17.5GHz
24.0GHz
30.0GHz
31.5GHz
12
14
16
18
20
22
24
26
3.5
4
4.5
5
5.5
6
6.5
Drain Voltage [V]
17.5GHz
24.0GHz
30.0GHz
31.5GHz
P1dB
G1dB
12
14
16
18
20
22
24
26
175
200
225
250
275
300
Drain Voltage [V]
17.5GHz
24.0GHz
30.0GHz
31.5GHz
P1dB
G1dB


Similar Part No. - FMM5804VY

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FMM5804X EUDYNA-FMM5804X Datasheet
278Kb / 4P
   17.5-31.5GHz Power Amplifier MMIC
FMM5804YD EUDYNA-FMM5804YD Datasheet
240Kb / 13P
   K,Ka-Band Power Amplifier MMIC
More results

Similar Description - FMM5804VY

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
ESM5804YD EUDYNA-ESM5804YD Datasheet
240Kb / 13P
   K,Ka-Band Power Amplifier MMIC
logo
List of Unclassifed Man...
FMM5709VZ ETC1-FMM5709VZ Datasheet
207Kb / 12P
   K/ Ka Band Low Noise Amplifier MMIC
FMM5709X ETC1-FMM5709X Datasheet
106Kb / 9P
   K/Ka Band Low Noise Amplifier MMIC
logo
Eudyna Devices Inc
FMM5703VZ EUDYNA-FMM5703VZ Datasheet
208Kb / 12P
   K / Ka Band Low Noise Amplifier MMIC
FMM5822X EUDYNA-FMM5822X Datasheet
299Kb / 14P
   K-Band Power Amplifier MMIC
FMM5829X EUDYNA-FMM5829X Datasheet
259Kb / 14P
   K-Band Power Amplifier MMIC
ESM5832VU EUDYNA-ESM5832VU Datasheet
195Kb / 13P
   K-Band Power Amplifier MMIC
FMM5823X EUDYNA-FMM5823X Datasheet
423Kb / 15P
   K-Band Power Amplifier MMIC
FMM5826X EUDYNA-FMM5826X Datasheet
413Kb / 13P
   Ka-Band Power Amplifier MMIC
FMM5820QH EUDYNA-FMM5820QH Datasheet
376Kb / 14P
   Ka-Band Power Amplifier MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com