Electronic Components Datasheet Search |
|
FMM5704X Datasheet(PDF) 1 Page - Eudyna Devices Inc |
|
FMM5704X Datasheet(HTML) 1 Page - Eudyna Devices Inc |
1 / 4 page FMM5704X 36-40GHz LNA MMIC Item Symbol Drain-Source Voltage VDD 4V Input Power Pin -3 dBm °C Storage Temperature -65 to +175 Tstg Operating Backside Temperature °C Top -45 to +125 Condition Unit Rating ABSOLUTE MAXIMUM RATING (Ambient Temperature Ta=25 °C) Fujitsu recommends the following conditions for the long term reliable operation of GaAs FETs: 1. The drain-source operating voltage (VDD) should not exceed 3 volts. 2. This product should be hermetically packaged. 1 Edition 1.0 December 2000 Item Symbol Conditions (2) Unit Limits Typ. Max. Min. ELECTRICAL CHARACTERISTICS (Ambient Temperature Ta=25 °C) Input Return Loss RLin -- -10 dB Output Power at 1dB G.C.P. P1dB - - 9 dBm Output Return Loss RLout - -10 -dB Noise Figure - 2.0 2.5 dB NF Associated Gain 15 18 20 dB Gas VDD = 3V f = 40GHz IDD = 20mA (Typ.) ZS = ZL = 50Ω Note 1: RF parameter sample size 10pcs. Criteria (accept/reject)=(0/1) Note 2: Electrical Characteristics specified with RF-probe measurement. FEATURES • Low Noise Figure: NF = 2.0dB (Typ.) @ f=40 GHz • High Associated Gain: Gas = 18dB (Typ.) @ f=40 GHz • Wide Frequency Band: 36-40 GHz • High Output Power: 9dBm (Typ.) @ f=40 GHz • Impedance Matched Zin/Zout = 50 Ω DESCRIPTION The FMM5704X is a LNA MMIC designed for applications in the 36-40 GHz frequency range. This product is well suited for satellite communications, radio link, and applications where low noise and high dynamic range are required. |
Similar Part No. - FMM5704X |
|
Similar Description - FMM5704X |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |