Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMM5703VZ Datasheet(PDF) 10 Page - Eudyna Devices Inc

Part # FMM5703VZ
Description  K / Ka Band Low Noise Amplifier MMIC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FMM5703VZ Datasheet(HTML) 10 Page - Eudyna Devices Inc

Back Button FMM5703VZ Datasheet HTML 4Page - Eudyna Devices Inc FMM5703VZ Datasheet HTML 5Page - Eudyna Devices Inc FMM5703VZ Datasheet HTML 6Page - Eudyna Devices Inc FMM5703VZ Datasheet HTML 7Page - Eudyna Devices Inc FMM5703VZ Datasheet HTML 8Page - Eudyna Devices Inc FMM5703VZ Datasheet HTML 9Page - Eudyna Devices Inc FMM5703VZ Datasheet HTML 10Page - Eudyna Devices Inc FMM5703VZ Datasheet HTML 11Page - Eudyna Devices Inc FMM5703VZ Datasheet HTML 12Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
■ Recommended Foot Pattern Layout
Notes :
1.LAMINATE : Rogers Corporation RO4003
Thickness t=0.2mm, Cu Foil 18μm
2.
: Finish to copper foil ; Ni 0.1μm min./Au 0.1±0.08μm (Both side)
3.
: Resist
K / Ka Band Low Noise Amplifier MMIC
FMM5703VZ
10


Similar Part No. - FMM5703VZ

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FMM5703X EUDYNA-FMM5703X Datasheet
886Kb / 4P
   24-32GHz LNA MMIC
More results

Similar Description - FMM5703VZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FMM5709VZ ETC1-FMM5709VZ Datasheet
207Kb / 12P
   K/ Ka Band Low Noise Amplifier MMIC
FMM5709X ETC1-FMM5709X Datasheet
106Kb / 9P
   K/Ka Band Low Noise Amplifier MMIC
logo
Eudyna Devices Inc
ESM5804YD EUDYNA-ESM5804YD Datasheet
240Kb / 13P
   K,Ka-Band Power Amplifier MMIC
FMM5804VY EUDYNA-FMM5804VY Datasheet
285Kb / 14P
   K / Ka Band Power Amplifier MMIC
logo
TriQuint Semiconductor
TGA4506 TRIQUINT-TGA4506_15 Datasheet
663Kb / 10P
   K Band Low Noise Amplifier
TGA4506 TRIQUINT-TGA4506 Datasheet
124Kb / 9P
   K Band Low Noise Amplifier
TGA1307-EPU TRIQUINT-TGA1307-EPU Datasheet
745Kb / 7P
   Ka Band Low Noise Amplifier
TGA4507-EPU TRIQUINT-TGA4507-EPU Datasheet
200Kb / 9P
   Ka Band Low Noise Amplifier
TGA4508 TRIQUINT-TGA4508 Datasheet
183Kb / 10P
   Ka Band Low Noise Amplifier
TGA1307 TRIQUINT-TGA1307 Datasheet
736Kb / 7P
   Ka Band Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com