Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OL3216TC-DPG Datasheet(PDF) 1 Page - Yellow Stone Corp

Part # OL3216TC-DPG
Description  CERAMIC BASIC TYPE HIGH-PERFORMANCE LEDS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YSTONE [Yellow Stone Corp]
Direct Link  http://www.ystone.com.tw
Logo YSTONE - Yellow Stone Corp

OL3216TC-DPG Datasheet(HTML) 1 Page - Yellow Stone Corp

  OL3216TC-DPG Datasheet HTML 1Page - Yellow Stone Corp OL3216TC-DPG Datasheet HTML 2Page - Yellow Stone Corp OL3216TC-DPG Datasheet HTML 3Page - Yellow Stone Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CERAMIC BASIC TYPE HIGH-PERFORMANCE LEDS
Absolute Maximun Ratings
UNIT
SPEC.
IF
mA
30
IFP
mA
120
VR
V
5
Topr
-20~+80
Tstg
-20~+100
Vf (V)
λ(nm)
Iv (mcd)
Part No.
Material
Emitted Color
Typ.
Max.
λd
λP
Typ.
RS3216TC-DPG
AlGaInP
Red
1.90
2.40
631
640
60
OL3216TC-DPG
AlGaInP
Orange
1.90
2.40
624
635
77
AL3216TC-DPG
AlGaInP
Amber
1.90
2.40
595
600
86
YV3216TC-DPE
AlGaInP
Yellow
2.00
2.50
593
595
66
GB3216TC-DPG
AlGaInP
Green
2.10
2.60
578
575
43
GE3216TC-IPG
InGaN
Green
3.20
3.80
527
525
138
BJ3216TC-JPH
GaInN
Blue
3.40
4.00
465
460
41
BV3216TC-EPC
GaN/SiC
Blue
4.00
4.50
465
430
9
GH-3216 Series


Similar Part No. - OL3216TC-DPG

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
OL3200N OKI-OL3200N Datasheet
44Kb / 3P
   1.3 關m Laser-Diode DIP Module
OL3200N-5 OKI-OL3200N-5 Datasheet
44Kb / 3P
   1.3 關m High-Power Laser-Diode DIP Module
OL3201N-40 OKI-OL3201N-40 Datasheet
51Kb / 4P
   1.3 關m High-Power Laser-Diode DIP Module
OL3204N-100 OKI-OL3204N-100 Datasheet
44Kb / 3P
   1.3 mm High-Power DIP Module with 9mm Profile
OL3204N-100P OKI-OL3204N-100P Datasheet
44Kb / 3P
   1.3 mm High-Power DIP Module with 9mm Profile
More results

Similar Description - OL3216TC-DPG

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
GH-2023 YSTONE-GH-2023 Datasheet
1Mb / 6P
   REFLECTOR COATING TYPE HIGH-PERFORMANCE LEDS
logo
AVAGO TECHNOLOGIES LIMI...
HSML-C197 AVAGO-HSML-C197 Datasheet
188Kb / 10P
   High Performance Chip LEDs
logo
Everlight Electronics C...
94-22SUBC EVERLIGHT-94-22SUBC Datasheet
115Kb / 6P
   High Performance with Reflector LEDs
94-22SUBC-S400-XX-S2 EVERLIGHT-94-22SUBC-S400-XX-S2 Datasheet
111Kb / 6P
   High Performance with Reflector LEDs
94-22SURC-S530 EVERLIGHT-94-22SURC-S530 Datasheet
100Kb / 6P
   High Performance with Reflector LEDs
logo
HK TO-GRACE TECHNOLOGY ...
94-22SUB-S400-XX-S2 TO-GRACE-94-22SUB-S400-XX-S2 Datasheet
486Kb / 6P
   High Performance with Reflector LEDs
logo
Everlight Electronics C...
94-22UBC EVERLIGHT-94-22UBC Datasheet
98Kb / 6P
   High Performance with Reflector LEDs
94-22UYC EVERLIGHT-94-22UYC Datasheet
102Kb / 6P
   High Performance with Reflector LEDs
94-22SUBC-S400-XX-S2 EVERLIGHT-94-22SUBC-S400-XX-S2 Datasheet
111Kb / 6P
   High Performance with Reflector LEDs
94-22UYC-S530 EVERLIGHT-94-22UYC-S530 Datasheet
101Kb / 6P
   High Performance with Reflector LEDs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com