Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMM5059VF Datasheet(PDF) 2 Page - Eudyna Devices Inc

Part # FMM5059VF
Description  Ku Band Power Amplifier MMIC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FMM5059VF Datasheet(HTML) 2 Page - Eudyna Devices Inc

  FMM5059VF Datasheet HTML 1Page - Eudyna Devices Inc FMM5059VF Datasheet HTML 2Page - Eudyna Devices Inc FMM5059VF Datasheet HTML 3Page - Eudyna Devices Inc FMM5059VF Datasheet HTML 4Page - Eudyna Devices Inc FMM5059VF Datasheet HTML 5Page - Eudyna Devices Inc FMM5059VF Datasheet HTML 6Page - Eudyna Devices Inc FMM5059VF Datasheet HTML 7Page - Eudyna Devices Inc FMM5059VF Datasheet HTML 8Page - Eudyna Devices Inc FMM5059VF Datasheet HTML 9Page - Eudyna Devices Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
13.0
13.5
14.0
14.5
15.0
15.5
Frequency [ GHz ]
16
18
20
22
24
26
28
30
32
34
36
38
40
13.0
13.5
14.0
14.5
15.0
15.5
Frequency [ GHz ]
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
16
18
20
22
24
26
28
30
32
34
Total Output Power [ dBm ]
16
18
20
22
24
26
28
30
32
34
36
38
40
-15
-10
-5
0
5
10
15
Input Power [ dBm ]
1000
1100
1200
1300
1400
1500
1600
1700
1800
1900
2000
2100
2200
Ku band Power Amplifier MMIC
2
OUTPUT POWER , IDD
vs. INPUT POWER
OUTPUT POWER vs. FREQUENCY
IMD vs TOTAL OUTPUT POWER
IM5
IM3
POWER ADDED EFFICIENCY vs FREQUENCY
FMM5059VF
Pin=-10dBm
Pin=-6dBm
Pin=-2dBm
Pin=0dBm
P1dB
Pin=7dBm
VDD=7V, IDD=1300mA
VDD=7V, IDD=1300mA
- 13.75GHz
- 14.00GHz
- 14.25GHz
- 14.50GHz
Pin=-10dBm
Pin=-6dBm
Pin=-2dBm
Pin=0dBm
Pin=7dBm
P1dB
VDD=7V, IDD=1300mA
VDD=7V, IDD=1300mA,
∆∆∆∆f=+10MHz
- 13.75GHz
- 14.00GHz
- 14.25GHz
- 14.50GHz


Similar Part No. - FMM5059VF

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FMM5051VF EUDYNA-FMM5051VF Datasheet
117Kb / 4P
   13.75-14.5GHz Power Amplifier MMIC
FMM5051VU EUDYNA-FMM5051VU Datasheet
138Kb / 8P
   Ku band Power Amplifier MMIC
FMM5052ZE EUDYNA-FMM5052ZE Datasheet
272Kb / 4P
   MMIC Power Amplifier
FMM5054VF EUDYNA-FMM5054VF Datasheet
213Kb / 16P
   Ku Band Power Amplifier MMIC
FMM5056VF EUDYNA-FMM5056VF Datasheet
318Kb / 8P
   5.8-7.2GHz Power Amplifier MMIC
More results

Similar Description - FMM5059VF

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FMM5007VF EUDYNA-FMM5007VF Datasheet
155Kb / 7P
   Ku Band Power Amplifier MMIC
logo
Advanced Semiconductor ...
ASX1436 ASB-ASX1436 Datasheet
916Kb / 20P
   Ku Band Power Amplifier MMIC
January 2017
logo
Eudyna Devices Inc
FMM5054VF EUDYNA-FMM5054VF Datasheet
213Kb / 16P
   Ku Band Power Amplifier MMIC
EMM5081V1B EUDYNA-EMM5081V1B Datasheet
197Kb / 16P
   Ku-Band Power Amplifier MMIC
logo
Advanced Semiconductor ...
ASX1437 ASB-ASX1437 Datasheet
551Kb / 13P
   Ku Band Power Amplifier MMIC
January 2017
logo
Eudyna Devices Inc
FMM5051VU EUDYNA-FMM5051VU Datasheet
138Kb / 8P
   Ku band Power Amplifier MMIC
FMM5063X EUDYNA-FMM5063X Datasheet
584Kb / 14P
   Ku-Band Power Amplifier MMIC
logo
Advanced Semiconductor ...
ASX1536 ASB-ASX1536 Datasheet
602Kb / 13P
   Ku Band Power Amplifier MMIC
January 2017
logo
Eudyna Devices Inc
EMM5834X EUDYNA-EMM5834X Datasheet
318Kb / 14P
   Ku / K-Band Power Amplifier MMIC
logo
Advanced Semiconductor ...
AGN1540 ASB-AGN1540 Datasheet
1Mb / 48P
   Ku Band GaN Power Amplifier MMIC
Sept 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com