Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JQX-105F-2L Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # JQX-105F-2L
Description  30A 1 POLE PCB&QC Terminals
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

JQX-105F-2L Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  JQX-105F-2L Datasheet HTML 1Page - List of Unclassifed Manufacturers JQX-105F-2L Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
  

    
  

    !



 " #$% &'(
  
 ••••!)*+,-+./ *! 
 ••••+# * !01 2#,3415*4 #1
 ••••34 #15.*#(067
 ••••.0 1! 1*4.3 / 
 ••••/*.$
   °  °
  °  °

!
!
!
!
 !
!
!
!
   


 Ω
 

 


 
 
    
 
 Ω

  
  
 
 !





   
  "

  

 #

 #
    

         
  



 
  
 


 

  

 !  
"$ 

    

"$ 
"#$%&'(%)

              
  

 *+
%&'  ( °

    
 ,!   
")  *+
"#$%&'(%)

              
  
 -  
%&,  -#. #
+        
%& ,  ./#.
 
  
  
  
  

   ./
#
,
0)  11,&

# #
0 1
  2#)
 2
33 0)456
1
  2#)
  
2#7


   
3#
8#
!
!
!
!
8



" )%9"
   11
$$ :
!
!
!
!
 





 

 
Ω±




 

 
Ω±
'78



978



:78



6&78



;78



&978



678



(78



'78



78




  !""#$! "%  #& ' ("%  #)$*" + ,+




Similar Part No. - JQX-105F-2L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JQX-105F-1 ETC1-JQX-105F-1 Datasheet
77Kb / 3P
   MINIATURE HIGH POWER RELAY
JQX-105F-1018A61DSTF ETC1-JQX-105F-1018A61DSTF Datasheet
77Kb / 3P
   MINIATURE HIGH POWER RELAY
JQX-105F-1018A61HSTF ETC1-JQX-105F-1018A61HSTF Datasheet
77Kb / 3P
   MINIATURE HIGH POWER RELAY
JQX-105F-1018A61ZSTF ETC1-JQX-105F-1018A61ZSTF Datasheet
77Kb / 3P
   MINIATURE HIGH POWER RELAY
JQX-105F-1018AT1DSTF ETC1-JQX-105F-1018AT1DSTF Datasheet
77Kb / 3P
   MINIATURE HIGH POWER RELAY
More results

Similar Description - JQX-105F-2L

ManufacturerPart #DatasheetDescription
logo
Ningbo Tianbo Ganglian ...
HJQ-15F-3 TIANBO-HJQ-15F-3 Datasheet
1Mb / 3P
   QC&PC terminals
HJQ-15F-4 TIANBO-HJQ-15F-4 Datasheet
1Mb / 3P
   QC&PC terminals
logo
DB Lectro Inc
HG4236 DBLECTRO-HG4236 Datasheet
54Kb / 2P
   Two Pole Heavy Duty PCB / QC Power Relay
logo
List of Unclassifed Man...
JQX-105F-5 ETC1-JQX-105F-5 Datasheet
112Kb / 2P
   30A 1 POLE PC BOARD TYPE
logo
Fujitsu Component Limit...
FBR56 FUJITSU-FBR56 Datasheet
48Kb / 8P
   COMPACT HIGH POWER RELAY 1 POLE-30A
logo
Schurter Inc.
T9-818 SCHURTER-T9-818 Datasheet
377Kb / 4P
   Circuit Breaker for Equipment thermal, THT terminals for PCB mounting, 1 pole
logo
DB Lectro Inc
HG4234 DBLECTRO-HG4234 Datasheet
101Kb / 3P
   Miniature PCB / QC Power Relay
HG4138 DBLECTRO-HG4138 Datasheet
66Kb / 2P
   Miniature PCB / QC Power Relay
HG4138B DBLECTRO-HG4138B Datasheet
56Kb / 2P
   Miniature PCB / QC Power Relay
logo
Fujitsu Component Limit...
VFB-48HU FUJITSU-VFB-48HU Datasheet
184Kb / 9P
   1 POLE - 20/25/30A - Heavy power control
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com