Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS570M Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS570M
Description  Multiplier and Zero Delay Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS570M Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS570M Datasheet HTML 1Page - Integrated Circuit Systems ICS570M Datasheet HTML 2Page - Integrated Circuit Systems ICS570M Datasheet HTML 3Page - Integrated Circuit Systems ICS570M Datasheet HTML 4Page - Integrated Circuit Systems ICS570M Datasheet HTML 5Page - Integrated Circuit Systems ICS570M Datasheet HTML 6Page - Integrated Circuit Systems ICS570M Datasheet HTML 7Page - Integrated Circuit Systems ICS570M Datasheet HTML 8Page - Integrated Circuit Systems ICS570M Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Multiplier and Zero Delay Buffer
MDS 570 I
5
Revision 030905
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
ICS570
Clock Period Jitter Tables (ICS570B)
All jitter values are considered typical measured at 25
°C with 27Ω termination resistor and 15 pF loads on
both CLK and CLK/2. The feedback is from CLK/2 to FBIN. Note that if an output is unused, it should be left
unconnected to improve output jitter on the active output clocks.
Absolute and One Sigma Jitter (ps)
Absolute and One Sigma Jitter (ps)
Absolute and One Sigma Jitter (ps)
CLK = 50M
CLK/2 = 25M
S1
S0
CLKIN (MHz)
Multiplier
P to P
1 sigma
Multiplier
P to P
1 sigma
0
M
8.333
6x
±110
80
3x
±55
20
0
1
6.25
8x
±125
90
4x
±50
20
M
0
3.125
16x
±130
90
8x
±55
20
M
M
4.167
12x
±120
90
6x
±55
20
M
1
2.5
20x
±115
90
10x
±55
20
1
0
25
2x
±130
50
1x
±55
20
1
M
1.5625
32x
±120
90
16x
±55
20
1
1
12.5
4x
±120
60
2x
±55
20
CLK = 100M
CLK/2 = 50M
S1
S0
CLKIN (MHz)
Multiplier
P to P
1 sigma
Multiplier
P to P
1 sigma
0
M
16.667
6x
±100
70
3x
±45
20
0
1
12.5
8x
±100
70
4x
±45
20
M
0
6.25
16x
±110
80
8x
±45
20
M
M
8.333
12x
±100
70
6x
±45
20
M
1
5
20x
±105
70
10x
±40
20
1
0
50
2x
±90
60
1x
±40
20
1
M
3.125
32x
±95
70
16x
±45
20
1
1
25
4x
±105
70
2x
±60
20
CLK = 150M
CLK/2 = 75M
S1
S0
CLKIN (MHz)
Multiplier
P to P
1 sigma
Multiplier
P to P
1 sigma
0
M
25
6x
±115
70
3x
±50
20
0
1
18.375
8x
±120
80
4x
±50
20
M
0
9.375
16x
±130
90
8x
±50
20
M
M
12.5
12x
±130
90
6x
±45
20
M
1
7.5
20x
±130
90
10x
±45
20
1
0
75
2x
±115
90
1x
±45
20
1
M
4.6875
32x
±130
90
16x
±50
20
1
1
37.5
4x
±110
70
2x
±60
20


Similar Part No. - ICS570M

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS570M ICST-ICS570M Datasheet
85Kb / 6P
   Multiplier and Zero Delay Buffer
ICS570MI ICST-ICS570MI Datasheet
85Kb / 6P
   Multiplier and Zero Delay Buffer
ICS570MIT ICST-ICS570MIT Datasheet
85Kb / 6P
   Multiplier and Zero Delay Buffer
ICS570MT ICST-ICS570MT Datasheet
85Kb / 6P
   Multiplier and Zero Delay Buffer
More results

Similar Description - ICS570M

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS570B ICST-ICS570B Datasheet
96Kb / 6P
   Multiplier and Zero Delay Buffer
logo
Integrated Device Techn...
ICS570-01 IDT-ICS570-01 Datasheet
164Kb / 7P
   MULTIPLIER AND ZERO DELAY BUFFER
logo
List of Unclassifed Man...
MK2302S-01 ETC-MK2302S-01 Datasheet
161Kb / 6P
   Multiplier and Zero Delay Buffer
logo
Integrated Circuit Syst...
ICS2402 ICST-ICS2402 Datasheet
136Kb / 7P
   Multiplier and Zero Delay Buffer
ICS570A ICST-ICS570A Datasheet
85Kb / 6P
   Multiplier and Zero Delay Buffer
logo
Renesas Technology Corp
MK2302-01 RENESAS-MK2302-01 Datasheet
331Kb / 8P
   MULTIPLIER AND ZERO DELAY BUFFER
051310
logo
Cypress Semiconductor
W194 CYPRESS-W194 Datasheet
102Kb / 6P
   Frequency Multiplier and Zero Delay Buffer
CY2302 CYPRESS-CY2302 Datasheet
103Kb / 7P
   Frequency Multiplier and Zero Delay Buffer
CY2302 CYPRESS-CY2302_05 Datasheet
84Kb / 7P
   Frequency Multiplier and Zero Delay Buffer
logo
Renesas Technology Corp
ICS671-01 RENESAS-ICS671-01 Datasheet
338Kb / 7P
   ZERO DELAY LOW SKEW BUFFER AND MULTIPLIER
051310
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com