Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM73CIMK Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM73CIMK
Description  2.7V, SOT-23, 11-to-14 Bit Digital Temperature Sensor with 2-Wire Interface
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM73CIMK Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM73CIMK Datasheet HTML 4Page - National Semiconductor (TI) LM73CIMK Datasheet HTML 5Page - National Semiconductor (TI) LM73CIMK Datasheet HTML 6Page - National Semiconductor (TI) LM73CIMK Datasheet HTML 7Page - National Semiconductor (TI) LM73CIMK Datasheet HTML 8Page - National Semiconductor (TI) LM73CIMK Datasheet HTML 9Page - National Semiconductor (TI) LM73CIMK Datasheet HTML 10Page - National Semiconductor (TI) LM73CIMK Datasheet HTML 11Page - National Semiconductor (TI) LM73CIMK Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
1.0 Functional Description
The LM73 is a digital temperature sensor that senses the
temperature of its die using a sigma-delta analog-to-digital
converter and stores the temperature in the Temperature
Register. The LM73’s 2-wire serial interface is compatible
with SMBus 2.0 and I
2C. Please see the SMBus 2.0 speci-
fication for a detailed description of the differences between
the I
2C bus and SMBus.
The temperature resolution is programmable, allowing the
host system to select the optimal configuration between
sensitivity and conversion time. The LM73 can be placed in
shutdown to minimize power consumption when tempera-
ture data is not required. While in shutdown, a 1-shot con-
version mode allows system control of the conversion rate
for ultimate flexibility.
The LM73 features the following registers. See Section 2.0
for a complete list of the pointer address, content, and reset
state of each register.
1.
Pointer Register
2.
Temperature Register
3.
Configuration Register
4.
T
HIGH Register
5.
T
LOW Register
6.
Control/Status Register
7.
Identification Register
1.1 POWER-ON RESET
The power-on reset (POR) state is the point at which the
supply voltage rises above the power-on reset threshold
(specified in the electrical specifications table), generating
an internal reset. Each of the registers contains a defined
value upon POR and this data remains there until any of the
following occurs:
1.
The first temperature conversion is completed, causing
the Temperature Register and various status bits to be
updated internally, depending on the value of the mea-
sured temperature
2.
The master writes different data to any R/W bits
3.
The LM73 is powered down
1.2 ONE-SHOT CONVERSION
The LM73 features a one-shot conversion bit, which is used
to initiate a single conversion and comparison cycle when
the LM73 is in shutdown mode. While the LM73 is in shut-
down mode, writing a "1" to the One-Shot bit in the Configu-
ration Register will cause the LM73 to perform a single
temperature conversion and update the Temperature Regis-
ter and the affected status bits. Operating the LM73 in this
one-shot mode allows for extremely low average-power con-
sumption, making it ideal for low-power applications.
When the One-Shot bit is set, the LM73 initiates a tempera-
ture conversion. After this initiation, but before the comple-
tion of the conversion and resultant register updates, the
LM73 is in a "one-shot" state. During this state, the Data
Available (DAV) flag in the Control/Status register is "0" and
the Temperature
Register
contains
the
value
8000h
(-256˚C). All other registers contain the data that was
present before initiating the one-shot conversion. After the
temperature measurement is complete, the DAV flag will be
set to "1" and the temperature register will contain the result-
ant measured temperature.
1.3 TEMPERATURE DATA FORMAT
The resolution of the temperature data and the size of the
data word are user-selectable through bits RES1 and RES0
in the Control/Status Register. By default, the LM73 tem-
perature stores the measured temperature in an 11-bit (10
bits plus sign) word with one least significant bit (LSB) equal
to 0.25˚C. The maximum word size is 14 bits (13-bits plus
sign) with a resolution of 0.03125 ˚C/LSB.
CONTROL BIT
DATA FORMAT
RES1
RES0
WORD SIZE
RESOLUTION
0
0
11 bits
0.25 ˚C/LSB
0
1
12 bits
0.125 ˚C/LSB
1
0
13 bits
0.0625 ˚C/LSB
1
1
14 bits
0.03125 ˚C/LSB
The temperature data is reported in 2’s complement format.
The word is stored in the 16-bit Temperature Register and is
left justified in this register. Unused temperature-data bits
are always reported as "0".
11-bit (10-bit plus sign)
Temperature
Digital Output
Binary
Hex
+150˚C
0100 1011 0000 0000
4B00h
+25˚C
0000 1100 1000 0000
0C80h
+1˚C
0000 0000 1000 0000
0080h
+0.25˚C
0000 0000 0010 0000
0020h
0˚C
0000 0000 0000 0000
0000h
−0.25˚C
1111 1111 1110 0000
FFE0h
−1˚C
1111 1111 1000 0000
FF80h
−25˚C
1111 0011 1000 0000
F380h
−40˚C
1110 1100 0000 0000
EC00h
12-bit (11-bit plus sign)
Temperature
Digital Output
Binary
Hex
+150˚C
0100 1011 0000 0000
4B00h
+25˚C
0000 1100 1000 0000
0C80h
+1˚C
0000 0000 1000 0000
0080h
+0.125˚C
0000 0000 0001 0000
0010h
0˚C
0000 0000 0000 0000
0000h
−0.125˚C
1111 1111 1111 0000
FFF0h
−1˚C
1111 1111 1000 0000
FF80h
−25˚C
1111 0011 1000 0000
F380h
−40˚C
1110 1100 0000 0000
EC00h
www.national.com
8


Similar Part No. - LM73CIMK

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM73CIMK-0 NSC-LM73CIMK-0 Datasheet
733Kb / 18P
   2.7V, SOT-23, 11-to-14 Bit Digital Temperature Sensor with 2-Wire Interface
logo
Texas Instruments
LM73CIMK-0 TI1-LM73CIMK-0 Datasheet
1Mb / 26P
[Old version datasheet]   LM73 2.7V, SOT, 11-to-14 Bit Digital Temperature Sensor with 2-Wire Interface
LM73CIMK-0/NOPB TI-LM73CIMK-0/NOPB Datasheet
1Mb / 30P
[Old version datasheet]   2.7-V, SOT-23, 11- to 14-Bit Digital Temperature Sensor With 2-Wire Interface
logo
National Semiconductor ...
LM73CIMK-1 NSC-LM73CIMK-1 Datasheet
733Kb / 18P
   2.7V, SOT-23, 11-to-14 Bit Digital Temperature Sensor with 2-Wire Interface
logo
Texas Instruments
LM73CIMK-1 TI1-LM73CIMK-1 Datasheet
1Mb / 26P
[Old version datasheet]   LM73 2.7V, SOT, 11-to-14 Bit Digital Temperature Sensor with 2-Wire Interface
More results

Similar Description - LM73CIMK

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM73 NSC-LM73_06 Datasheet
733Kb / 18P
   2.7V, SOT-23, 11-to-14 Bit Digital Temperature Sensor with 2-Wire Interface
logo
Texas Instruments
LM73CIMK-0 TI1-LM73CIMK-0 Datasheet
1Mb / 26P
[Old version datasheet]   LM73 2.7V, SOT, 11-to-14 Bit Digital Temperature Sensor with 2-Wire Interface
LM73-Q1 TI1-LM73-Q1 Datasheet
566Kb / 27P
[Old version datasheet]   2.7-V, SOT-23, 11- to 14-Bit Digital Temperature Sensor With 2-Wire Interface
LM73 TI-LM73_15 Datasheet
1Mb / 30P
[Old version datasheet]   2.7-V, SOT-23, 11- to 14-Bit Digital Temperature Sensor With 2-Wire Interface
SM73710 TI-SM73710 Datasheet
374Kb / 12P
[Old version datasheet]   SM73710 2.7V, SOT-23 Temperature Sensor
logo
National Semiconductor ...
LM60 NSC-LM60_05 Datasheet
637Kb / 11P
   2.7V, SOT-23 or TO-92 Temperature Sensor
LM60 NSC-LM60 Datasheet
221Kb / 9P
   2.7V, SOT-23 or TO-92 Temperature Sensor
LM61 NSC-LM61 Datasheet
242Kb / 9P
   2.7V, SOT-23 or TO-92 Temperature Sensor
LM61 NSC-LM61_05 Datasheet
674Kb / 10P
   2.7V, SOT-23 or TO-92 Temperature Sensor
logo
Texas Instruments
LM60 TI-LM60 Datasheet
1Mb / 16P
[Old version datasheet]   2.7V, SOT-23 or TO-92 Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com