Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4730TA Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4730TA
Description  Stereo 14W Audio Power Amplifier with Mute and Standby Modes
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4730TA Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM4730TA Datasheet HTML 7Page - National Semiconductor (TI) LM4730TA Datasheet HTML 8Page - National Semiconductor (TI) LM4730TA Datasheet HTML 9Page - National Semiconductor (TI) LM4730TA Datasheet HTML 10Page - National Semiconductor (TI) LM4730TA Datasheet HTML 11Page - National Semiconductor (TI) LM4730TA Datasheet HTML 12Page - National Semiconductor (TI) LM4730TA Datasheet HTML 13Page - National Semiconductor (TI) LM4730TA Datasheet HTML 14Page - National Semiconductor (TI) LM4730TA Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Application Information
MUTE MODE
By placing a logic-high voltage on the mute pins, the signal
going into the amplifiers will be muted. If the mute pins are
left floating or connected to a logic-low voltage, the amplifi-
ers will be in a non-muted state. There are two mute pins,
one for each amplifier, so that one channel can be muted
without muting the other if the application requires such a
configuration. Refer to the Typical Performance Character-
istics section for curves concerning Mute Attenuation vs
Mute Pin Voltage.
STANDBY MODE
The standby mode of the LM4730 allows the user to drasti-
cally reduce power consumption when the amplifiers are
idle. By placing a logic-high voltage on the standby pins, the
amplifiers will go into Standby Mode. In this mode, the
current drawn from the V
CC supply is typically less than 10
µA total for both amplifiers. The current drawn from the V
EE
supply is typically 3.5mA. Clearly, there is a significant re-
duction in idle power consumption when using the standby
mode. There are two Standby pins, so that one channel can
be put in standby mode without putting the other amplifier in
standby if the application requires such flexibility. Refer to
the Typical Performance Characteristics section for
curves showing Supply Current vs. Standby Pin Voltage for
both supplies.
UNDER-VOLTAGE PROTECTION
Upon system power-up, the under-voltage protection cir-
cuitry allows the power supplies and their corresponding
capacitors to come up close to their full values before turning
on the LM4730 such that no DC output spikes occur. Upon
turn-off, the output of the LM4730 is brought to ground
before the power supplies such that no transients occur at
power-down.
OVER-VOLTAGE PROTECTION
The LM4730 contains over-voltage protection circuitry that
limits the output current while also providing voltage clamp-
ing, though not through internal clamping diodes. The clamp-
ing effect is quite the same, however, the output transistors
are designed to work alternately by sinking large current
spikes.
THERMAL PROTECTION
The LM4730 has a sophisticated thermal protection scheme
to prevent long-term thermal stress of the device. When the
temperature on the die exceeds 150˚C, the LM4730 shuts
down. It starts operating again when the die temperature
drops to about 145˚C, but if the temperature again begins to
rise, shutdown will occur again above 150˚C. Therefore, the
device is allowed to heat up to a relatively high temperature
if the fault condition is temporary, but a sustained fault will
cause the device to cycle in a Schmitt Trigger fashion be-
tween the thermal shutdown temperature limits of 150˚C and
145˚C. This greatly reduces the stress imposed on the IC by
thermal cycling, which in turn improves its reliability under
sustained fault conditions.
Since the die temperature is directly dependent upon the
heat sink used, the heat sink should be chosen such that
thermal shutdown will not be reached during normal opera-
tion. Using the best heat sink possible within the cost and
space constraints of the system will improve the long-term
reliability of any power semiconductor device, as discussed
in the Determining the Correct Heat Sink Section.
DETERMlNlNG MAXIMUM POWER DISSIPATION
Power dissipation within the integrated circuit package is a
very important parameter requiring a thorough understand-
ing if optimum power output is to be obtained. An incorrect
maximum power dissipation calculation may result in inad-
equate heat sinking causing thermal shutdown and thus
limiting the output power.
Equation (1) exemplifies the theoretical maximum power
dissipation point of each amplifier where V
CC is the total
supply voltage.
P
DMAX =VCC2/2
π2R
L
(1)
Thus by knowing the total supply voltage and rated output
load, the maximum power dissipation point can be calcu-
lated. The package dissipation is twice the number which
results from equation (1) since there are two amplifiers in
each LM4730. Refer to the graphs of Power Dissipation
versus Output Power in the Typical Performance Charac-
teristics section which show the actual full range of power
dissipation not just the maximum theoretical point that re-
sults from equation (1).
DETERMINING THE CORRECT HEAT SINK
The choice of a heat sink for a high-power audio amplifier is
made entirely to keep the die temperature at a level such
that the thermal protection circuitry does not operate under
normal circumstances.
The thermal resistance from the die (junction) to the outside
air (ambient) is a combination of three thermal resistances,
θ
JC,
θ
CS, and
θ
SA. In addition, the thermal resistance,
θ
JC
(junction to case), of the LM4730TA is 1.5˚C/W. Using Ther-
malloy Thermacote thermal compound, the thermal resis-
tance,
θ
CS (case to sink), is about 0.2˚C/W. Since convection
heat flow (power dissipation) is analogous to current flow,
thermal resistance is analogous to electrical resistance, and
temperature drops are analogous to voltage drops, the
power dissipation out of the LM4730 is equal to the following:
P
DMAX =(TJMAX−TAMB)/
θ
JA
(2)
where T
JMAX = 150˚C, TAMB is the system ambient tempera-
ture and
θ
JA =
θ
JC +
θ
CS +
θ
SA.
Once the maximum package power dissipation has been
calculated using equation (1), the maximum thermal resis-
tance,
θ
SA, (heat sink to ambient) in ˚C/W for a heat sink can
be calculated. This calculation is made using equation (3)
which is derived by solving for
θ
SA in equation (2).
θ
SA = [(TJMAX−TAMB)−PDMAX(
θ
JC +
θ
CS)]/PDMAX
(3)
Again it must be noted that the value of
θ
SA is dependent
upon the system designer’s amplifier requirements. If the
ambient temperature that the audio amplifier is to be working
under is higher than 25˚C, then the thermal resistance for the
heat sink, given all other things are equal, will need to be
smaller.
SUPPLY BYPASSING
The LM4730 has excellent power supply rejection and does
not require a regulated supply. However, to improve system
performance as well as eliminate possible oscillations, the
LM4730 should have its supply leads bypassed with low-
inductance capacitors having short leads that are located
close to the package terminals. Inadequate power supply
bypassing will manifest itself by a low frequency oscillation
known as “motorboating” or by high frequency instabilities.
www.national.com
11


Similar Part No. - LM4730TA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4731 NSC-LM4731 Datasheet
640Kb / 16P
   Stereo 25W Audio Power Amplifier with Mute and Standby Modes
LM4731TA NSC-LM4731TA Datasheet
640Kb / 16P
   Stereo 25W Audio Power Amplifier with Mute and Standby Modes
LM4732 NSC-LM4732 Datasheet
861Kb / 22P
   Stereo 50W Audio Power Amplifier with Mute
LM4732TA NSC-LM4732TA Datasheet
861Kb / 22P
   Stereo 50W Audio Power Amplifier with Mute
LM4733 NSC-LM4733 Datasheet
939Kb / 23P
   3 Channel 30W Audio Power Amplifier with Mute
More results

Similar Description - LM4730TA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4731 NSC-LM4731 Datasheet
640Kb / 16P
   Stereo 25W Audio Power Amplifier with Mute and Standby Modes
LM1876 NSC-LM1876_03 Datasheet
696Kb / 20P
   Dual 20W Audio Power Amplifier with Mute and Standby Modes
LM4700 NSC-LM4700 Datasheet
529Kb / 15P
   Overture??Audio Power Amplifier Series 30W Audio Power Amplifier with Mute and Standby Modes
LM4765 NSC-LM4765 Datasheet
536Kb / 15P
   Audio Power Amplifier Series Dual 30W Audio Power Amplifier with Mute and Standby Modes
LM4701 NSC-LM4701 Datasheet
541Kb / 15P
   LM4701 Overture??Audio Power Amplifier Series 30W Audio Power Amplifier with Mute and Standby Modes
logo
Unisonic Technologies
PA9069A UTC-PA9069A Datasheet
208Kb / 6P
   14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
logo
National Semiconductor ...
LM1876 NSC-LM1876 Datasheet
593Kb / 16P
   Overture??Audio Power Amplifier Series Dual 20W Audio Power Amplifier with Mute and Standby Modes
logo
Texas Instruments
LM4765 TI1-LM4765 Datasheet
817Kb / 24P
[Old version datasheet]   LM4765 Overture??Audio Power Amplifier Series Dual 30W Audio Power Amplifier with Mute and Standby Modes
logo
STMicroelectronics
TDA7269A STMICROELECTRONICS-TDA7269A_03 Datasheet
157Kb / 9P
   14W14W STEREO AMPLIFIER WITH MUTE & ST-BY
TDA7269ASA STMICROELECTRONICS-TDA7269ASA Datasheet
205Kb / 11P
   14W14W STEREO AMPLIFIER WITH MUTE & ST-BY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com