Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M66220SP Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # M66220SP
Description  256 x 8-BIT MAIL-BOX
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M66220SP Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

Back Button M66220SP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M66220SP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M66220SP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M66220SP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M66220SP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M66220SP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M66220SP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M66220SP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M66220SP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MITSUBISHI
〈DIGITAL ASSP〉
M66220SP/FP
256
× 8-BIT MAIL-BOX
6
SWITCHING CHARACTERISTICS (Ta = 0 ~ 70
°C, VCC = 5V±10%, unless otherwise noted)
Read cycle
Symbol
tCR
ta(A)
ta(CS)
ta(OE)
tdis(CS)
tdis(OE)
ten(CS)
ten(OE)
tv(A)
Parameter
Read cycle time
Address access time
Chip select access time
Output enable access time
Output disable time after CS (Note 5)
Output disable time after OE (Note 5)
Output enable time after CS (Note 5)
Output enable time after OE (Note 5)
Data effective time after Address
Limits
Unit
ns
ns
ns
ns
ns
ns
ns
ns
ns
Typ.
Max.
70
70
35
35
35
Min.
70
5
5
10
TIMING REQUIREMENTS (Ta = 0 ~ 70
°C, VCC = 5V±10%, unless otherwise noted)
Write cycle
Symbol
tCW
tw(WE)
tsu(A)
tsu(A-WEH)
tsu(CS)
tsu(D)
th(D)
trec(WE)
tdis(WE)
tdis(OE)
ten(WE)
Parameter
Write cycle time
Write pulse width
Address setup time
Address setup time for rise of WE.
Chip select setup time (for WE)
Data setup time
Data hold time
Write recovery time
Output disable time after WE (Note 5)
Output disable time after OE (Note 5)
Output enable time after WE (Note 5)
Limits
Unit
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Typ.
Max.
35
35
Min.
70
45
0
65
65
40
0
0
0
Note 5: The time required for the output to change from a steady state to
±500mV under the load conditions shown in Fig 2.
This parameter is guaranteed but is not tested at shipment.
NOT READY TIMING (Ta = 0 ~ 70
°C, VCC = 5V±10%, unless otherwise noted)
Symbol
tNAA
tNDA
tNAC
tNDC
tAPS
tNO
tNW
Parameter
Not Ready access time from Address
Not Ready disable time from Address
Not Ready access time from CS
Not Ready disable time from CS
Arbitration priority setup time
Data output access time from Not Ready.
Write hold time from Not Ready.
Limits
Unit
ns
ns
ns
ns
ns
ns
ns
Typ.
Max.
50
50
50
50
0
Min.
15
65


Similar Part No. - M66220SP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M66220SP RENESAS-M66220SP Datasheet
2Mb / 12P
   256*8-BIT MAIL-BOX
More results

Similar Description - M66220SP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M66220SP RENESAS-M66220SP Datasheet
2Mb / 12P
   256*8-BIT MAIL-BOX
logo
Mitsubishi Electric Sem...
M66221SP MITSUBISHI-M66221SP Datasheet
119Kb / 11P
   256 x 9-BIT MAIL-BOX
M66222SP MITSUBISHI-M66222SP Datasheet
107Kb / 8P
   128 x 8-BIT x 2 MAIL-BOX
logo
Renesas Technology Corp
M66222SP RENESAS-M66222SP Datasheet
1Mb / 9P
   128*8-BIT*2 MAIL-BOX
logo
List of Unclassifed Man...
AM1702A ETC1-AM1702A Datasheet
257Kb / 7P
   256 X 8 BIT PROGRAMMABLE ROM
logo
National Semiconductor ...
DM54LS471 NSC-DM54LS471 Datasheet
121Kb / 4P
   (256 X 8) 2048-BIT TTL PROM
DM54S188 NSC-DM54S188 Datasheet
128Kb / 4P
   (32 X 8) 256-BIT TTL PROM
logo
Maxwell Technologies
48SD3208 MAXWELL-48SD3208 Datasheet
589Kb / 39P
   256 Mb SDRAM 8-Meg X 8-Bit X 4-Banks
logo
Toshiba Semiconductor
TC9WMB1FK TOSHIBA-TC9WMB1FK Datasheet
158Kb / 15P
   1024-Bit (128 x 8 Bit) / 2048-Bit (256 x 8 Bit) 2-Wire Serial E2PROM
logo
NXP Semiconductors
82S23 PHILIPS-82S23 Datasheet
131Kb / 3P
   256-bit TTL bipolar PROM 32 x 8
November 11. 1986
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com