Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICX404AK Datasheet(PDF) 10 Page - Sony Corporation

Part # ICX404AK
Description  Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX404AK Datasheet(HTML) 10 Page - Sony Corporation

Back Button ICX404AK Datasheet HTML 6Page - Sony Corporation ICX404AK Datasheet HTML 7Page - Sony Corporation ICX404AK Datasheet HTML 8Page - Sony Corporation ICX404AK Datasheet HTML 9Page - Sony Corporation ICX404AK Datasheet HTML 10Page - Sony Corporation ICX404AK Datasheet HTML 11Page - Sony Corporation ICX404AK Datasheet HTML 12Page - Sony Corporation ICX404AK Datasheet HTML 13Page - Sony Corporation ICX404AK Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
– 10 –
ICX404AK
Definition of standard imaging conditions
1) Standard imaging condition I:
Use a pattern box (luminance 706cd/m2, color temperature of 3200K halogen source) as a subject. (Pattern
for evaluation is not applicable.) Use a testing standard lens with CM500S (t = 1.0mm) as an IR cut filter and
image at F5.6. The luminous intensity to the sensor receiving surface at this point is defined as the standard
sensitivity testing luminous intensity.
2) Standard imaging condition II:
Image a light source (color temperature of 3200K) with a uniformity of brightness within 2% at all angles.
Use a testing standard lens with CM500S (t = 1.0mm) as an IR cut filter. The luminous intensity is adjusted
to the value indicated in each testing item by the lens diaphragm.
1. Sensitivity
Set to standard imaging condition I. After selecting the electronic shutter mode with a shutter speed of
1/250s, measure the Y signal (Ys) at the center of the screen and substitute the value into the following
formula.
S = Ys
×
[mV]
2. Sensitivity ratio
Set to standard imaging condition II. Adjust the luminous intensity so that the average value of the Y signal
output is 200mV, and then measure the Mg signal output (SMg [mV]) and G signal output (SG [mV]), and Ye
signal output (SYe [mV]) and Cy signal output (SCy [mV]) at the center of the screen with frame readout
method. Substitute the values into the following formula.
RMgG = SMg/SG
RYeCy = SYe/SCy
3. Saturation signal
Set to standard imaging condition II. After adjusting the luminous intensity to 10 times the intensity with
average value of the Y signal output, 200mV, measure the minimum value of the Y signal.
4. Smear
Set to standard imaging condition II. With the lens diaphragm at F5.6 to F8, adjust the luminous intensity to
500 times the intensity with average value of the Y signal output, 200mV. When the readout clock is
stopped and the charge drain is executed by the electronic shutter at the respective H blankings, measure
the maximum value YSm [mV] of the Y signal output and substitute the value into the following formula.
5. Video signal shading
Set to standard imaging condition II. With the lens diaphragm at F5.6 to F8, adjust the luminous intensity so
that the average value of the Y signal output is 200mV. Then measure the maximum (Ymax [mV]) and
minimum (Ymin [mV]) values of the Y signal and substitute the values into the following formula.
SHy = (Ymax – Ymin)/200
× 100 [%]
6. Uniformity between video signal channels
Set to standard imaging condition II. Adjust the luminous intensity so that the average value of the Y signal
output is 200mV, and then measure the maximum (Crmax, Cbmax [mV]) and minimum (Crmin, Cbmin
[mV]) values of the R – Y and B – Y channels of the chroma signal and substitute the values into the
following formula.
∆Sr = | (Crmax – Crmin)/200 | × 100 [%]
∆Sb = | (Cbmax – Cbmin)/200 | × 100 [%]
Sm = 20
× log
[dB] (1/10V method conversion value)
××
500
1
60
250
200
YSm
10
1


Similar Part No. - ICX404AK

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX404AL SONY-ICX404AL Datasheet
190Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
More results

Similar Description - ICX404AK

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX080AK SONY-ICX080AK Datasheet
223Kb / 19P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
ICX258AK SONY-ICX258AK Datasheet
198Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
ICX054BK SONY-ICX054BK Datasheet
208Kb / 19P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
ICX408AK SONY-ICX408AK Datasheet
204Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
ICX254AK SONY-ICX254AK Datasheet
197Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
ICX058AKB SONY-ICX058AKB Datasheet
823Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Cameras?
ICX409AK SONY-ICX409AK Datasheet
206Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX081AK SONY-ICX081AK Datasheet
227Kb / 19P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX255AK SONY-ICX255AK Datasheet
197Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX405AK SONY-ICX405AK Datasheet
203Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com