Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY62V8100BLLR1 Datasheet(PDF) 8 Page - Hynix Semiconductor

Part # HY62V8100BLLR1
Description  128K x8 bit 3.3V Low Power CMOS slow SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY62V8100BLLR1 Datasheet(HTML) 8 Page - Hynix Semiconductor

Back Button HY62V8100BLLR1 Datasheet HTML 4Page - Hynix Semiconductor HY62V8100BLLR1 Datasheet HTML 5Page - Hynix Semiconductor HY62V8100BLLR1 Datasheet HTML 6Page - Hynix Semiconductor HY62V8100BLLR1 Datasheet HTML 7Page - Hynix Semiconductor HY62V8100BLLR1 Datasheet HTML 8Page - Hynix Semiconductor HY62V8100BLLR1 Datasheet HTML 9Page - Hynix Semiconductor HY62V8100BLLR1 Datasheet HTML 10Page - Hynix Semiconductor HY62V8100BLLR1 Datasheet HTML 11Page - Hynix Semiconductor HY62V8100BLLR1 Datasheet HTML 12Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
HY62V8100B Series
Rev 13 / Apr. 2001
7
DATA RETENTION ELECTRIC CHARACTERISTIC
TA=0
°C to 70°C / -25°C to 85°C (E) / -25¡ Éto 85¡ É(I)
Sym
Parameter
Test Condition
Min
Typ
Max
Unit
VDR
Vcc for Data Retention
/CS1>Vcc-0.2V or CS2<0.2V,
VIN > Vcc-0.2V or VIN < Vss+0.2V
2.0
-
-
V
ICCDR
Data
HY62V8100B
Vcc=3.0V,
-
0.5
10
uA
Retention
HY62V8100B-E
/CS1>Vcc - 0.2V or CS2<0.2V,
-
0.5
15
uA
Current
HY62V8100B-I
VIN > Vcc-0.2V or VIN > Vss+0.2V
-
0.5
15
uA
tCDR
Chip Deselect to Data
Retention Time
See Data Retention Timing
Diagram
0
-
-
ns
tR
Operating Recovery Time
tRC(2)
-
-
ns
Notes:
1. Typical values are under the condition of TA = 25
°C.
2. tRC is read cycle time.
DATA RETENTION TIMING DIAGRAM 1
CS1
VDR
CS1>VCC-0.2V
tCDR
tR
VSS
VCC
3.0V
2.2V
DATA RETENTION MODE
DATA RETENTION TIMING DIAGRAM 2
0.4V
VDR
tCDR
tR
VSS
VCC
CS2
3.0V
DATA RETENTION MODE
CS2<0.2V


Similar Part No. - HY62V8100BLLR1

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY62V8200B HYNIX-HY62V8200B Datasheet
187Kb / 12P
   HY62V8200B Series 256Kx8bit CMOS SRAM
HY62V8200BLLR1 HYNIX-HY62V8200BLLR1 Datasheet
187Kb / 12P
   HY62V8200B Series 256Kx8bit CMOS SRAM
HY62V8200BLLR1-E HYNIX-HY62V8200BLLR1-E Datasheet
187Kb / 12P
   HY62V8200B Series 256Kx8bit CMOS SRAM
HY62V8200BLLR1-I HYNIX-HY62V8200BLLR1-I Datasheet
187Kb / 12P
   HY62V8200B Series 256Kx8bit CMOS SRAM
HY62V8200BLLSR HYNIX-HY62V8200BLLSR Datasheet
187Kb / 12P
   HY62V8200B Series 256Kx8bit CMOS SRAM
More results

Similar Description - HY62V8100BLLR1

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY62U8100B HYNIX-HY62U8100B Datasheet
205Kb / 12P
   128K x8 bit 3.0V Low Power CMOS slow SRAM
HY628100B HYNIX-HY628100B Datasheet
175Kb / 10P
   128K x8 bit 5.0V Low Power CMOS slow SRAM
GM76V256C HYNIX-GM76V256C Datasheet
175Kb / 11P
   32K x8 bit 3.3V Low Power CMOS slow SRAM
HY62V8400A HYNIX-HY62V8400A Datasheet
181Kb / 11P
   512K x8 bit 3.3V Low Power CMOS slow SRAM
GM76C256C HYNIX-GM76C256C Datasheet
177Kb / 11P
   32K x8 bit 5.0V Low Power CMOS slow SRAM
HY62U8200B HYNIX-HY62U8200B Datasheet
188Kb / 12P
   256K x8 bit 3.0V Low Power CMOS slow SRAM
HY628400A HYNIX-HY628400A Datasheet
182Kb / 11P
   512K x8 bit 5.0V Low Power CMOS slow SRAM
GM76U256C HYNIX-GM76U256C Datasheet
175Kb / 11P
   32K x8 bit 3.0V Low Power CMOS slow SRAM
logo
Alliance Semiconductor ...
AS7C1025 ALSC-AS7C1025 Datasheet
196Kb / 9P
   5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)
logo
Samsung semiconductor
KM681000B SAMSUNG-KM681000B Datasheet
192Kb / 11P
   128K x8 bit Low Power CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com