Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-3203-021 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HSDL-3203-021
Description  Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL-3203-021 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HSDL-3203-021 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSDL-3203-021 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSDL-3203-021 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSDL-3203-021 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSDL-3203-021 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSDL-3203-021 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSDL-3203-021 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSDL-3203-021 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSDL-3203-021 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
Electrical and Optical Specifications
Specifications hold over the recommended operating conditions unless otherwise noted. Unspecified test conditions
can be anywhere in their operating range. All typical values are at 25˚C and 3.0 V unless otherwise noted.
Parameter
Symbol Min.
Typ.
Max. Units
Conditions
Note
Receiver
RXD Output Voltage
Logic Low
VOL
00.4
V
IOL = 200 µA, for in-band EI
14
Logic High VOH
VCC
VCC
VIOH = 200 µA, for in-band
–0.2
EI
≤ 0.3 µW/cm2
Viewing Angle
2
φ1/2
30
˚
Logic High Receiver Input
EIH
0.0081
500
mW/cm2 For in-band signals
≤ 115.2 kbit/s 13
Irradiance
Logic Low Receiver Input
EIL
0.3
µW/cm2 For in-band signals
13
Irradiance
Peak Sensitivity Wavelength
λp
880
nm
RXD Pulse Width
tpw
1.5
2.5
4.0
µs14
RXD Rise and Fall Times
tr, tf
25
100
ns
tpw(EI) = 1.6
µs, CL = 10 pF
Receiver Latency Time
tL
25
50
µs14
Receiver Wake Up Time
tW
50
100
µs15
Transmitter
Radiant Intensity
EIH
4
8
28.8
mW/sr
ILEDA = 50 mA, TA = 25˚C,
θ1/2≤15˚
22.5
mW/sr
ILEDA = 250 mA, TA = 25˚C,
θ1/2≤15˚
Peak Wavelength
λp
875
nm
Spectral Line Half Width
∆λ1/2
35
nm
Viewing Angle
2
θ1/2
30
60
˚
Optical Pulse Width
tpw
1.5
1.6
2
µs
tpw(TXD) = 1.6
µs
Optical Rise and Fall Times
tr (EI)
600
ns
tpw(TXD) = 1.6
µs
tf (EI)
Maximum Optical Pulse Width
tpw
20
50
µs
TXD pin stuck high
(max)
LED Anode ON State Voltage
VON
1.5
V
ILEDA = 50 mA,
(LEDA)
VIH (TXD) = 2.7 V
LED Anode OFF State Leakage
ILK
0.01
1.0
µAVLEDA = VCC = 3.6 V,
(LEDA)
VI (TXD) ≤ 1/3 VCC
Transceiver
TXD and SD Input
Logic Low
IL
–1
–0.01 1
µA0 ≤ VI ≤ 1/3 VCC
Logic High IH
0.01
1
µAVI ≥ 2/3 VCC
Supply Current
Shutdown
ICCI
10
200
nA
VCC = 3.6 V, VSD ≥ VCC –0.5
Idle
ICC2
2.5
4
mA
VCC = 3.6 V, VI(TXD) ≤ 1/3 VCC,
EI = 0
Active
ICC3
2.6
5
mA
VCC = 3.6 V, VI(TXD)≤ 1/3 VCC
16
Receiver
Notes:
14. For in-band signals
≤ 115.2 kbit/s where 8.1 µW/cm2 ≤ EI ≤ 500 mW/cm2.
15. Wake up time is measured from SD pin HIGH to LOW transition or VCC power ON to valid RXD output.
16. Typical value is at EI = 10 mW/cm2, maximum value is at EI = 500 mW/cm2.
Currents


Similar Part No. - HSDL-3203-021

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3203-021 AVAGO-HSDL-3203-021 Datasheet
400Kb / 19P
   Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
More results

Similar Description - HSDL-3203-021

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL3208 HP-HSDL3208 Datasheet
265Kb / 18P
   Ultra Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3209 HP-HSDL-3209 Datasheet
180Kb / 16P
   IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3209-021 LITEON-HSDL-3209-021 Datasheet
297Kb / 16P
   IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3203 AVAGO-HSDL-3203 Datasheet
400Kb / 19P
   Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3208-025 LITEON-HSDL-3208-025 Datasheet
1Mb / 23P
   Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3208 LITEON-HSDL-3208 Datasheet
465Kb / 23P
   Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3208-S21 LITEON-HSDL-3208-S21 Datasheet
488Kb / 22P
   Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3003 HP-HSDL-3003 Datasheet
319Kb / 21P
   IrDA Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
HSDL-3201 HP-HSDL-3201 Datasheet
302Kb / 20P
   IrDA Data 1.2 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
   IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com