Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


HSDL-3203 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part No. HSDL-3203
Description  Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

 
 5 page
background image
5
Electrical and Optical Specifications
Specifications hold over the recommended operating conditions unless otherwise noted. Unspecified test conditions
can be anywhere in their operating range. All typical values are at 25˚C and 3.0 V unless otherwise noted.
Parameter
Symbol Min.
Typ.
Max. Units
Conditions
Note
Receiver
RXD Output Voltage
Logic Low
VOL
00.4
V
IOL = 200 µA, for in-band EI
14
Logic High VOH
VCC
VCC
VIOH = 200 µA, for in-band
–0.2
EI
≤ 0.3 µW/cm2
Viewing Angle
2
φ1/2
30
˚
Logic High Receiver Input
EIH
0.0081
500
mW/cm2 For in-band signals
≤ 115.2 kbit/s 13
Irradiance
Logic Low Receiver Input
EIL
0.3
µW/cm2 For in-band signals
13
Irradiance
Peak Sensitivity Wavelength
λp
880
nm
RXD Pulse Width
tpw
1.5
2.5
4.0
µs14
RXD Rise and Fall Times
tr, tf
25
100
ns
tpw(EI) = 1.6
µs, CL = 10 pF
Receiver Latency Time
tL
25
50
µs14
Receiver Wake Up Time
tW
50
100
µs15
Transmitter
Radiant Intensity
EIH
4
8
28.8
mW/sr
ILEDA = 50 mA, TA = 25˚C,
θ1/2≤15˚
22.5
mW/sr
ILEDA = 250 mA, TA = 25˚C,
θ1/2≤15˚
Peak Wavelength
λp
875
nm
Spectral Line Half Width
∆λ1/2
35
nm
Viewing Angle
2
θ1/2
30
60
˚
Optical Pulse Width
tpw
1.5
1.6
2
µs
tpw(TXD) = 1.6
µs
Optical Rise and Fall Times
tr (EI)
600
ns
tpw(TXD) = 1.6
µs
tf (EI)
Maximum Optical Pulse Width
tpw
20
50
µs
TXD pin stuck high
(max)
LED Anode ON State Voltage
VON
1.5
V
ILEDA = 50 mA,
(LEDA)
VIH (TXD) = 2.7 V
LED Anode OFF State Leakage
ILK
0.01
1.0
µAVLEDA = VCC = 3.6 V,
(LEDA)
VI (TXD) ≤ 1/3 VCC
Transceiver
TXD and SD Input
Logic Low
IL
–1
–0.01 1
µA0 ≤ VI ≤ 1/3 VCC
Logic High IH
0.01
1
µAVI ≥ 2/3 VCC
Supply Current
Shutdown
ICCI
10
200
nA
VCC = 3.6 V, VSD ≥ VCC –0.5
Idle
ICC2
2.5
4
mA
VCC = 3.6 V, VI(TXD) ≤ 1/3 VCC,
EI = 0
Active
ICC3
2.6
5
mA
VCC = 3.6 V, VI(TXD)≤ 1/3 VCC
16
Receiver
Notes:
14. For in-band signals
≤ 115.2 kbit/s where 8.1 µW/cm2 ≤ EI ≤ 500 mW/cm2.
15. Wake up time is measured from SD pin HIGH to LOW transition or VCC power ON to valid RXD output.
16. Typical value is at EI = 10 mW/cm2, maximum value is at EI = 500 mW/cm2.
Currents




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HSDL3208Ultra Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HSDL-3003IrDA Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HSDL-3201IrDA Data 1.2 Low Power Compliant 115.2 kb/s Infrared Transceiver 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HSDL-3209IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HSDL-3200IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HSDL-3210IrDA Compliant Low Power 1.15 Mbit/s Infrared Transceiver 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HSDL-3612IrDA Data Compliant 115.2kb/s 3V to 5V Infrared Transceiver 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
TFDU5307Fast Low Profile 2.5 mm Infrared Transceiver Module MIR 1.152 Mbit/s for IrDA Applications 1 2 3 4 5 MoreVishay Siliconix

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl