Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


HSDL-3203 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part No. HSDL-3203
Description  Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

 
 4 page
background image
4
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Conditions
Note
Operating Temperature
TA
–25
85
˚C
Supply Voltage
VCC
2.7
3.6
V
Logic High Voltage TXD, SD
VIH
2/3VCC
VCC
V
Logic Low Voltage TXD, SD
VIL
0
1/3VCC
V
Logic High Receiver Input Irradiance
EIH
0.0081
500
mW/cm2
For in-band signals
13
Logic Low Receiver Input Irradiance
EIL
0.3
µW/cm2
For in-band signals
13
LED Current Pulse Amplitude
ILEDA
50
250
mA
Guaranteed at 25˚C
Receiver Signal Rate
9.6
115.2
kbit/s
Note:
13. An in-band optical signal is a pulse/sequence where the peak wavelength,
λp, is defined as 850 nm ≤ λp ≤ 900 nm, and the pulse characteristics
are compliant with the IrDA Serial Infrared Physical Layer Link Specification.
Absolute Maximum Ratings
For implementation where case to ambient thermal resistance is
≤ 50˚C/W.
Parameter
Symbol
Min.
Max.
Units
Conditions
Storage Temperature
TS
–40
100
˚C
Operating Temperature
TA
–25
85
˚C
DC LED Current
ILED (DC)
20
mA
Peak LED Current
ILED (PK)
250
mA
≤ 90 µs Pulse Width
≤ 25% Duty Cycle
LED Anode Voltage
VLEDA
–0.5
7
V
Supply Voltage
VCC
07
V
Input Voltage TXD, SD
VI
0VCC + 0.5
V
Output Voltage RXD
VO
–0.5
VCC + 0.5
V




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HSDL3208Ultra Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HSDL-3003IrDA Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HSDL-3201IrDA Data 1.2 Low Power Compliant 115.2 kb/s Infrared Transceiver 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HSDL-3209IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HSDL-3200IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HSDL-3210IrDA Compliant Low Power 1.15 Mbit/s Infrared Transceiver 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HSDL-3612IrDA Data Compliant 115.2kb/s 3V to 5V Infrared Transceiver 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
TFDU5307Fast Low Profile 2.5 mm Infrared Transceiver Module MIR 1.152 Mbit/s for IrDA Applications 1 2 3 4 5 MoreVishay Siliconix

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl