Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PNZ263L Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # PNZ263L
Description  Darlington Phototransistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PNZ263L Datasheet(HTML) 1 Page - Panasonic Semiconductor

  PNZ263L Datasheet HTML 1Page - Panasonic Semiconductor PNZ263L Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
PNZ263L
Darlington Phototransistor
For optical control systems
Darlington Phototransistors
50
td : Delay time
tr : Rise time (Time required for the collector photo current to
increase from 10% to 90% of its final value)
tf : Fall time (Time required for the collector photo current to
decrease from 90% to 10% of its initial value)
Sig.IN
RL
VCC
Sig.OUT
(Input pulse)
(Output pulse)
10%
90%
td
tr
tf
3.0
±0.3
2-0.8 max.
2-0.5
±0.15
0.3
±0.15
Unit : mm
1: Collector
2: Emitter
2.54
1
2
1.4
±0.2
0.5
0.9
1.95
±0.25
ø1.1
R0.5
2-0.8 max.
Absolute Maximum Ratings (Ta = 25˚C)
Parameter
Symbol
Ratings
Unit
Collector to emitter voltage
VCEO
20
V
Emitter to collector voltage
VECO
5V
Collector current
IC
30
mA
Collector power dissipation
PC
100
mW
Operating ambient temperature
Topr
–25 to +80
˚C
Storage temperature
Tstg
–30 to +100
˚C
Electro-Optical Characteristics (Ta = 25˚C)
Parameter
Symbol
Conditions
min
typ
max
Unit
Dark current
ICEO
VCE = 10V
0.1
0.5
µA
Sensitivity to infrared emitters
SIR*1
VCE = 10V, H = 3.75 µW/cm2
60
200
µA
Peak sensitivity wavelength
λ
P
VCE = 10V
850
nm
Acceptance half angle
θ
Measured from the optical axis to the half power point
25
deg.
Response time
tr, tf*2
VCC = 10V, IC = 1mA, RL = 100Ω
150
µs
Collector saturation voltage
VCE(sat)
IC = 100µA, H = 3.75 µW/cm2
0.7
1.5
V
*1 Measurements were made using infrared light (
λ = 940 nm) as a light source.
*2 Switching time measuring circuit
Features
Darlington output, high sensitivity
Small size, thin side-view type package
Adoption of visible light cutoff resin


Similar Part No. - PNZ263L

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PNZ0300 PANASONIC-PNZ0300 Datasheet
103Kb / 4P
   Silicon PIN Photodiodes
PNZ0334 PANASONIC-PNZ0334 Datasheet
42Kb / 2P
   PIN Photodiode For optical fiber communication systems
PNZ102 PANASONIC-PNZ102 Datasheet
82Kb / 3P
   Silicon planar type
PNZ102F PANASONIC-PNZ102F Datasheet
50Kb / 3P
   Silicon NPN Phototransistors
PNZ106 PANASONIC-PNZ106 Datasheet
340Kb / 3P
   Silicon NPN Phototransistor
More results

Similar Description - PNZ263L

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PN205 PANASONIC-PN205 Datasheet
203Kb / 4P
   DARLINGTON PHOTOTRANSISTOR
PNA2602M PANASONIC-PNA2602M Datasheet
50Kb / 2P
   Darlington Phototransistor
PNA2602 PANASONIC-PNA2602 Datasheet
49Kb / 2P
   Darlington Phototransistor
PNA2803M PANASONIC-PNA2803M Datasheet
48Kb / 2P
   Darlington Phototransistor
PN208 PANASONIC-PN208 Datasheet
64Kb / 2P
   DARLINGTON PHOTOTRANSISTOR
PNA2W01M PANASONIC-PNA2W01M Datasheet
38Kb / 2P
   Darlington Phototransistor
logo
OPTEK Technologies
OP525 OPTEK-OP525 Datasheet
380Kb / 5P
   Silicon Phototransistor and Photo Darlington
logo
Panasonic Semiconductor
PN268 PANASONIC-PN268 Datasheet
117Kb / 2P
   DARLINGTON PHOTOTRANSISTOR FOR OPTICAL CONTROL SYSTEMS
logo
NTE Electronics
NTE3045 NTE-NTE3045 Datasheet
22Kb / 2P
   Optoisolator Silicon NPN Darlington Phototransistor Output
logo
NEC
PH101 NEC-PH101 Datasheet
66Kb / 2P
   NPN EPITXIAL DARLINGTON PHOTOTRANSISTOR PHOTO DETECTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com