Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX29LV800CBXBI-70 Datasheet(PDF) 10 Page - Macronix International

Part # MX29LV800CBXBI-70
Description  8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29LV800CBXBI-70 Datasheet(HTML) 10 Page - Macronix International

Back Button MX29LV800CBXBI-70 Datasheet HTML 6Page - Macronix International MX29LV800CBXBI-70 Datasheet HTML 7Page - Macronix International MX29LV800CBXBI-70 Datasheet HTML 8Page - Macronix International MX29LV800CBXBI-70 Datasheet HTML 9Page - Macronix International MX29LV800CBXBI-70 Datasheet HTML 10Page - Macronix International MX29LV800CBXBI-70 Datasheet HTML 11Page - Macronix International MX29LV800CBXBI-70 Datasheet HTML 12Page - Macronix International MX29LV800CBXBI-70 Datasheet HTML 13Page - Macronix International MX29LV800CBXBI-70 Datasheet HTML 14Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 69 page
background image
10
P/N:PM1183
MX29LV800C T/B
REV. 1.4, APR. 24, 2006
TABLE 4-3. CFI Mode: Device Geometry Data Values
(All values in these tables are in hexadecimal)
Description
Address
Address
Data
(Byte Mode)
(Word Mode)
Device size (2N bytes)
4E
27
0014
Flash device interface code (refer to the CFI publication 100)
50
28
0002
52
29
0000
Maximum number of bytes in multi-byte write (not supported)
54
2A
0000
56
2B
0000
Number of erase block regions
58
2C
0004
Erase block region 1 information (refer to the CFI publication 100)
5A
2D
0000
5C
2E
0000
5E
2F
0040
60
30
0000
Erase block region 2 information
62
31
0001
64
32
0000
66
33
0020
68
34
0000
Erase block region 3 information
6A
35
0000
6C
36
0000
6E
37
0080
70
38
0000
Erase block region 4 information
72
39
000E
74
3A
0000
76
3B
0000
78
3C
0001
TABLE 4-4. CFI Mode: Primary Vendor-Specific Extended Query Data Values
(All values in these tables are in hexadecimal)
Description
Address
Address
Data
(Byte Mode)
(Word Mode)
Query-unique ASCII string "PRI"
80
40
0050
82
41
0052
84
42
0049
Major version number, ASCII
86
43
0031
Minor version number, ASCII
88
44
0030
Address sensitive unlock (0=required, 1= not required)
8A
45
0000
Erase suspend (2= to read and write)
8C
46
0002
Sector protect (N= # of sectors/group)
8E
47
0001
Temporary sector unprotected (1=supported)
90
48
0001
Sector protect/unprotected scheme
92
49
0004
Simultaneous R/W operation (0=not supported)
94
4A
0000
Burst mode type (0=not supported)
96
4B
0000
Page mode type (0=not supported)
98
4C
0000


Similar Part No. - MX29LV800CBXBI-70

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV800CBXBI45Q MCNIX-MX29LV800CBXBI45Q Datasheet
3Mb / 76P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV800CBXBI55Q MCNIX-MX29LV800CBXBI55Q Datasheet
3Mb / 76P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV800CBXBI70G MCNIX-MX29LV800CBXBI70G Datasheet
3Mb / 76P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV800CBXBI90G MCNIX-MX29LV800CBXBI90G Datasheet
3Mb / 76P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results

Similar Description - MX29LV800CBXBI-70

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV800BT MCNIX-MX29LV800BT Datasheet
749Kb / 63P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV800T MCNIX-MX29LV800T Datasheet
1Mb / 60P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29SL800CT MCNIX-MX29SL800CT Datasheet
734Kb / 64P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 1.8V ONLY FLASH MEMORY
MX26LV800AT MCNIX-MX26LV800AT Datasheet
558Kb / 50P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX26LV800T MCNIX-MX26LV800T Datasheet
553Kb / 48P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX28F640C3BT MCNIX-MX28F640C3BT Datasheet
295Kb / 41P
   64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX28F640C3T MCNIX-MX28F640C3T Datasheet
638Kb / 44P
   64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX28F160C3T MCNIX-MX28F160C3T Datasheet
417Kb / 44P
   16M-BIT [1M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29F800T MCNIX-MX29F800T Datasheet
693Kb / 42P
   8M-BIT [1Mx8/512Kx16] CMOS FLASH MEMORY
MX29LV008T MCNIX-MX29LV008T Datasheet
471Kb / 52P
   8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com