Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMC1023-3-ACZL-TR Datasheet(PDF) 8 Page - SMSC Corporation

Part # EMC1023-3-ACZL-TR
Description  1째C Triple Temperature Sensor with Resistance Error Correction
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1023-3-ACZL-TR Datasheet(HTML) 8 Page - SMSC Corporation

Back Button EMC1023-3-ACZL-TR Datasheet HTML 4Page - SMSC Corporation EMC1023-3-ACZL-TR Datasheet HTML 5Page - SMSC Corporation EMC1023-3-ACZL-TR Datasheet HTML 6Page - SMSC Corporation EMC1023-3-ACZL-TR Datasheet HTML 7Page - SMSC Corporation EMC1023-3-ACZL-TR Datasheet HTML 8Page - SMSC Corporation EMC1023-3-ACZL-TR Datasheet HTML 9Page - SMSC Corporation EMC1023-3-ACZL-TR Datasheet HTML 10Page - SMSC Corporation EMC1023-3-ACZL-TR Datasheet HTML 11Page - SMSC Corporation EMC1023-3-ACZL-TR Datasheet HTML 12Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
1°C Triple Temperature Sensor with Resistance Error Correction
Datasheet
Revision 1.2 (04-15-05)
8
SMSC EMC1023
DATASHEET
3.4
Receive Byte
The Receive Byte protocol is used to read data from a register when the internal register address
pointer is known to be at the right location (e.g. set via Send Byte). This can be used for consecutive
reads of the same register as shown below:
3.5
SMBus Addresses
The EMC1023 may be ordered with one of four 7-bit slave addresses as shown in Order Numbers.
Attempting to communicate with the EMC1023 SMBus interface with an invalid slave address or invalid
protocol results in no response from the device and does not affect its register contents. The EMC1023
supports stretching of the SMCLK signal by other devices on the SMBus but will not perform this
operation itself.
3.6
SMBus Timeout
The EMC1023 includes an SMBus timeout feature. Following a 25 ms period of inactivity on the
SMBus, the device will timeout and reset the SMBus interface.
Table 3.4 SMBus Receive Byte Protocol
FIELD:
START
SLAVE ADDR
RD
ACK
REG. DATA
NACK
STOP
Bits:
17
1
1
8
1
1


Similar Part No. - EMC1023-3-ACZL-TR

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1023-3-ACZL-TR SMSC-EMC1023-3-ACZL-TR Datasheet
431Kb / 19P
   1째C Triple Temperature Sensor with Resistance Error Correction
More results

Similar Description - EMC1023-3-ACZL-TR

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1023 SMSC-EMC1023_07 Datasheet
431Kb / 19P
   1째C Triple Temperature Sensor with Resistance Error Correction
EMC1033 SMSC-EMC1033_07 Datasheet
824Kb / 25P
   1째C Triple SMBus Sensor with Resistance Error Correction
EMC1002 SMSC-EMC1002_06 Datasheet
792Kb / 22P
   1째C Dual SMBus Sensor with Resistance Error Correction
EMC1033 SMSC-EMC1033 Datasheet
514Kb / 4P
   1 C Triple SMBus Sensor with Resistance Error Correction
EMC1053 SMSC-EMC1053_07 Datasheet
574Kb / 26P
   1C Triple Temperature Sensor with Resistance Error Correction and Hotter of Two Zones
EMC1053 SMSC-EMC1053 Datasheet
415Kb / 24P
   1C Triple Temperature Sensor with Resistance Error Correction and Hotter of Two Zones
EMC1043 SMSC-EMC1043_08 Datasheet
443Kb / 29P
   1째C Triple Temperature Sensor
EMC1063 SMSC-EMC1063_08 Datasheet
410Kb / 26P
   1째C Triple Temperature Sensor
EMC1053 SMSC-EMC1053_08 Datasheet
437Kb / 28P
   1째C Triple Temperature Sensor
EMC1002 SMSC-EMC1002 Datasheet
458Kb / 4P
   1C Dual SmBus Sensor with Resistance Error Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com