Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX69F164C3BTXBI-70 Datasheet(PDF) 7 Page - Macronix International

Part # MX69F164C3BTXBI-70
Description  16M-BIT [X16] FLASH AND 2M-BIT/4M-BIT [X16] SRAM MIXED MULTI CHIP PACKAGE MEMORY
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX69F164C3BTXBI-70 Datasheet(HTML) 7 Page - Macronix International

Back Button MX69F164C3BTXBI-70 Datasheet HTML 3Page - Macronix International MX69F164C3BTXBI-70 Datasheet HTML 4Page - Macronix International MX69F164C3BTXBI-70 Datasheet HTML 5Page - Macronix International MX69F164C3BTXBI-70 Datasheet HTML 6Page - Macronix International MX69F164C3BTXBI-70 Datasheet HTML 7Page - Macronix International MX69F164C3BTXBI-70 Datasheet HTML 8Page - Macronix International MX69F164C3BTXBI-70 Datasheet HTML 9Page - Macronix International MX69F164C3BTXBI-70 Datasheet HTML 10Page - Macronix International MX69F164C3BTXBI-70 Datasheet HTML 11Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
7
P/N:PM1083
MX69F162/164C3BT/B
REV. 0.2, MAY 20, 2004
ELECTRICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
Operating Temperature
During Read, Sector Erase, Word
Write . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to +85oC
Storage Temperature . . . . . . . . . . . . . .-65oC to +125oC
Voltage on Any Ball (except VCCf, VCCs, VCCQ and
VPP) with respect to GND . . . . . . . . .-0.5 V to VCC+0.5(1)
VPP Supply Voltage (for Sector Erase and Word Write)
with respect to GND . . . . . . . . . .-0.5V to +13.5V(1,2,4)
VCCf, VCCs and VCCQ Supply Voltage
with respect to GND. . . . . . . . . . . . . . . . .-0.2V to +4.0V(1)
Output Short Circuit Voltage . . . . . . . . . . . . .100mA(3)
WARNING: Stressing the device beyond the "Absolute
Maximum Ratings" may cause permanent damage.
These are stress ratings only. Operation beyond the
"Operating Conditions" is not recommended and extended
exposure beyond the "Operation Conditions" may affect
device reliability.
Capacitance (1) (TA=+25oC, f=1MHz)
Symbol
Parameter
Min.
Max.
Unit
Notes
TA
Operating Temperature
-40
+85
oC
VCCf
Flash VCC Supply Voltage
2.7
3.6
V
1
VCCs
SRAM VCC Supply Voltage
2.7
3.6
V
VCCQ
Flash I/O Supply Voltage
2.7
3.6
V
1
VPP1
Supply Voltage
1.65
3.6
V
1
VPP2
Supply Voltage
11.4
12.6
V
1,2
Cycling
Sector Erase Cycling
100,000
2
Operating Conditions (Temperature and VCC Operating Conditions)
Symbol
Parameter
Typ.
Max.
Unit
Test Condition
CIN
Input Capacitance
16
18
pF
VIN=0.0V
COUT
Output Capacitance
20
22
pF
VOUT=0.0V
NOTE:
1.Sampled, not 100% tested.
1. Minimum DC voltage is -0.5V on input/output pins.
During transitions, this level may undershoot to -2.0V
for periods <20ns. Maximum DC voltage on input/out-
put balls to VCCf/VCCs/VCCQ+0.5V which during tran-
sition; may overshoot to VCCf/VCCs/VCCQ+2.0V for
periods <20ns.
2. Maximum DC voltage on VPP may overshoot to
+14.0V for periods <20ns.
3. Output shorted for no more than one second. No more
than one output shorted at a time.
4. VPP voltage is normally 1.65V~3.6V. Connection to
supply of 11.4V~12.6V can only be done for 1000
cycles on the main sectors and 2500 cycles on the
parameter sectors during program/erase. VPP may
be connected to 12V for a total of 80 hours maximum.
NOTE:
1.VCCf and VCCQ must share the same supply.
2.Applying VPP=11.4~12.6V during a program/erase can only be done for a maximum of 1000 cycles on the main
sectors and 2500 cycles on the parameter sectors. VPP may be connected to 12V for a total of 80 hours maximum.


Similar Part No. - MX69F164C3BTXBI-70

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX69F1602 MCNIX-MX69F1602 Datasheet
462Kb / 51P
   16M-BIT [X16] FLASH AND 2M-BIT/4M-BIT [X16] SRAM MIXED MULTI CHIP PACKAGE MEMORY
MX69F1602C3BXBI-70 MCNIX-MX69F1602C3BXBI-70 Datasheet
462Kb / 51P
   16M-BIT [X16] FLASH AND 2M-BIT/4M-BIT [X16] SRAM MIXED MULTI CHIP PACKAGE MEMORY
MX69F1602C3BXBI-90 MCNIX-MX69F1602C3BXBI-90 Datasheet
462Kb / 51P
   16M-BIT [X16] FLASH AND 2M-BIT/4M-BIT [X16] SRAM MIXED MULTI CHIP PACKAGE MEMORY
MX69F1602C3T MCNIX-MX69F1602C3T Datasheet
462Kb / 51P
   16M-BIT [X16] FLASH AND 2M-BIT/4M-BIT [X16] SRAM MIXED MULTI CHIP PACKAGE MEMORY
MX69F1602C3TB MCNIX-MX69F1602C3TB Datasheet
462Kb / 51P
   16M-BIT [X16] FLASH AND 2M-BIT/4M-BIT [X16] SRAM MIXED MULTI CHIP PACKAGE MEMORY
More results

Similar Description - MX69F164C3BTXBI-70

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX69F1602 MCNIX-MX69F1602 Datasheet
462Kb / 51P
   16M-BIT [X16] FLASH AND 2M-BIT/4M-BIT [X16] SRAM MIXED MULTI CHIP PACKAGE MEMORY
logo
Samsung semiconductor
K8D1716UTB SAMSUNG-K8D1716UTB Datasheet
482Kb / 40P
   16M Bit (2M x8/1M x16) Dual Bank NOR Flash Memory
K8D1716UTC SAMSUNG-K8D1716UTC Datasheet
1Mb / 41P
   16M Bit (2M x8/1M x16) Dual Bank NOR Flash Memory
logo
SPANSION
MB84VD22386EJ SPANSION-MB84VD22386EJ Datasheet
1Mb / 63P
   32M (X16) FLASH MEMORY 16M (X16) SRAM Interface FCRAM
logo
Fujitsu Component Limit...
MB84VD2108X FUJITSU-MB84VD2108X Datasheet
850Kb / 55P
   16M (x8/x16) FLASH MEMORY & 2M (x8/x16) STATIC RAM
logo
Samsung semiconductor
K8S6415ETB SAMSUNG-K8S6415ETB Datasheet
905Kb / 39P
   64M Bit (4M x16) Muxed Burst , Multi Bank NOR Flash Memory
logo
SPANSION
MB84VD2108XEM-70 SPANSION-MB84VD2108XEM-70 Datasheet
859Kb / 53P
   16M (x8/x16) FLASH MEMORY & 2M (x8/x16) STATIC RAM
logo
Macronix International
MX29F1610A MCNIX-MX29F1610A Datasheet
669Kb / 39P
   16M-BIT [2M x8/1M x16] CMOS SINGLE VOLTAGE FLASH EEPROM
MX29F1615 MCNIX-MX29F1615 Datasheet
337Kb / 26P
   16M-BIT [2M x8/1M x16] CMOS SINGLE VOLTAGE FLASH EEPROM
logo
Sharp Corporation
LRS1383F SHARP-LRS1383F Datasheet
3Mb / 44P
   FLASH MEMORY 32M (X16) FLASH MEMORY 8M (X16) SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com