Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX69F1604C3TXBI-70 Datasheet(PDF) 4 Page - Macronix International

Part # MX69F1604C3TXBI-70
Description  16M-BIT [X16] FLASH AND 2M-BIT/4M-BIT [X16] SRAM MIXED MULTI CHIP PACKAGE MEMORY
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX69F1604C3TXBI-70 Datasheet(HTML) 4 Page - Macronix International

  MX69F1604C3TXBI-70 Datasheet HTML 1Page - Macronix International MX69F1604C3TXBI-70 Datasheet HTML 2Page - Macronix International MX69F1604C3TXBI-70 Datasheet HTML 3Page - Macronix International MX69F1604C3TXBI-70 Datasheet HTML 4Page - Macronix International MX69F1604C3TXBI-70 Datasheet HTML 5Page - Macronix International MX69F1604C3TXBI-70 Datasheet HTML 6Page - Macronix International MX69F1604C3TXBI-70 Datasheet HTML 7Page - Macronix International MX69F1604C3TXBI-70 Datasheet HTML 8Page - Macronix International MX69F1604C3TXBI-70 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
4
P/N:PM0954
MX69F1602/1604C3T/B
REV. 0.5, JUL. 09, 2003
SYMBOL
PIN NAME
A0 to A16
Address Inputs (Common) for
MX69F1602C3T/B
A0 to A17
Address Inputs (Common) for
MX69F1604C3T/B
A17 to A19
Address Input (Flash) for
MX69F1602C3T/B
A18 to A19
Address Input (Flash) for
MX69F1604C3T/B
Q0 to Q15
Data Inputs/Outputs (Common)
CEf
Chip Enable (Flash)
CE1s
Chip Enable (SRAM)
CE2s
Chip Enable (SRAM)
OEf
Output Enable (Flash)
OEs
Output Enable (SRAM)
PIN DESCRIPTION
SYMBOL
PIN NAME
WEf
Write Enable (Flash)
WEs
Write Enable (SRAM)
UBs
Upper Byte Control (SRAM)
LBs
Lower Byte Control (SRAM)
RESET
Hardware Reset Pin/Deep Power
Down (Flash)
WP
Write Protect
N.C.
No Connection
GND
Ground Pin (Common)
VCCf
Power Supply (Flash, 2.7V~3.6V)
VCCs
Power Supply (SRAM, 2.7V~3.6V)
VPP
Program/Erase Power Supply
(1.65V~3.6V or 11.4V~12.6V)
VCCQ
I/O Power Supply (Flash) tied to VCCf
PIN ASSIGNMENT
1.66-ball CSP for MX69F1602/1604C3T/B (Top View Balls Down, 11 x 8 x 1.4mm, Ball Pitch=0.8mm)
Notes:
1.To maintain compatibility with all JEDEC Variation B options for this ball location C6, this C6 land pad should be
connected directly to the land pad for ball G4 (A17).
NC
NC
NC
NC
NC
A
B
C
D
E
F
G
H
NC
NC
A15
A14
Q2
WP
VPP
A19
Q11
Q10
Q0
Q3
LBs
UBs
OEs
Q9
Q8
Q1
A18
A17
A7
A6
A3
A2
A1
CE1s
NC
NC
NC
NC
A5
A4
A0
CEf
GNDf
OEf
1234
5678
910
11
12
VCCs
VCCf
GNDs
Q12
CE2s
A16
A11
A12
GNDf
VCCQ
A13
A8
A10
A9
Q15
WEs
Q14
Q7
Q4
Q5
WEf
NC
Q13
Q6
RESET
8.0 mm
11.0 mm


Similar Part No. - MX69F1604C3TXBI-70

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX69F162 MCNIX-MX69F162 Datasheet
299Kb / 51P
   16M-BIT [X16] FLASH AND 2M-BIT/4M-BIT [X16] SRAM MIXED MULTI CHIP PACKAGE MEMORY
MX69F162C3BB MCNIX-MX69F162C3BB Datasheet
299Kb / 51P
   16M-BIT [X16] FLASH AND 2M-BIT/4M-BIT [X16] SRAM MIXED MULTI CHIP PACKAGE MEMORY
MX69F162C3BBXBI-70 MCNIX-MX69F162C3BBXBI-70 Datasheet
299Kb / 51P
   16M-BIT [X16] FLASH AND 2M-BIT/4M-BIT [X16] SRAM MIXED MULTI CHIP PACKAGE MEMORY
MX69F162C3BBXBI-90 MCNIX-MX69F162C3BBXBI-90 Datasheet
299Kb / 51P
   16M-BIT [X16] FLASH AND 2M-BIT/4M-BIT [X16] SRAM MIXED MULTI CHIP PACKAGE MEMORY
MX69F162C3BT MCNIX-MX69F162C3BT Datasheet
299Kb / 51P
   16M-BIT [X16] FLASH AND 2M-BIT/4M-BIT [X16] SRAM MIXED MULTI CHIP PACKAGE MEMORY
More results

Similar Description - MX69F1604C3TXBI-70

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX69F162 MCNIX-MX69F162 Datasheet
299Kb / 51P
   16M-BIT [X16] FLASH AND 2M-BIT/4M-BIT [X16] SRAM MIXED MULTI CHIP PACKAGE MEMORY
logo
Samsung semiconductor
K8D1716UTB SAMSUNG-K8D1716UTB Datasheet
482Kb / 40P
   16M Bit (2M x8/1M x16) Dual Bank NOR Flash Memory
K8D1716UTC SAMSUNG-K8D1716UTC Datasheet
1Mb / 41P
   16M Bit (2M x8/1M x16) Dual Bank NOR Flash Memory
logo
SPANSION
MB84VD22386EJ SPANSION-MB84VD22386EJ Datasheet
1Mb / 63P
   32M (X16) FLASH MEMORY 16M (X16) SRAM Interface FCRAM
logo
Fujitsu Component Limit...
MB84VD2108X FUJITSU-MB84VD2108X Datasheet
850Kb / 55P
   16M (x8/x16) FLASH MEMORY & 2M (x8/x16) STATIC RAM
logo
Samsung semiconductor
K8S6415ETB SAMSUNG-K8S6415ETB Datasheet
905Kb / 39P
   64M Bit (4M x16) Muxed Burst , Multi Bank NOR Flash Memory
logo
SPANSION
MB84VD2108XEM-70 SPANSION-MB84VD2108XEM-70 Datasheet
859Kb / 53P
   16M (x8/x16) FLASH MEMORY & 2M (x8/x16) STATIC RAM
logo
Macronix International
MX29F1610A MCNIX-MX29F1610A Datasheet
669Kb / 39P
   16M-BIT [2M x8/1M x16] CMOS SINGLE VOLTAGE FLASH EEPROM
MX29F1615 MCNIX-MX29F1615 Datasheet
337Kb / 26P
   16M-BIT [2M x8/1M x16] CMOS SINGLE VOLTAGE FLASH EEPROM
logo
Sharp Corporation
LRS1383F SHARP-LRS1383F Datasheet
3Mb / 44P
   FLASH MEMORY 32M (X16) FLASH MEMORY 8M (X16) SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com