Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS25BR400 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS25BR400
Description  Quad Transceiver with Input Equalization and Output De-Emphasis
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS25BR400 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DS25BR400 Datasheet HTML 1Page - National Semiconductor (TI) DS25BR400 Datasheet HTML 2Page - National Semiconductor (TI) DS25BR400 Datasheet HTML 3Page - National Semiconductor (TI) DS25BR400 Datasheet HTML 4Page - National Semiconductor (TI) DS25BR400 Datasheet HTML 5Page - National Semiconductor (TI) DS25BR400 Datasheet HTML 6Page - National Semiconductor (TI) DS25BR400 Datasheet HTML 7Page - National Semiconductor (TI) DS25BR400 Datasheet HTML 8Page - National Semiconductor (TI) DS25BR400 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Functional Description
TABLE 1. Logic Table for Loopback Controls
LB0
Loopback Function
0
Enable loopback from IB_0± to OA_0±.
1 (default)
Normal mode. Loopback disabled.
LB1
Loopback Function
0
Enable loopback from IB_1± to OA_1±.
1 (default)
Normal mode. Loopback disabled.
LB2
Loopback Function
0
Enable loopback from IB_2± to OA_2±.
1 (default)
Normal mode. Loopback disabled.
LB3
Loopback Function
0
Enable loopback from IB_3± to OA_3±.
1 (default)
Normal mode. Loopback disabled.
TABLE 2. De-Emphasis Controls
PreA_[1:0]
Default VOD Level in mV
PP
(VODB)
De-Emphasis Level in mV
PP
(VODPE)
De-Emphasis in dB
(VODPE/VODB)
0 0
1200
1200
0
0 1
1200
850
−3
1 0
1200
600
−6
1 1 (Default)
1200
426
−9
PreB_[1:0]
Default VOD Level in mV
PP
(VODB)
De-Emphasis Level in mV
PP
(VODPE)
De-Emphasis in dB
(VODPE/VODB)
0 0
1200
1200
0
0 1
1200
850
−3
1 0
1200
600
−6
1 1 (Default)
1200
426
−9
De-emphasis is the primary signal conditioning function for
use in compensating against backplane transmission loss.
The DS25BR400 provides four steps of de-emphasis rang-
ing from 0, −3, −6 and −9 dB, user-selectable dependent on
the loss profile of the backplane. Figure 1 shows a driver
de-emphasis waveform. The de-emphasis duration is nomi-
nal 188 ps, corresponding to 0.75 bit-width at 2.5 Gbps. The
de-emphasis levels of switch-side and line-side can be indi-
vidually programmed.
www.national.com
5


Similar Part No. - DS25BR400

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS25BR400 NSC-DS25BR400 Datasheet
298Kb / 14P
   Quad 2.5 Gbps CML Transceiver with Transmit De-Emphasis and Receive Equalization
logo
Texas Instruments
DS25BR400 TI1-DS25BR400 Datasheet
777Kb / 17P
[Old version datasheet]   Quad 2.5 Gbps CML Transceiver with Transmit De-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25BR400TSQ NSC-DS25BR400TSQ Datasheet
298Kb / 14P
   Quad 2.5 Gbps CML Transceiver with Transmit De-Emphasis and Receive Equalization
logo
Texas Instruments
DS25BR400TSQ/NOPB TI1-DS25BR400TSQ/NOPB Datasheet
777Kb / 17P
[Old version datasheet]   Quad 2.5 Gbps CML Transceiver with Transmit De-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25BR400 NSC-DS25BR400_08 Datasheet
298Kb / 14P
   Quad 2.5 Gbps CML Transceiver with Transmit De-Emphasis and Receive Equalization
More results

Similar Description - DS25BR400

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS42BR400 NSC-DS42BR400 Datasheet
579Kb / 12P
   Quad Transceiver with Input Equalization and Output De-Emphasis
logo
Texas Instruments
DS64BR401 TI1-DS64BR401_13 Datasheet
4Mb / 36P
[Old version datasheet]   Quad Bi-Directional Transceiver with Equalization and De-Emphasis
logo
National Semiconductor ...
DS64BR401 NSC-DS64BR401 Datasheet
1Mb / 30P
   Quad Bi-Directional Transceiver with Equalization and De-Emphasis
logo
Texas Instruments
DS34RT5110 TI1-DS34RT5110_14 Datasheet
5Mb / 26P
[Old version datasheet]   DVI, HDMI Retimer with Input Equalization and Output De-Emphasis
logo
National Semiconductor ...
DS34RT5110 NSC-DS34RT5110 Datasheet
1Mb / 20P
   DVI, HDMI Retimer with Input Equalization and Output De-Emphasis
logo
Texas Instruments
DS34RT5110 TI1-DS34RT5110_15 Datasheet
5Mb / 26P
[Old version datasheet]   DS34RT5110 DVI, HDMI Retimer with Input Equalization and Output De-Emphasis
DS25BR400 TI1-DS25BR400_14 Datasheet
777Kb / 17P
[Old version datasheet]   Quad 2.5 Gbps CML Transceiver with Transmit De-Emphasis and Receive Equalization
DS42BR400 TI1-DS42BR400_17 Datasheet
817Kb / 18P
[Old version datasheet]   Quad 4.25 Gbps CML Transceiver with Transmit De-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS42BR400 NSC-DS42BR400_07 Datasheet
284Kb / 12P
   Quad 4.25 Gbps CML Transceiver with Transmit De-Emphasis and Receive Equalization
DS25BR400 NSC-DS25BR400_08 Datasheet
298Kb / 14P
   Quad 2.5 Gbps CML Transceiver with Transmit De-Emphasis and Receive Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com