Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX69F1602C3BXBI-70 Datasheet(PDF) 3 Page - Macronix International

Part # MX69F1602C3BXBI-70
Description  16M-BIT [X16] FLASH AND 2M-BIT/4M-BIT [X16] SRAM MIXED MULTI CHIP PACKAGE MEMORY
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX69F1602C3BXBI-70 Datasheet(HTML) 3 Page - Macronix International

  MX69F1602C3BXBI-70 Datasheet HTML 1Page - Macronix International MX69F1602C3BXBI-70 Datasheet HTML 2Page - Macronix International MX69F1602C3BXBI-70 Datasheet HTML 3Page - Macronix International MX69F1602C3BXBI-70 Datasheet HTML 4Page - Macronix International MX69F1602C3BXBI-70 Datasheet HTML 5Page - Macronix International MX69F1602C3BXBI-70 Datasheet HTML 6Page - Macronix International MX69F1602C3BXBI-70 Datasheet HTML 7Page - Macronix International MX69F1602C3BXBI-70 Datasheet HTML 8Page - Macronix International MX69F1602C3BXBI-70 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
3
P/N:PM0954
MX69F1602/1604C3T/B
REV. 0.5, JUL. 09, 2003
Feature Summary
Feature
MX69F1602/1604C3T/B
Vcc Operating Voltage
2.7~3.6V
Configuration
Flash
16M:1M Word x16bit
SRAM
MX69F1602C3T/B:128K Word x16bit
MX69F1604C3T/B:256K Word x16bit
Fast Access Time
- 70 :
Flash/70ns, SRAM/70ns
- 90 :
Flash/90ns, SRAM/85ns
Block Architecture
Flash
2 x 4K Word Boot
6 x 4K Word Parameter
31 x 32K Word Main
Address Pin
Flash
A0~A19
SRAM
MX69F1602C3T/B:A0~A16
MX69F1604C3T/B:A0~A17
Manufacture Code
Flash
00C2H
Device ID Code
Flash
MX69F1602/1604C3T=88C2H
MX69F1602/1604C3B=88C3H


Similar Part No. - MX69F1602C3BXBI-70

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX69F162 MCNIX-MX69F162 Datasheet
299Kb / 51P
   16M-BIT [X16] FLASH AND 2M-BIT/4M-BIT [X16] SRAM MIXED MULTI CHIP PACKAGE MEMORY
MX69F162C3BB MCNIX-MX69F162C3BB Datasheet
299Kb / 51P
   16M-BIT [X16] FLASH AND 2M-BIT/4M-BIT [X16] SRAM MIXED MULTI CHIP PACKAGE MEMORY
MX69F162C3BBXBI-70 MCNIX-MX69F162C3BBXBI-70 Datasheet
299Kb / 51P
   16M-BIT [X16] FLASH AND 2M-BIT/4M-BIT [X16] SRAM MIXED MULTI CHIP PACKAGE MEMORY
MX69F162C3BBXBI-90 MCNIX-MX69F162C3BBXBI-90 Datasheet
299Kb / 51P
   16M-BIT [X16] FLASH AND 2M-BIT/4M-BIT [X16] SRAM MIXED MULTI CHIP PACKAGE MEMORY
MX69F162C3BT MCNIX-MX69F162C3BT Datasheet
299Kb / 51P
   16M-BIT [X16] FLASH AND 2M-BIT/4M-BIT [X16] SRAM MIXED MULTI CHIP PACKAGE MEMORY
More results

Similar Description - MX69F1602C3BXBI-70

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX69F162 MCNIX-MX69F162 Datasheet
299Kb / 51P
   16M-BIT [X16] FLASH AND 2M-BIT/4M-BIT [X16] SRAM MIXED MULTI CHIP PACKAGE MEMORY
logo
Samsung semiconductor
K8D1716UTB SAMSUNG-K8D1716UTB Datasheet
482Kb / 40P
   16M Bit (2M x8/1M x16) Dual Bank NOR Flash Memory
K8D1716UTC SAMSUNG-K8D1716UTC Datasheet
1Mb / 41P
   16M Bit (2M x8/1M x16) Dual Bank NOR Flash Memory
logo
SPANSION
MB84VD22386EJ SPANSION-MB84VD22386EJ Datasheet
1Mb / 63P
   32M (X16) FLASH MEMORY 16M (X16) SRAM Interface FCRAM
logo
Fujitsu Component Limit...
MB84VD2108X FUJITSU-MB84VD2108X Datasheet
850Kb / 55P
   16M (x8/x16) FLASH MEMORY & 2M (x8/x16) STATIC RAM
logo
Samsung semiconductor
K8S6415ETB SAMSUNG-K8S6415ETB Datasheet
905Kb / 39P
   64M Bit (4M x16) Muxed Burst , Multi Bank NOR Flash Memory
logo
SPANSION
MB84VD2108XEM-70 SPANSION-MB84VD2108XEM-70 Datasheet
859Kb / 53P
   16M (x8/x16) FLASH MEMORY & 2M (x8/x16) STATIC RAM
logo
Macronix International
MX29F1610A MCNIX-MX29F1610A Datasheet
669Kb / 39P
   16M-BIT [2M x8/1M x16] CMOS SINGLE VOLTAGE FLASH EEPROM
MX29F1615 MCNIX-MX29F1615 Datasheet
337Kb / 26P
   16M-BIT [2M x8/1M x16] CMOS SINGLE VOLTAGE FLASH EEPROM
logo
Sharp Corporation
LRS1383F SHARP-LRS1383F Datasheet
3Mb / 44P
   FLASH MEMORY 32M (X16) FLASH MEMORY 8M (X16) SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com