Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CEF02N6 Datasheet(PDF) 1 Page - Chino-Excel Technology

Part # CEF02N6
Description  N-Channel Logic Level Enhancement Mode Field Effect Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CET [Chino-Excel Technology]
Direct Link  http://www.cetsemi.com
Logo CET - Chino-Excel Technology

CEF02N6 Datasheet(HTML) 1 Page - Chino-Excel Technology

  CEF02N6 Datasheet HTML 1Page - Chino-Excel Technology CEF02N6 Datasheet HTML 2Page - Chino-Excel Technology CEF02N6 Datasheet HTML 3Page - Chino-Excel Technology CEF02N6 Datasheet HTML 4Page - Chino-Excel Technology CEF02N6 Datasheet HTML 5Page - Chino-Excel Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
600
N-Channel Logic Level Enhancement Mode Field Effect Transistor
FEATURES
600V , 1.5A , RDS(ON)=5
@VGS=10V.
Super high dense cell design for extremely low RDS(ON).
High power and current handling capability.
TO-220F full-pak for through hole
ABSOLUTE MAXIMUM RATINGS (Tc=25 C unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
V
Gate-Source Voltage
VGS
30
V
-Pulsed
ID
1.5
A
IDM
A
Drain-Source Diode Forward Current
IS
4.5
A
Maximum Power Dissipation
PD
W
Operating and Storage Temperautre Range
TJ,TSTG
-65 to 150
C
THERMAL CHARACTERISTICS
Thermal Resistance, Junction-to-Case
Thermal Resistance, Junction-to-Ambient
R JC
R JA
4.3
65
/W
C
/W
C
@Tc=25 C
Derate above 25 C
29
0.23
W/ C
Drain Current-Continuous
S
G
D
6-117
Sep. 2002
4.5
CEF02N6
TO-220F
S
D
G
6


Similar Part No. - CEF02N6

ManufacturerPart #DatasheetDescription
logo
Chino-Excel Technology
CEF02N6 CET-CEF02N6 Datasheet
132Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
logo
CET-MOS Technology Corp...
CEF02N65A CET-MOS-CEF02N65A Datasheet
539Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
Rev 2. 2012.Feb
CEF02N65D CET-MOS-CEF02N65D Datasheet
350Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
Rev 1. 2009.July
CEF02N65G CET-MOS-CEF02N65G Datasheet
599Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
Rev 6. 2011.Oct
logo
Chino-Excel Technology
CEF02N6A CET-CEF02N6A Datasheet
125Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - CEF02N6

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HU603AL HSMC-HU603AL Datasheet
60Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Fairchild Semiconductor
BSS123 FAIRCHILD-BSS123 Datasheet
145Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SDU30N03L SAMHOP-SDU30N03L Datasheet
34Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEF07N8 CET-CEF07N8 Datasheet
46Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SP470C SAMHOP-SP470C Datasheet
99Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STM4840 SAMHOP-STM4840 Datasheet
114Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU666S SAMHOP-STU666S Datasheet
117Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STUD606S SAMHOP-STUD606S Datasheet
136Kb / 8P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU1553 SAMHOP-STU1553 Datasheet
139Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STB28N15 SAMHOP-STB28N15 Datasheet
157Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Diotec Semiconductor
MMFTN123 DIOTEC-MMFTN123 Datasheet
111Kb / 2P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com