Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1805E-050 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS1805E-050
Description  Addressable Digital Potentiometer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1805E-050 Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS1805E-050 Datasheet HTML 1Page - Maxim Integrated Products DS1805E-050 Datasheet HTML 2Page - Maxim Integrated Products DS1805E-050 Datasheet HTML 3Page - Maxim Integrated Products DS1805E-050 Datasheet HTML 4Page - Maxim Integrated Products DS1805E-050 Datasheet HTML 5Page - Maxim Integrated Products DS1805E-050 Datasheet HTML 6Page - Maxim Integrated Products DS1805E-050 Datasheet HTML 7Page - Maxim Integrated Products DS1805E-050 Datasheet HTML 8Page - Maxim Integrated Products DS1805E-050 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
General Description
The DS1805 addressable digital potentiometer contains
a single 256-position digitally controlled potentiometer.
Device control is achieved through a 2-wire serial inter-
face. Device addressing is provided through three
address inputs that allow up to eight devices on a sin-
gle 2-wire bus. The exact wiper position of the poten-
tiometer can be written or read. The DS1805 is
available in 16-pin SO and 14-pin TSSOP packages.
The device is available in three standard resistance val-
ues: 10k
Ω, 50kΩ, and 100kΩ. The DS1805 is specified
over the industrial temperature range. The DS1805
provides a low-cost alternative for designs based on
the DS1803, but require only a single potentiometer.
Applications
CCFL Inverters
PDAs and Cell Phones
Portable Electronics
Multimedia Products
Instrumentation and Industrial Controls
Features
♦ 3V or 5V Operation
♦ Low Power Consumption
♦ One Digitally Controlled, 256-Position
Potentiometer
♦ Compatible with DS1803-Based Designs
♦ 14-Pin TSSOP (173mil) and 16-Pin SO (150mil)
Available for Surface-Mount Applications
♦ Three Address Inputs
♦ Serial 2-Wire Bus
♦ Operating Temperature Range
Industrial: -40°C to +85°C
♦ Standard Resistance Values
DS1805-010: 10k
DS1805-050*: 50k
DS1805-100*: 100k
Addressable Digital Potentiometer
______________________________________________ Maxim Integrated Products
1
14
13
12
11
10
9
8
1
2
3
4
5
6
7
VCC
N.C.
N.C.
N.C.
A2
W1
L1
H1
TOP VIEW
N.C.
SDA
SCL
GND
A0
A1
14 TSSOP (173mil)
DS1805E
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
H1
VCC
N.C.
N.C.
N.C.
N.C.
N.C.
SDA
SCL
16 SO (150mil)
N.C.
L1
A1
W1
A2
A0
GND
DS1805Z
Pin Configurations
Ordering Information
PART
TEMP RANGE
PIN-PACKAGE
RESISTANCE
(K
Ω)
DS1805E-010
-40°C to +85°C
14 TSSOP (173mil)
10
DS1805E-050*
-40°C to +85°C
14 TSSOP (173mil)
50
DS1805E-100*
-40°C to +85°C
14 TSSOP (173mil)
100
DS1805Z-010
-40°C to +85°C
16 SO (150mil)
10
DS1805Z-050*
-40°C to +85°C
16 SO (150mil)
50
DS1805Z-100*
-40°C to +85°C
16 SO (150mil)
100
XX-XXXX; Rev 0; 4/02
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Add “/T&R” for tape-and-reel orders.
*Future product.


Similar Part No. - DS1805E-050

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1800 DALLAS-DS1800 Datasheet
428Kb / 14P
   Dual Inverting Log Gain/Attenuator
DS1801 DALLAS-DS1801 Datasheet
229Kb / 10P
   Dual Audio Taper Potentiometer
logo
Maxim Integrated Produc...
DS1801 MAXIM-DS1801 Datasheet
234Kb / 10P
   Dual Audio Taper Potentiometer
030300
logo
Dallas Semiconductor
DS1801E DALLAS-DS1801E Datasheet
229Kb / 10P
   Dual Audio Taper Potentiometer
DS1801S DALLAS-DS1801S Datasheet
229Kb / 10P
   Dual Audio Taper Potentiometer
More results

Similar Description - DS1805E-050

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1803 DALLAS-DS1803 Datasheet
284Kb / 11P
   Addressable Dual Digital Potentiometer
logo
Maxim Integrated Produc...
DS1803 MAXIM-DS1803 Datasheet
304Kb / 11P
   Addressable Dual Digital Potentiometer
110706
logo
Dallas Semiconductor
DS1807 DALLAS-DS1807 Datasheet
463Kb / 13P
   Addressable Dual Audio Taper Potentiometer
logo
Maxim Integrated Produc...
DS1807 MAXIM-DS1807 Datasheet
468Kb / 13P
   Addressable Dual Audio Taper Potentiometer
110499
logo
ams AG
AS1500 AMSCO-AS1500_1 Datasheet
405Kb / 14P
   Digital Potentiometer
AS1500 AMSCO-AS1500 Datasheet
365Kb / 8P
   Digital Potentiometer
logo
Copal Electronics
DP7241 COPAL-DP7241 Datasheet
174Kb / 16P
   Quad Digital Potentiometer
logo
Maxim Integrated Produc...
DS1267B MAXIM-DS1267B Datasheet
413Kb / 13P
   Dual Digital Potentiometer
19-6589; Rev 1; 1/14
logo
Copal Electronics
DP7221 COPAL-DP7221 Datasheet
171Kb / 16P
   Dual Digital Potentiometer
DP7251 COPAL-DP7251 Datasheet
168Kb / 15P
   Quad Digital Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com