Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX29LV400CTXEI-55R Datasheet(PDF) 1 Page - Macronix International

Part # MX29LV400CTXEI-55R
Description  4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29LV400CTXEI-55R Datasheet(HTML) 1 Page - Macronix International

  MX29LV400CTXEI-55R Datasheet HTML 1Page - Macronix International MX29LV400CTXEI-55R Datasheet HTML 2Page - Macronix International MX29LV400CTXEI-55R Datasheet HTML 3Page - Macronix International MX29LV400CTXEI-55R Datasheet HTML 4Page - Macronix International MX29LV400CTXEI-55R Datasheet HTML 5Page - Macronix International MX29LV400CTXEI-55R Datasheet HTML 6Page - Macronix International MX29LV400CTXEI-55R Datasheet HTML 7Page - Macronix International MX29LV400CTXEI-55R Datasheet HTML 8Page - Macronix International MX29LV400CTXEI-55R Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
1
P/N:PM1155
REV. 1.5, APR. 24, 2006
MX29LV400C T/B
4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE
3VONLYFLASHMEMORY
• Ready/Busy# pin (RY/BY#)
- Provides a hardware method of detecting program or
erase operation completion
• Sector protection
- Hardware method to disable any combination of
sectors from program or erase operations
- Temporary sector unprotect allows code changes in
previously locked sectors
• CFI (Common Flash Interface) compliant
- Flash device parameters stored on the device and
provide the host system to access
• 100,000 minimum erase/program cycles
• Latch-up protected to 100mA from -1V to VCC+1V
• Boot Sector Architecture
- T = Top Boot Sector
- B = Bottom Boot Sector
• Package type:
- 44-pin SOP
- 48-pin TSOP
- 48-ball CSP (6 x 8mm)
- 48-ball CSP (4 x 6mm)
- All Pb-free devices are RoHS Compliant
• Compatibility with JEDEC standard
- Pinout and software compatible with single-power
supply Flash
• 20 years data retention
FEATURES
• Extended single - supply voltage range 2.7V to 3.6V
• 524,288 x 8/262,144 x 16 switchable
• Single power supply operation
- 3.0V only operation for read, erase and program
operation
• Fully compatible with MX29LV400T/B device
• Fast access time: 55R/70/90ns
• Low power consumption
- 30mA maximum active current
- 0.2uA typical standby current
• Command register architecture
- Byte/word Programming (9us/11us typical)
- Sector Erase (Sector structure 16K-Byte x 1,
8K-Byte x 2, 32K-Byte x1, and 64K-Byte x7)
• Auto Erase (chip & sector) and Auto Program
- Automatically erase any combination of sectors with
Erase Suspend capability
- Automatically program and verify data at specified
address
• Erase suspend/Erase Resume
- Suspends sector erase operation to read data from,
or program data to, any sector that is not being erased,
then resumes the erase
• Status Reply
- Data# Polling & Toggle bit for detection of program
and erase operation completion
GENERAL DESCRIPTION
The MX29LV400C T/B is a 4-mega bit Flash memory
organized as 512K bytes of 8 bits or 256K words of 16
bits. MXIC's Flash memories offer the most cost-effec-
tive and reliable read/write non-volatile random access
memory. The MX29LV400C T/B is packaged in 44-pin
SOP, 48-pin TSOP and 48-ball CSP. It is designed to be
reprogrammed and erased in system or in standard
EPROM programmers.
The standard MX29LV400C T/B offers access time as
fast as 55ns, allowing operation of high-speed micropro-
cessors without wait states. To eliminate bus conten-
tion, the MX29LV400C T/B has separate chip enable
(CE#) and output enable (OE#) controls.
MXIC's Flash memories augment EPROM functionality
with in-circuit electrical erasure and programming. The
MX29LV400C T/B uses a command register to manage
this functionality. The command register allows for 100%
TTL level control inputs and fixed power supply levels
during erase and programming, while maintaining maxi-
mum EPROM compatibility.
MXIC Flash technology reliably stores memory contents
even after 100,000 erase and program cycles. The MXIC
cell is designed to optimize the erase and programming
mechanisms. In addition, the combination of advanced
tunnel oxide processing and low internal electric fields
for erase and program operations produces reliable cy-
cling. The MX29LV400C T/B uses a 2.7V~3.6V VCC
supply to perform the High Reliability Erase and auto
Program/Erase algorithms.
The highest degree of latch-up protection is achieved
with MXIC's proprietary non-epi process. Latch-up pro-
tection is proved for stresses up to 100 milliamps on
address and data pin from -1V to VCC + 1V.


Similar Part No. - MX29LV400CTXEI-55R

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV400CTXEI55Q MCNIX-MX29LV400CTXEI55Q Datasheet
3Mb / 76P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV400CTXEI70G MCNIX-MX29LV400CTXEI70G Datasheet
3Mb / 76P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV400CTXEI90G MCNIX-MX29LV400CTXEI90G Datasheet
3Mb / 76P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results

Similar Description - MX29LV400CTXEI-55R

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV400T MCNIX-MX29LV400T Datasheet
1Mb / 59P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV401T MCNIX-MX29LV401T Datasheet
986Kb / 56P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV004T MCNIX-MX29LV004T Datasheet
724Kb / 54P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV004CT MCNIX-MX29LV004CT Datasheet
517Kb / 59P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
SPANSION
MBM29LV400TC-55 SPANSION-MBM29LV400TC-55 Datasheet
654Kb / 58P
   FLASH MEMORY CMOS 4M (512K X 8/256K X 16) BIT
MBM29F400TC SPANSION-MBM29F400TC Datasheet
566Kb / 48P
   FLASH MEMORY CMOS 4M (512K x 8/256K x 16) BIT
logo
Macronix International
MX29LV040C MCNIX-MX29LV040C Datasheet
484Kb / 52P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
logo
Elite Semiconductor Mem...
F49L400UA ESMT-F49L400UA Datasheet
387Kb / 47P
   4 Mbit (512K x 8/256K x 16) 3V Only CMOS Flash Memory
logo
Macronix International
MX29LV040 MCNIX-MX29LV040 Datasheet
713Kb / 51P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
MX29LV002CT MCNIX-MX29LV002CT Datasheet
512Kb / 58P
   2M-BIT [256K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com