Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSC87C52-L16CAB Datasheet(PDF) 11 Page - TEMIC Semiconductors

Part # TSC87C52-L16CAB
Description  CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TSC87C52-L16CAB Datasheet(HTML) 11 Page - TEMIC Semiconductors

Back Button TSC87C52-L16CAB Datasheet HTML 7Page - TEMIC Semiconductors TSC87C52-L16CAB Datasheet HTML 8Page - TEMIC Semiconductors TSC87C52-L16CAB Datasheet HTML 9Page - TEMIC Semiconductors TSC87C52-L16CAB Datasheet HTML 10Page - TEMIC Semiconductors TSC87C52-L16CAB Datasheet HTML 11Page - TEMIC Semiconductors TSC87C52-L16CAB Datasheet HTML 12Page - TEMIC Semiconductors TSC87C52-L16CAB Datasheet HTML 13Page - TEMIC Semiconductors TSC87C52-L16CAB Datasheet HTML 14Page - TEMIC Semiconductors TSC87C52-L16CAB Datasheet HTML 15Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
TSC87C52
11
MATRA MHS
Rev. C – 10 Sept 1997
Preliminary
EPROM
EPROM Structure
The TSC87C52 EPROM is divided in two different arrays:
D the code array:
8 Kbytes.
D the encryption array:
64 bytes.
In addition a third non programmable array is implemented:
D the signature array:
4 bytes.
EPROM Lock System
The program Lock system, when programmed, protects the on–chip program against software piracy.
Encryption Array
Within the EPROM array are 64 bytes of encryption array that are initially unprogrammed (all 1’s). Every time a byte
is addressed during program verify, 6 address lines are used to select a byte of the encryption array. This byte is then
exclusive–NOR’ed (XNOR) with the code byte, creating an encryption verify byte. The algorithm, with the encryption
array in the unprogrammed state, will return the code in its original, unmodified form.
When using the encryption array, one important factor needs to be considered. If a byte has the value FFh, verifying
the byte will produce the encryption byte value. If a large block (>64 bytes) of code left unprogrammed, a verification
routine will display the content of the encryption array. For this reason all the unused code bytes should be programmed
with random values. This will ensure program protection.
EPROM Programming
Set–up modes
In order to program and verify the EPROM or to read the signature bytes, the TSC87C52 is placed in specific set–up
modes (see Figure 8).
Control and program signals must be held at the levels indicated in Table 6.
Definition of terms
Address Lines:
P1.0–P1.7, P2.0–P2.4 respectively for A0–A12
Data Lines:
P0.0–P0.7 for D0–D7
Control Signals:
RST, PSEN, P2.6, P2.7, P3.3, P3.6, P3.7.
Program Signals: ALE/PROG, EA/VPP.
Table 6 EPROM Set–up Modes
Mode
RST
PSEN
ALE/
PROG
EA/VPP
P2.6
P2.7
P3.3
P3.6
P3.7
Program Code data
1
0
12.75V
0
1
1
1
1
Verify Code data
1
0
1
1
0
0
1
1
Program Encryption Array
Address 0–3Fh
1
0
12.75V
0
1
1
0
1
Read Signature Bytes
1
0
1
1
0
0
0
0


Similar Part No. - TSC87C52-L16CAB

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TSC87C52-12CA TEMIC-TSC87C52-12CA Datasheet
54Kb / 6P
   Introduction to TSC87C51/C52 OTP Microcontrollers
TSC87C52-12CB TEMIC-TSC87C52-12CB Datasheet
54Kb / 6P
   Introduction to TSC87C51/C52 OTP Microcontrollers
TSC87C52-16CA TEMIC-TSC87C52-16CA Datasheet
54Kb / 6P
   Introduction to TSC87C51/C52 OTP Microcontrollers
TSC87C52-16CB TEMIC-TSC87C52-16CB Datasheet
54Kb / 6P
   Introduction to TSC87C51/C52 OTP Microcontrollers
More results

Similar Description - TSC87C52-L16CAB

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TSC87C51 TEMIC-TSC87C51 Datasheet
157Kb / 23P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
TSC87C51 TEMIC-TSC87C51 Datasheet
170Kb / 22P
   CMOS 0 to 25 MHz Programmable 8-bit Microcontroller
logo
ATMEL Corporation
T89C51RD2 ATMEL-T89C51RD2_03 Datasheet
1Mb / 104P
   0 to 40 MHz Flash Programmable 8-bit Microcontroller
logo
TEMIC Semiconductors
TS80C32X2 TEMIC-TS80C32X2 Datasheet
286Kb / 56P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C52X2 TEMIC-TS80C52X2 Datasheet
626Kb / 54P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C54X2 TEMIC-TS80C54X2 Datasheet
288Kb / 58P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C31X2 TEMIC-TS80C31X2 Datasheet
484Kb / 40P
   8-bit CMOS Microcontroller 0-60 MHz
80C154 TEMIC-80C154 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
80C32 TEMIC-80C32 Datasheet
229Kb / 20P
   CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller
TSC80C31 TEMIC-TSC80C31 Datasheet
205Kb / 19P
   CMOS 0 to 44 MHz Single-Chip 8 Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com