Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JQX-14FF601HQC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # JQX-14FF601HQC
Description  Single-Pole, 10A, PC Borad & QC terminal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

JQX-14FF601HQC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  JQX-14FF601HQC Datasheet HTML 1Page - List of Unclassifed Manufacturers JQX-14FF601HQC Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
  


    


        




 •   
 •     
 •        
 •!"#$!%&'()*
 •ÜV &%+,+-+,
  

!
!
!
!
  !
!
!
!
  


 
    
! "#
     
!$% &  '(#)
"
   !
*  +
  ,
-     
- .  
"# 
# 
    &% / )
 ''#01#
#"
 #  2-
    
#
& "%'3")
!$% - , * 
'"#01#
.  &  % # %)
"
!$% - , 

  &  % # %)
"
!$% - , . -
''#014
5+
678 9(
2 .
(  9:
;  
0
</0< 
 '::01#
0(5 '"#
015 '"#
, =
 
 *
0
ÜV 
 '"#01#
#2   
%"  ""5>
! , 
3 & 7 .0,)
 
  
< -,
.. $% 7
?$. 
/@ %
. 
?  
3 & 7 .0,)
   
  <
!
 
   . -
%""4
 !
!
!
!

 
# 
#
 =.
# 
#
 . 
# 
#
!$%  -2
#  #
&  ' ° )
   
  A ± 8
1
'%'"
%1
1%6
:
"
1%:"
%"
B%"
(:
B
(%"
%B
:%7
B7
6
B%:"
%6
%:
B
'
6%
%'
"%B
':"
7
1%"
%7
'1%(
B"
'(
7%
'%(
1 %'
(7
1B%
(%7
B'%(
( :
B
("%
B%
:7
:
"#
4, C . =. * D:"8 @   *  .    -%




Similar Part No. - JQX-14FF601HQC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JQX-14FF ETC-JQX-14FF Datasheet
92Kb / 2P
   MINIATURE HIGH POWER RELAY
JQX-14FF/121H ETC-JQX-14FF/121H Datasheet
92Kb / 2P
   MINIATURE HIGH POWER RELAY
JQX-14FF/121HS ETC-JQX-14FF/121HS Datasheet
92Kb / 2P
   MINIATURE HIGH POWER RELAY
JQX-14FF/121Z ETC-JQX-14FF/121Z Datasheet
92Kb / 2P
   MINIATURE HIGH POWER RELAY
JQX-14FF/121ZS ETC-JQX-14FF/121ZS Datasheet
92Kb / 2P
   MINIATURE HIGH POWER RELAY
More results

Similar Description - JQX-14FF601HQC

ManufacturerPart #DatasheetDescription
logo
Ningbo Tianbo Ganglian ...
HJQ-15F-3 TIANBO-HJQ-15F-3 Datasheet
1Mb / 3P
   QC&PC terminals
logo
List of Unclassifed Man...
JQX-140FF ETC1-JQX-140FF Datasheet
110Kb / 2P
   DOUBLE-POLE, 10A, PC BOARD
logo
Ningbo Tianbo Ganglian ...
HJQ-15F-4 TIANBO-HJQ-15F-4 Datasheet
1Mb / 3P
   QC&PC terminals
logo
List of Unclassifed Man...
L167-B ETC2-L167-B Datasheet
181Kb / 2P
   10A 250Vac Single Double Pole
logo
Omron Electronics LLC
G5LE OMRON-G5LE_V01 Datasheet
137Kb / 4P
   Cubic, Single-pole 10A Power Relay
logo
List of Unclassifed Man...
JQX-14FW ETC1-JQX-14FW Datasheet
109Kb / 2P
   Single-Pole, 20A, PC Board
JQX-105F-2 ETC1-JQX-105F-2 Datasheet
107Kb / 2P
   30A 1 POLE PCB&QC Terminals
logo
PowerDynamics, Inc
PD-15-1X POWERDYNAMICS-PD-15-1X Datasheet
56Kb / 1P
   NORTH AMERICAN NEMA 5-15R; SINGLE SOCKET, QC CONNECT TERMINAL
logo
List of Unclassifed Man...
G5LA1ECF12DC ETC2-G5LA1ECF12DC Datasheet
176Kb / 5P
   A Cubic, Single-pole 10A Power Relay
logo
Omron Electronics LLC
G5LA14CFDC24 OMRON-G5LA14CFDC24 Datasheet
555Kb / 5P
   A Cubic, Single-pole 10A Power Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com