Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMD1210P010TS Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SMD1210P010TS
Description  UL 1434 1st Edition CSA C22.2 No. 0 CSA TIL No. CA-3A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SMD1210P010TS Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SMD1210P010TS Datasheet HTML 1Page - List of Unclassifed Manufacturers SMD1210P010TS Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
040614
WebSite
Europe Tel: +49 2302 662-107
Americas Tel: +1 404 699-7820
Asia Tel: +852 26 14-1108
China Tel: +86 21 6432-5146
www.wickmanngroup.com E-mail: sales@wickmann.com
E-mail: service@wickmannusa.com E-mail: sales@wickmann.com.hk E-mail: sales@wickmann.cn
A: SMD1210P005TS/TF
B: SMD1210P010TS/TF
C: SMD1210P020TS/TF
D: SMD1210P035TS/TF
E: SMD1210P050TS/TF
F: SMD1210P075TS/TF
G: SMD1210P110TS/TF
H: SMD1210P150TS/TF
Thermal Derating Chart
Model
Ambient Operation Temperature - I
hold (A)
-40 °C
-20 °C
0 °C
23 °C
40 °C
50 °C
60 °C
70 °C
85 °C
SMD1210P005TS/TF
0.08
0.07
0.06
0.05
0.04
0.04
0.03
0.03
0.02
SMD1210P010TS/TF
0.16
0.14
0.12
0.10
0.08
0.07
0.06
0.05
0.03
SMD1210P020TS/TF
0.29
0.26
0.22
0.20
0.16
0.14
0.13
0.11
0.08
SMD1210P035TS/TF
0.47
0.45
0.40
0.35
0.33
0.28
0.24
0.21
0.18
SMD1210P050TS/TF
0.76
0.67
0.58
0.50
0.43
0.40
0.36
0.32
0.28
SMD1210P075TS/TF
1.00
0.97
0.86
0.75
0.64
0.59
0.54
0.48
0.40
SMD1210P110TS/TF
1.69
1.48
1.29
1.10
0.88
0.76
0.65
0.57
0.43
SMD1210P150TS/TF
2.13
1.92
1.71
1.50
1.26
1.14
1.01
0.89
0.71
0.10
1.00
10.00
Fault Current (Amp.)
0.01
0.10
1.00
10.00
100.00
A
B
C
D
E
F
G
H
POLYFUSE® RESETTABLE FUSES
SMD1210


Similar Part No. - SMD1210P010TS

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SMD1210P010TF LEIDITECH-SMD1210P010TF Datasheet
1Mb / 6P
   Positive Thermal Coefficent Diodes
More results

Similar Description - SMD1210P010TS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L34S1T5D15 ETC2-L34S1T5D15 Datasheet
606Kb / 3P
   UL508,CSA C22.2 No14?멥겗?⒴릦?ャ겇?꾠겍 According to UL508 standard and CSA C22.2 No.14 standard
HK274-73-XPB1 ETC2-HK274-73-XPB1 Datasheet
75Kb / 1P
   Certifications UL, CSA
RJ11-6N-B ETC1-RJ11-6N-B Datasheet
41Kb / 1P
   UL Recognized CSA Certified
logo
Marathon Special Produc...
885RZXX MARATHON-885RZXX Datasheet
250Kb / 3P
   600V per UL 1059 & CSA 22.2 No.158, class B & C requirements
REV-C 07/13/2020
logo
List of Unclassifed Man...
ZUS252412 ETC2-ZUS252412 Datasheet
133Kb / 3P
   UL recognized, TV approved, CSA certified
ZUW152415 ETC2-ZUW152415 Datasheet
136Kb / 3P
   UL recognized, TV approved, CSA certified
ZUS152405 ETC2-ZUS152405 Datasheet
137Kb / 3P
   UL recognized, TV approved, CSA certified
ZUS102405 ETC2-ZUS102405 Datasheet
138Kb / 3P
   UL recognized, TV approved, CSA certified
ZUW1R50515 ETC2-ZUW1R50515 Datasheet
138Kb / 3P
   UL recognized, TV approved, CSA certified
ZUS252405 ETC2-ZUS252405 Datasheet
133Kb / 3P
   UL recognized, TV approved, CSA certified
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com