Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


AZ324 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part No. AZ324
Description  LOW POWER QUAD OPERATIONAL AMPLIFIERS
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 6 page
background image
LOW POWER QUAD OPERATIONAL AMPLIFIERS
AZ324
6
Issue Date: Jan. 2003
Advanced Analog Circuits
Data Sheet
Rev. 1.0
Typical Characteristics (Continued)
Figure 11. Large Signal Frequency Response
Figure 12. Output Characteristics Current Sourcing
Figure 13. Output Characteristics Current Sinking
Figure 14. Current Limiting
1K
10K
100K
1000K
0
5
10
15
20
Figure 10. Voltage Follower Pulse Response
(Small Signal)
-40
-20
0
20
40
60
80
0
10
20
30
40
50
60
70
80
90
100
f - FREQUENCY (Hz)
TA - TEMPERATURE (oC)
R
2K
R 100K
R 1K
V
IN
+7V
DC
V
O
+15
V
DC
I
O
t - TIME (uS)
50pF
V
IN
V
OUT
400
010
20
30
40
50
300
250
350
450
500
550
600
1E-3
0.01
0.1
1
10
100
0.01
0.1
1
10
T
A = 25
oC
IO - OUTPUT SINK CURRENT (mADC)
V
CC/2
Vo
V
CC
I
O
V
CC
= 1 5 V
V
CC = 5 V
1E-3
0.01
0.1
1
10
100
1
2
3
4
5
6
7
8
INDEPENDENT OF V
CC, TA = 25
oC
IO - OUTPUT SOURCE CURRENT (mADC)
Vo
V
CC
I
O
V
CC/2
TA = 25oC
VCC = 15V




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TS27M4CPRECISION LOW POWER CMOS QUAD OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreSTMicroelectronics
LM124ALow Power Quad Operational Amplifiers 1 2 3 4 5 MoreNational Semiconductor (TI)
MC3303LOW POWER QUAD BIPOLAR OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreSTMicroelectronics
TL064LOW POWER J-FET QUAD OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreSTMicroelectronics
OP282Dual/Quad Low Power High Speed JFET Operational Amplifiers 1 2 3 4 5 MoreAnalog Devices
LM124LOW POWER QUAD OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreSTMicroelectronics
LM124ALOW POWER QUAD OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreSTMicroelectronics
MC33174-MC35174LOW POWER QUAD BIPOLAR OPERATIONAL AMPLIFIERS 1 2 3 4 5 STMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl