Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

222203736102 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 222203736102
Description  Aluminum Capacitors Radial Standard Miniature
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

222203736102 Datasheet(HTML) 5 Page - Vishay Siliconix

  222203736102 Datasheet HTML 1Page - Vishay Siliconix 222203736102 Datasheet HTML 2Page - Vishay Siliconix 222203736102 Datasheet HTML 3Page - Vishay Siliconix 222203736102 Datasheet HTML 4Page - Vishay Siliconix 222203736102 Datasheet HTML 5Page - Vishay Siliconix 222203736102 Datasheet HTML 6Page - Vishay Siliconix 222203736102 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.vishay.com
For technical questions contact: aluminumcaps1@vishay.com
Document Number: 28310
106
Revision: 16-Nov-05
037 RSM
Vishay BCcomponents
Aluminum Capacitors
Radial Standard Miniature
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage
Us ≤ 1.15 × UR
Reverse voltage
Urev ≤ 1V
Current
Leakage current
after 1 minute at UR
IL1 ≤ 0.01 CR × UR +3 µA
after 5 minutes at UR
IL5 ≤ 0.002 CR × UR +3µA
Inductance
Equivalent series inductance (ESL)
case
∅D ≤ 8 mm
typ. 13 nH
case
∅D = 10 mm
typ. 16 nH
case
∅D ≥ 12.5 mm
typ. 18 nH
Resistance
Equivalent series resistance (ESR)
calculated from tan
δ
max and CR (see Table 2)
ESR = tan
δ / 2πfC
R
CAPACITANCE (C)
Fig.6 Typical multiplier of capacitance as a function of
ambient temperature.
Curve1: 6.3V.
Curve 2: 100 V.
C0 = capacitance at 20 °C, 100Hz.
Fig.7 Typical multiplier of capacitance as a function of
frequency.
Curve 1: 100 V.
Curve2: 6.3V.
C0 = capacitance at 20 °C, 100Hz.
Tamb = 20 °C.
IMPEDANCE (Z)
Fig.8 Typical impedance as a function of frequency.
Curve 1: 100 µF; 63 V.
Curve 2: 220 µF; 63 V.
Curve 3: 470 µF; 50 V.
Curve 4: 1000 µF; 35 V.
Curve 5: 2200 µF; 25 V.
Curve 6: 4700 µF; 16 V.
Tamb = 20 °C.


Similar Part No. - 222203736102

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
222203851101 VISHAY-222203851101 Datasheet
116Kb / 7P
   Aluminum Capacitors Radial Standard Ultra Miniature
Revision: 05-May-08
More results

Similar Description - 222203736102

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
037RSM VISHAY-037RSM_08 Datasheet
114Kb / 7P
   Aluminum Capacitors Radial Standard Miniature
Revision: 14-Nov-07
038RSU VISHAY-038RSU Datasheet
133Kb / 7P
   Aluminum Capacitors Radial Standard Ultra Miniature
Revision: 05-May-08
222203851101 VISHAY-222203851101 Datasheet
116Kb / 7P
   Aluminum Capacitors Radial Standard Ultra Miniature
Revision: 05-May-08
038RSU VISHAY-038RSU_12 Datasheet
124Kb / 7P
   Aluminum Capacitors Radial Standard Ultra Miniature
Revision: 14-Mar-12
038RSU VISHAY-038RSU_17 Datasheet
133Kb / 8P
   Aluminum Electrolytic Capacitors Radial Standard Ultra Miniature
Revision: 28-Feb-17
038RSU VISHAY-038RSU_V01 Datasheet
112Kb / 8P
   Aluminum Electrolytic Capacitors Radial Standard Ultra Miniature
01-Jan-2023
021ASM VISHAY-021ASM_12 Datasheet
204Kb / 8P
   Aluminum Capacitors Axial Standard Miniature
Revision: 24-Oct-12
021ASM VISHAY-021ASM Datasheet
117Kb / 8P
   Aluminum Capacitors Axial Standard Miniature
Revision: 24-Oct-12
222202115222 VISHAY-222202115222 Datasheet
204Kb / 8P
   Aluminum Capacitors Axial Standard Miniature
Revision: 24-Oct-12
048RML VISHAY-048RML Datasheet
111Kb / 8P
   Aluminum Capacitors Radial Miniature Long Life
Revision: 05-May-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com