Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI49FCT3803L Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI49FCT3803L
Description  1:5/1:7 Clock Buffer for Networking Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI49FCT3803L Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI49FCT3803L Datasheet HTML 1Page - Pericom Semiconductor Corporation PI49FCT3803L Datasheet HTML 2Page - Pericom Semiconductor Corporation PI49FCT3803L Datasheet HTML 3Page - Pericom Semiconductor Corporation PI49FCT3803L Datasheet HTML 4Page - Pericom Semiconductor Corporation PI49FCT3803L Datasheet HTML 5Page - Pericom Semiconductor Corporation PI49FCT3803L Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
PS8559A
09/14/04
Block Diagram (PI49FCT3802)
Features
• High Frequency >156 MHz
• High-speed, low-noise, non-inverting buffer
- PI49FCT3802 is 1:5 buffer
- PI49FCT3803 is 1:7 buffer
• Low-skew (<250ps) between any two output clocks
• Low duty cycle distortion <250ps
• Low propagation delay <2.5ns
• 5V Tolerant input
• Multiple VDD, GND pins for noise reduction
• 3.3V supply voltage
• Packaging (Pb-free & Green available):
- 16-pin TSSOP (L)
- 16-pin QSOP (Q)
1:5/1:7 Clock Buffer
for Networking Applications
PI49FCT3802/PI49FCT3803
Description
The PI49FCT380x is a 3.3V compatible, high-speed, low-noise
non-inverting clock buffer. The key goal in designing the
PI6C380x is to target networking applications that require low-
skew, low-jitter, and high-frequency clock distribution. Providing
output-to-output skew as low as 250ps, the PI49FCT380x is an
ideal clock distribution device for synchronous systems. Designing
synchronousnetworkingsystemsrequiresatightlevelofskewfrom
a large number of outputs.
CLK4
CLK2
CLK1
CLK0
BUF_IN
CLK3
1
2
3
VDD
4
CLK1
5
CLK0
6
NC
7
VDD
8
GND
VDD
CLK3
GND
VDD
NC
GND
16
15
14
13
12
11
10
9
BUF_IN
GND
CLK2
CLK4
Pin Configuration (PI49FCT3802)
16-Pin
L, Q
Block Diagram (PI49FCT3803)
CLK6
CLK2
CLK1
CLK0
BUF_IN
CLK3
1
2
3
VDD
4
CLK1
5
CLK0
6
CLK2
7
VDD
8
GND
VDD
CLK5
GND
VDD
CLK3
GND
16
15
14
13
12
11
10
9
BUF_IN
GND
CLK4
CLK6
Pin Configuration (PI49FCT3803)
16-Pin
L, Q
Pin Description
Pin Name
Description
3802
3803
BUF_IN
CLK[0:4]
GND
VDD
BUF_IN
CLK[0:4]
GND
VDD
Input
Outputs
GND
Power


Similar Part No. - PI49FCT3803L

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI49FCT3804 PERICOM-PI49FCT3804 Datasheet
170Kb / 7P
   3.3V Fast CMOS Buffer/Clock Driver
PI49FCT3804AS PERICOM-PI49FCT3804AS Datasheet
170Kb / 7P
   3.3V Fast CMOS Buffer/Clock Driver
PI49FCT3804ASE PERICOM-PI49FCT3804ASE Datasheet
170Kb / 7P
   3.3V Fast CMOS Buffer/Clock Driver
PI49FCT3804S PERICOM-PI49FCT3804S Datasheet
170Kb / 7P
   3.3V Fast CMOS Buffer/Clock Driver
PI49FCT3804SE PERICOM-PI49FCT3804SE Datasheet
170Kb / 7P
   3.3V Fast CMOS Buffer/Clock Driver
More results

Similar Description - PI49FCT3803L

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI49FCT20802 PERICOM-PI49FCT20802_11 Datasheet
749Kb / 7P
   1:5/1:7 2.5V Clock Buffer for Networking Applications
PI49FCT20802 PERICOM-PI49FCT20802 Datasheet
161Kb / 7P
   1:5/1:7 2.5V Clock Buffer for Networking Applications
PI49FCT20802QEX PERICOM-PI49FCT20802QEX Datasheet
585Kb / 7P
   1:5/1:7 2.5V Clock Buffer for Networking Applications
PI49FCT3807D PERICOM-PI49FCT3807D Datasheet
448Kb / 6P
   1-10 Clock Buffer for Networking Applications
PI49FCT20807 PERICOM-PI49FCT20807 Datasheet
163Kb / 6P
   1-10 Clock Buffer for Networking Applications
PI49FCT20807 PERICOM-PI49FCT20807_14 Datasheet
326Kb / 6P
   1-10 Clock Buffer for Networking Applications
PI6C185-02B PERICOM-PI6C185-02B Datasheet
285Kb / 6P
   Precision 1-7 Clock Buffer
PI6C185-00 PERICOM-PI6C185-00 Datasheet
398Kb / 7P
   Precision 1-7 Clock Buffer
PI6C10807 PERICOM-PI6C10807 Datasheet
355Kb / 7P
   1.8V/2.5V, 250MHz, 1:10 Networking Clock Buffer
PI6C10804 PERICOM-PI6C10804 Datasheet
517Kb / 6P
   1.8V/2.5V, 250MHz, 1:4 Networking Clock Buffer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com