Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX29LV640MTXEI-90G Datasheet(PDF) 7 Page - Macronix International

Part # MX29LV640MTXEI-90G
Description  64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29LV640MTXEI-90G Datasheet(HTML) 7 Page - Macronix International

Back Button MX29LV640MTXEI-90G Datasheet HTML 3Page - Macronix International MX29LV640MTXEI-90G Datasheet HTML 4Page - Macronix International MX29LV640MTXEI-90G Datasheet HTML 5Page - Macronix International MX29LV640MTXEI-90G Datasheet HTML 6Page - Macronix International MX29LV640MTXEI-90G Datasheet HTML 7Page - Macronix International MX29LV640MTXEI-90G Datasheet HTML 8Page - Macronix International MX29LV640MTXEI-90G Datasheet HTML 9Page - Macronix International MX29LV640MTXEI-90G Datasheet HTML 10Page - Macronix International MX29LV640MTXEI-90G Datasheet HTML 11Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 74 page
background image
7
P/N:PM1079
REV. 1.2, FEB. 27, 2006
MX29LV640MT/B
Sector
Sector
Sector Address
Sector Size
(x8)
(x16)
Group
A21-A12
(Kbytes/Kwords)
Address Range
Address Range
11
SA40
0101000xxx
64/32
280000h-28FFFFh
140000h-147FFFh
11
SA41
0101001xxx
64/32
290000h-29FFFFh
148000h-14FFFFh
11
SA42
0101010xxx
64/32
2A0000h-2AFFFFh
150000h-157FFFh
11
SA43
0101011xxx
64/32
2B0000h-2BFFFFh
158000h-15FFFFh
12
SA44
0101100xxx
64/32
2C0000h-2CFFFFh
160000h-167FFFh
12
SA45
0101101xxx
64/32
2D0000h-2DFFFFh
168000h-16FFFFh
12
SA46
0101110xxx
64/32
2E0000h-2EFFFFh
170000h-177FFFh
12
SA47
0101111xxx
64/32
2F0000h-2FFFFFh
178000h-17FFFFh
13
SA48
0110000xxx
64/32
300000h-30FFFFh
180000h-187FFFh
13
SA49
0110001xxx
64/32
310000h-31FFFFh
188000h-18FFFFh
13
SA50
0110010xxx
64/32
320000h-32FFFFh
190000h-197FFFh
13
SA51
0110011xxx
64/32
330000h-33FFFFh
198000h-19FFFFh
14
SA52
0110100xxx
64/32
340000h-34FFFFh
1A0000h-1A7FFFh
14
SA53
0110101xxx
64/32
350000h-35FFFFh
1A8000h-1AFFFFh
14
SA54
0110110xxx
64/32
360000h-36FFFFh
1B0000h-1B7FFFh
14
SA55
0110111xxx
64/32
370000h-37FFFFh
1B8000h-1BFFFFh
15
SA56
0111000xxx
64/32
380000h-38FFFFh
1C0000h-1C7FFFh
15
SA57
0111001xxx
64/32
390000h-39FFFFh
1C8000h-1CFFFFh
15
SA58
0111010xxx
64/32
3A0000h-3AFFFFh
1D0000h-1D7FFFh
15
SA59
0111011xxx
64/32
3B0000h-3BFFFFh
1D8000h-1DFFFFh
16
SA60
0111100xxx
64/32
3C0000h-3CFFFFh
1E0000h-1E7FFFh
16
SA61
0111101xxx
64/32
3D0000h-3DFFFFh
1E8000h-1EFFFFh
16
SA62
0111110xxx
64/32
3E0000h-3EFFFFh
1F0000h-1F7FFFh
16
SA63
0111111xxx
64/32
3F0000h-3FFFFFh
1F8000h-1FFFFFh
17
SA64
1000000xxx
64/32
400000h-40FFFFh
200000h-207FFFh
17
SA65
1000001xxx
64/32
410000h-41FFFFh
208000h-20FFFFh
17
SA66
1000010xxx
64/32
420000h-42FFFFh
210000h-217FFFh
17
SA67
1000011xxx
64/32
430000h-43FFFFh
218000h-21FFFFh
18
SA68
1000100xxx
64/32
440000h-44FFFFh
220000h-227FFFh
18
SA69
1000101xxx
64/32
450000h-45FFFFh
228000h-22FFFFh
18
SA70
1000110xxx
64/32
460000h-46FFFFh
230000h-237FFFh
18
SA71
1000111xxx
64/32
470000h-47FFFFh
238000h-23FFFFh
19
SA72
1001000xxx
64/32
480000h-48FFFFh
240000h-247FFFh
19
SA73
1001001xxx
64/32
490000h-49FFFFh
248000h-24FFFFh
19
SA74
1001010xxx
64/32
4A0000h-4AFFFFh
250000h-257FFFh
19
SA75
1001011xxx
64/32
4B0000h-4BFFFFh
258000h-25FFFFh
20
SA76
1001100xxx
64/32
4C0000h-4CFFFFh
260000h-267FFFh
20
SA77
1001101xxx
64/32
4D0000h-4DFFFFh
268000h-26FFFFh
20
SA78
1001110xxx
64/32
4E0000h-4EFFFFh
270000h-277FFFh
20
SA79
1001111xxx
64/32
4F0000h-4FFFFFh
278000h-27FFFFh


Similar Part No. - MX29LV640MTXEI-90G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV640MHTC-90 MCNIX-MX29LV640MHTC-90 Datasheet
539Kb / 70P
   64M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV640MHTI-90 MCNIX-MX29LV640MHTI-90 Datasheet
539Kb / 70P
   64M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV640MLTC-90 MCNIX-MX29LV640MLTC-90 Datasheet
539Kb / 70P
   64M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV640MLTI-90 MCNIX-MX29LV640MLTI-90 Datasheet
539Kb / 70P
   64M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
More results

Similar Description - MX29LV640MTXEI-90G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV640BT MCNIX-MX29LV640BT Datasheet
502Kb / 69P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640T MCNIX-MX29LV640T Datasheet
1Mb / 70P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640E MCNIX-MX29LV640E_14 Datasheet
1Mb / 65P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640E MCNIX-MX29LV640E Datasheet
728Kb / 61P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V
MX29LV640D MCNIX-MX29LV640D Datasheet
798Kb / 62P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V
MX29LV128D MCNIX-MX29LV128D Datasheet
886Kb / 73P
   128M-BIT [16M x 8/8M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LA32XMT MCNIX-MX29LA32XMT Datasheet
913Kb / 72P
   32M-BIT [4M x 8/2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV320MTB MCNIX-MX29LV320MTB Datasheet
984Kb / 71P
   32M-BIT [4M x 8/2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV320AT MCNIX-MX29LV320AT Datasheet
603Kb / 60P
   32M-BIT [4M x 8 / 2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV320T MCNIX-MX29LV320T Datasheet
949Kb / 63P
   32 BIT 4M X 8 / 2M X 16 ] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com