Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX29LV640MTTC-90G Datasheet(PDF) 35 Page - Macronix International

Part # MX29LV640MTTC-90G
Description  64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29LV640MTTC-90G Datasheet(HTML) 35 Page - Macronix International

Back Button MX29LV640MTTC-90G Datasheet HTML 31Page - Macronix International MX29LV640MTTC-90G Datasheet HTML 32Page - Macronix International MX29LV640MTTC-90G Datasheet HTML 33Page - Macronix International MX29LV640MTTC-90G Datasheet HTML 34Page - Macronix International MX29LV640MTTC-90G Datasheet HTML 35Page - Macronix International MX29LV640MTTC-90G Datasheet HTML 36Page - Macronix International MX29LV640MTTC-90G Datasheet HTML 37Page - Macronix International MX29LV640MTTC-90G Datasheet HTML 38Page - Macronix International MX29LV640MTTC-90G Datasheet HTML 39Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 74 page
background image
35
P/N:PM1079
REV. 1.2, FEB. 27, 2006
MX29LV640MT/B
Notes:
1. On the WP#/ACC pin only, the maximum input load current when WP# = VIL is
±5.0uA.
2. Maximum ICC specifications are tested with VCC = VCC max.
3. The ICC current listed is typically is less than 2 mA/MHz, with OE# at VIH. Typical specifications are for VCC =
3.0V.
4. ICC active while Embedded Erase or Embedded Program is in progress.
5. Automatic sleep mode enables the low power mode when addresses remain stable for t ACC + 30 ns.
6. Not 100% tested.
7. A9=12.5V when TA=0
° C to 85° C, A9=12V when TA=-40° C to 0° C.
DC CHARACTERISTICS
TA=-40
°°°°° C to 85°°°°° C, VCC=2.7V~3.6V
Para-
meter Description
Test Conditions
Min.
Typ.
Max.
Unit
I LI
Input Load Current (Note 1)
VIN = VSS to VCC ,
±1.0
uA
VCC = VCC max
I LIT
A9 Input Leakage Current
VCC=VCC max (Note 7)
35
uA
I LO
Output Leakage Current
VOUT = VSS to VCC ,
±1.0
uA
VCC= VCC max
ICC1
VCC Initial Read Current
CE#= VIL,
10 MHz
35
50
mA
(Notes 2,3)
OE# = VIH
5 MHz
18
25
mA
1 MHz
5
20
mA
ICC2
VCC Intra-Page Read
CE#= VIL ,
10 MHz
5
20
mA
Current (Notes 2,3)
OE# = VIH
40 MHz
10
40
mA
ICC3
VCC Active Write Current
CE#= VIL , OE# = VIH
50
60
mA
(Notes 2,4,6)
ICC4
VCC Standby Current
CE#,RESET#=VCC
±0.3V
20
50
uA
(Note 2)
WP#=VIH
ICC5
VCC Reset Current
RESET#=VSS
±0.3V
20
50
uA
(Note 2)
WP#=VIH
ICC6
Automatic Sleep Mode
VIL = V SS
± 0.3 V,
20
50
uA
(Note 2,5)
VIH = VCC
± 0.3 V,
WP#=VIH
VIL
Input Low Voltage
-0.5
0.8
V
VIH
Input High Voltage
0.7xVCC
VCC+0.5
V
VHH
Voltage for ACC Program
VCC = 2.7V ~ 3.6V
11.5
12.0
12.5
V
Acceleration
VID
Voltage for Autoselect and
VCC = 3.0 V
± 10%
11.5
12.0
12.5
V
Temporary Sector Unprotect
VOL
Output Low Voltage
IOL= 4.0mA,VCC=VCC min
0.45
V
VOH1 Output High Voltage
IOH=-2.0mA,VCC=VCC min 0.85xVCC
V
VOH2
IOH=-100uA,VCC=VCC min
VCC-0.4
V
VLKO Low VCC Lock-Out Voltage
2.3
2.5
V
(Note 4)


Similar Part No. - MX29LV640MTTC-90G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV640MHTC-90 MCNIX-MX29LV640MHTC-90 Datasheet
539Kb / 70P
   64M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV640MHTI-90 MCNIX-MX29LV640MHTI-90 Datasheet
539Kb / 70P
   64M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV640MLTC-90 MCNIX-MX29LV640MLTC-90 Datasheet
539Kb / 70P
   64M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV640MLTI-90 MCNIX-MX29LV640MLTI-90 Datasheet
539Kb / 70P
   64M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
More results

Similar Description - MX29LV640MTTC-90G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV640BT MCNIX-MX29LV640BT Datasheet
502Kb / 69P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640T MCNIX-MX29LV640T Datasheet
1Mb / 70P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640E MCNIX-MX29LV640E_14 Datasheet
1Mb / 65P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640E MCNIX-MX29LV640E Datasheet
728Kb / 61P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V
MX29LV640D MCNIX-MX29LV640D Datasheet
798Kb / 62P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V
MX29LV128D MCNIX-MX29LV128D Datasheet
886Kb / 73P
   128M-BIT [16M x 8/8M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LA32XMT MCNIX-MX29LA32XMT Datasheet
913Kb / 72P
   32M-BIT [4M x 8/2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV320MTB MCNIX-MX29LV320MTB Datasheet
984Kb / 71P
   32M-BIT [4M x 8/2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV320AT MCNIX-MX29LV320AT Datasheet
603Kb / 60P
   32M-BIT [4M x 8 / 2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV320T MCNIX-MX29LV320T Datasheet
949Kb / 63P
   32 BIT 4M X 8 / 2M X 16 ] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com